Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7473ARQZ-REEL Datasheet(PDF) 8 Page - ON Semiconductor

Part # ADT7473ARQZ-REEL
Description  dBCOOL Remote Thermal Monitor and Fan Control
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7473ARQZ-REEL Datasheet(HTML) 8 Page - ON Semiconductor

Back Button ADT7473ARQZ-REEL Datasheet HTML 4Page - ON Semiconductor ADT7473ARQZ-REEL Datasheet HTML 5Page - ON Semiconductor ADT7473ARQZ-REEL Datasheet HTML 6Page - ON Semiconductor ADT7473ARQZ-REEL Datasheet HTML 7Page - ON Semiconductor ADT7473ARQZ-REEL Datasheet HTML 8Page - ON Semiconductor ADT7473ARQZ-REEL Datasheet HTML 9Page - ON Semiconductor ADT7473ARQZ-REEL Datasheet HTML 10Page - ON Semiconductor ADT7473ARQZ-REEL Datasheet HTML 11Page - ON Semiconductor ADT7473ARQZ-REEL Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
ADT7473
http://onsemi.com
8
Product Description
The ADT7473/ADT7473−1 is a complete thermal
monitor and multiple fan controller for any system requiring
thermal monitoring and cooling. The device communicates
with the system via a serial system management bus. The
serial bus controller has a serial data line for reading and
writing addresses and data (Pin 16), and an input line for the
serial clock (Pin 1). All control and programming functions
for the ADT7473/ADT7473−1 are performed over the serial
bus. Additionally, a pin can be reconfigured as an
SMBALERT output to signal out−of−limit conditions.
Table 1 illustrates the differences between the ADT7473
and the ADT7473−1.
Table 1. ADT7473/ADT7473−1 Device Comparison
Feature
ADT7473
ADT7473−1
Pin 5
Default:
PWM2
Default:
THERM_LATCH
SMBus Address
Fixed
Address
Address selectable
Remote Ch. 2
Therm Limit
= 100°C
= 136°C
Register 0x30,
0x31, 0x32
Default:
0x00
Default: 0xFF
Register 0x3F
Revision Reg
Default:
0x68
Default: 0x69
Register 0x40, Bit 7
Reserved
(R/W) 1 = Reset Latch
(lockable)
Register 0x42, Bit 0
Reserved
(Read−only)
1 = THERM
Limit Latched
Registers 0x5C,
0x5D, 0x5E
Default:
0x82
Default: 0x62
Register 0x7C, Bit 4
Reserved
THERM Output
Hysteresis
Register 0x7D, Bit 4
Reserved
THERM_LATCH
Configuration
0 = Remote Channel 2
1 = Remote Channel 1
and Remote Channel 2
Comparison Between ADT7467 and
ADT7473/ADT7473−1
The following list shows some comparisons between the
ADT7467 and the ADT7473/ADT7473−1:
The ADT7473/ADT7473−1 can be powered via a
3.3 V supply only, and does not support 5.0 V
operation, while the ADT7467 does. Violating this
specification results in irreversible damage to the
ADT7473/ADT7473−1. See the Specifications section
for more information.
A high frequency PWM drive can be independently
selected for each PWM channel on the
ADT7473/ADT7473−1. This is not available on the
ADT7467.
The range and resolution of the temperature offset
register can be changed from a
±64°C range at 0.5°C
resolution to a
±128°C range at 1°C resolution. This is
not available on the ADT7467.
THERM overtemperature events can be
disabled/enabled individually on each temperature
channel. This is not available on the ADT7467.
Bit 7 of Configuration Register 1 is no longer supported
because the ADT7473/ADT7473−1 cannot be powered
via a 5.0 V supply.
Bit 0 of Configuration Register 1 (0x40) remains
writable after the lock bit is set. This bit enables
monitoring.
2−wire fan speed measurement is not supported on the
ADT7473/ADT7473−1.
How to Set the Functionality of Pin 9
Pin 9 on the ADT7473/ADT7473−1 has four possible
functions: SMBALERT, THERM, GPIO, and TACH4. The
user chooses the required functionality by setting Bit 0 and
Bit 1 of Configuration Register 4 (0x7D).
Table 2. Pin 9 Settings
Bit 0
Bit 1
Function
0
0
TACH4
0
1
THERM
1
0
SMBALERT
1
1
GPIO
Recommended Implementation
Configuring the ADT7473 as shown in Figure 12 allows
the system designer to use the following features:
Two PWM outputs for fan control of up to three fans.
(The front and rear chassis fans are connected in
parallel.)
Three TACH fan speed measurement inputs.
VCC measured internally through Pin 3.
CPU temperature measured using Remote 1
temperature channel.
Ambient temperature measured through Remote 2
temperature channel.
Bidirectional THERM pin. This feature allows Intel
Pentium 4 PROCHOT monitoring and can function as
an overtemperature THERM output. It can alternatively
be programmed as an SMBALERT system interrupt
output.


Similar Part No. - ADT7473ARQZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7473ARQZ-REEL AD-ADT7473ARQZ-REEL Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7473ARQZ-REEL ONSEMI-ADT7473ARQZ-REEL Datasheet
627Kb / 73P
   Remote Thermal Monitor and Fan Control
April, 2015 ??Rev. 10
ADT7473ARQZ-REEL ONSEMI-ADT7473ARQZ-REEL Datasheet
624Kb / 73P
   Remote Thermal Monitor and Fan Control
November, 2016 ??Rev. 11
logo
Analog Devices
ADT7473ARQZ-REEL7 AD-ADT7473ARQZ-REEL7 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
More results

Similar Description - ADT7473ARQZ-REEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7473 ONSEMI-ADT7473_11 Datasheet
1Mb / 74P
   dbCOOL Remote Thermal Monitor and Fan Control
October, 2011 ??Rev. 7
logo
Analog Devices
ADT7467 AD-ADT7467 Datasheet
1Mb / 80P
   dBCool Remote Thermal Monitor and Fan Controller
REV. 0
logo
ON Semiconductor
ADT7475_1110 ONSEMI-ADT7475_1110 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
logo
Analog Devices
ADT7473 AD-ADT7473 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7460 ONSEMI-ADT7460 Datasheet
645Kb / 46P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2010 ??Rev. 5
ADT7475 ONSEMI-ADT7475 Datasheet
654Kb / 58P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2009 ??Rev. 4
ADT7467 ONSEMI-ADT7467 Datasheet
938Kb / 77P
   dBCool Remote Thermal Monitor and Fan Controller
January 2008 ??Rev. 3
logo
Analog Devices
ADT7475 AD-ADT7475 Datasheet
1Mb / 68P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7473 ONSEMI-ADT7473_16 Datasheet
624Kb / 73P
   Remote Thermal Monitor and Fan Control
November, 2016 ??Rev. 11
ADT7473 ONSEMI-ADT7473_15 Datasheet
627Kb / 73P
   Remote Thermal Monitor and Fan Control
April, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com