Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7482 Datasheet(PDF) 6 Page - ON Semiconductor

Part # ADT7482
Description  Dual Channel Temperature Sensor and Overtemperature Alarm
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7482 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button ADT7482 Datasheet HTML 2Page - ON Semiconductor ADT7482 Datasheet HTML 3Page - ON Semiconductor ADT7482 Datasheet HTML 4Page - ON Semiconductor ADT7482 Datasheet HTML 5Page - ON Semiconductor ADT7482 Datasheet HTML 6Page - ON Semiconductor ADT7482 Datasheet HTML 7Page - ON Semiconductor ADT7482 Datasheet HTML 8Page - ON Semiconductor ADT7482 Datasheet HTML 9Page - ON Semiconductor ADT7482 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADT7482
http://onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 9. Operating Supply Current vs. Voltage
Figure 10. Standby Supply Current vs. Voltage
Figure 11. Standby Supply Current vs. SCLK
Frequency
Figure 12. Temperature Error vs. Common−Mode
Noise Frequency
Figure 13. Temperature Error vs. Differential
Mode Noise Frequency
422
408
3.0
3.6
VDD (V)
420
418
416
414
412
410
3.1
3.2
3.3
3.4
3.5
DEV 3BC
DEV 2BC
DEV 4BC
4.4
3.0
3.0
3.6
VDD (V)
4.2
4.0
3.8
3.6
3.4
3.2
3.1
3.2
3.3
3.4
3.5
DEV 3
DEV 2
DEV 4
35
0
1
1000
FSCL (kHz)
30
25
20
15
10
5
10
100
DEV 2BC
DEV 3BC
DEV 4BC
0
5
10
15
25
100
200
300
400
500
600
NOISE FREQUENCY (MHz)
20mV
20
0
100mV
50mV
–10
0
20
40
80
100
200
300
400
500
600
NOISE FREQUENCY (MHz)
20mV
60
0
100mV
10
30
70
50
50mV
Figure 14. Temperature Error vs. Series Resistance
0
80
70
60
30
20
10
2500
TOTAL SERIES RESISTANCE ON D+/D− LINES (W)
0
500
1000
1500
2000
50
40


Similar Part No. - ADT7482

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7482 AD-ADT7482 Datasheet
543Kb / 24P
   Dual Channel Temperature Sensor and Overtemperature Alarm
REV. 0
ADT7482ARMZ AD-ADT7482ARMZ Datasheet
543Kb / 24P
   Dual Channel Temperature Sensor and Overtemperature Alarm
REV. 0
ADT7482ARMZ-REEL AD-ADT7482ARMZ-REEL Datasheet
543Kb / 24P
   Dual Channel Temperature Sensor and Overtemperature Alarm
REV. 0
More results

Similar Description - ADT7482

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7482 AD-ADT7482 Datasheet
543Kb / 24P
   Dual Channel Temperature Sensor and Overtemperature Alarm
REV. 0
logo
ON Semiconductor
ADT7481 ONSEMI-ADT7481 Datasheet
264Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
June, 2010 ??Rev. 5
ADT7481 ONSEMI-ADT7481_14 Datasheet
198Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
September, 2014 ??Rev. 8
logo
Analog Devices
ADT7481 AD-ADT7481 Datasheet
498Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
REV. 0
logo
ON Semiconductor
ADT7483A ONSEMI-ADT7483A Datasheet
316Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
February 2008 ??Rev. 1
logo
Analog Devices
ADT7483A AD-ADT7483A Datasheet
499Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
REV. 0
logo
ON Semiconductor
ADT7483A ONSEMI-ADT7483A_12 Datasheet
285Kb / 20P
   Dual Channel Temperature Sensor and Over Temperature Alarm
July, 2012 - Rev. 2
logo
Maxim Integrated Produc...
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642 MAXIM-MAX6642_V01 Datasheet
174Kb / 14P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
MAX6642 MAXIM-MAX6642_09 Datasheet
218Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com