Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7481ARMZ-001 Datasheet(PDF) 1 Page - ON Semiconductor

Part # ADT7481ARMZ-001
Description  Dual Channel Temperature Sensor and Overtemperature Alarm
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7481ARMZ-001 Datasheet(HTML) 1 Page - ON Semiconductor

  ADT7481ARMZ-001 Datasheet HTML 1Page - ON Semiconductor ADT7481ARMZ-001 Datasheet HTML 2Page - ON Semiconductor ADT7481ARMZ-001 Datasheet HTML 3Page - ON Semiconductor ADT7481ARMZ-001 Datasheet HTML 4Page - ON Semiconductor ADT7481ARMZ-001 Datasheet HTML 5Page - ON Semiconductor ADT7481ARMZ-001 Datasheet HTML 6Page - ON Semiconductor ADT7481ARMZ-001 Datasheet HTML 7Page - ON Semiconductor ADT7481ARMZ-001 Datasheet HTML 8Page - ON Semiconductor ADT7481ARMZ-001 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2010
June, 2010 − Rev. 5
1
Publication Order Number:
ADT7481/D
ADT7481
Dual Channel Temperature
Sensor and Overtemperature
Alarm
The ADT7481 is a 3−channel digital thermometer and under/ over
temperature alarm, intended for use in PCs and thermal management
systems. It can measure its own ambient temperature or the
temperature of two remote thermal diodes. These thermal diodes can
be located in a CPU or GPU, or they can be discrete diode connected
transistors. The ambient temperature, or the temperature of the remote
thermal diode, can be accurately measured to
±1°C. The temperature
measurement range defaults to 0
°C to +127°C, compatible with
ADM1032, but can be switched to a wider measurement range from
−64
°C to +191°C.
The ADT7481 communicates over a 2−wire serial interface
compatible with System Management Bus (SMBus) standards. The
SMBus address of the ADT7481 is 0x4C. An ADT7481−1 with an
SMBus address of 0x4B is also available.
An ALERT output signals when the on−chip or remote temperature
is outside the programmed limits. The THERM output is a comparator
output that allows, for example, on/off control of a cooling fan. The
ALERT output can be reconfigured as a second THERM output if
required.
Features
1 Local and 2 Remote Temperature Sensors
0.25°C Resolution/1°C Accuracy on Remote Channels
1°C Resolution/1°C Accuracy on Local Channel
Extended, Switchable Temperature Measurement Range
0
°C to 127°C (Default) or −64°C to +191°C
2−Wire SMBus Serial Interface with SMBus ALERT Support
Programmable Over/Undertemperature Limits
Offset Registers for System Calibration
Up to 2 Overtemperature Fail−Safe THERM Outputs
Small 10−Lead MSOP Package
240 mA Operating Current, 5 mA Standby Current
These are Pb−Free Devices
Applications
Desktop and Notebook Computers
Industrial Controllers
Smart Batteries
Automotive
Embedded Systems
Burn−In Applications
Instrumentation
MARKING DIAGRAM
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 19 of this data sheet.
ORDERING INFORMATION
MSOP−10
CASE 846AC
1
PIN ASSIGNMENT
ADT7481
VDD 1
D1+ 2
D1– 3
4
GND 5
10
9
8
7
6
ALERT/THERM2
THERM
SCLK
SDATA
D2+
D2−
T0x
AYWG
G
1
10
T0x = Refer to Ordering Info Table
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)


Similar Part No. - ADT7481ARMZ-001

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7481ARMZ-1 AD-ADT7481ARMZ-1 Datasheet
498Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
REV. 0
ADT7481ARMZ-1REEL AD-ADT7481ARMZ-1REEL Datasheet
498Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
REV. 0
ADT7481ARMZ-1REEL7 AD-ADT7481ARMZ-1REEL7 Datasheet
498Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
REV. 0
logo
ON Semiconductor
ADT7481ARMZ-1RL ONSEMI-ADT7481ARMZ-1RL Datasheet
198Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
September, 2014 ??Rev. 8
logo
Analog Devices
ADT7481ARMZ-REEL AD-ADT7481ARMZ-REEL Datasheet
498Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
REV. 0
More results

Similar Description - ADT7481ARMZ-001

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7482 AD-ADT7482 Datasheet
543Kb / 24P
   Dual Channel Temperature Sensor and Overtemperature Alarm
REV. 0
logo
ON Semiconductor
ADT7482 ONSEMI-ADT7482 Datasheet
262Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
December, 2009 ??Rev. 3
ADT7481 ONSEMI-ADT7481_14 Datasheet
198Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
September, 2014 ??Rev. 8
logo
Analog Devices
ADT7481 AD-ADT7481 Datasheet
498Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
REV. 0
logo
ON Semiconductor
ADT7483A ONSEMI-ADT7483A Datasheet
316Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
February 2008 ??Rev. 1
logo
Analog Devices
ADT7483A AD-ADT7483A Datasheet
499Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
REV. 0
logo
ON Semiconductor
ADT7483A ONSEMI-ADT7483A_12 Datasheet
285Kb / 20P
   Dual Channel Temperature Sensor and Over Temperature Alarm
July, 2012 - Rev. 2
logo
Maxim Integrated Produc...
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642 MAXIM-MAX6642_V01 Datasheet
174Kb / 14P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
MAX6642 MAXIM-MAX6642_09 Datasheet
218Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com