Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7485A Datasheet(PDF) 11 Page - ON Semiconductor

Part # ADT7485A
Description  Temperature Sensor and Voltage Monitor with Simple Serial Transport
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7485A Datasheet(HTML) 11 Page - ON Semiconductor

Back Button ADT7485A Datasheet HTML 4Page - ON Semiconductor ADT7485A Datasheet HTML 5Page - ON Semiconductor ADT7485A Datasheet HTML 6Page - ON Semiconductor ADT7485A Datasheet HTML 7Page - ON Semiconductor ADT7485A Datasheet HTML 8Page - ON Semiconductor ADT7485A Datasheet HTML 9Page - ON Semiconductor ADT7485A Datasheet HTML 10Page - ON Semiconductor ADT7485A Datasheet HTML 11Page - ON Semiconductor ADT7485A Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADT7485A
http://onsemi.com
11
Use wide tracks to minimize inductance and reduce
noise pickup. A 5 mil track minimum width and
spacing is recommended.
Figure 17. Arrangements of Signal Tracks
5mil
5mil
5mil
5mil
5mil
5mil
5mil
GND
D1+
GND
D1–
Try to minimize the number of copper/solder joints,
which can cause thermocouple effects. Where
copper/solder joints are used, make sure that they are in
both the D1+ and D1− paths and are at the same
temperature.
Thermocouple effects should not be a major problem
because 1
°C corresponds to about 240 mV, and
thermocouple voltages are about 3
mV/°C of the
temperature difference. Unless there are two
thermocouples with a big temperature differential
between them, thermocouple voltages should be much
less than 200 mV.
Place a 0.1 mF bypass capacitor close to the ADT7485A.
If the distance to the remote sensor is more than eight
inches, the use of a twisted pair cable is recommended.
This works for distances of about 6 feet to 12 feet.
For very long distances (up to 100 feet), use shielded
twisted pair cables, such as Belden #8451 microphone
cables. Connect the twisted pair cable to D+ and D−
and the shield to GND, close to the ADT7485A. Leave
the remote end of the shield unconnected to avoid
ground loops.
Because the measurement technique uses switched
current sources, excessive cable and/or filter capacitance
can affect the measurement. When using long cables, the
filter capacitor can be reduced or removed. Cable resistance
can also introduce errors. A 1
W series resistance introduces
about 0.5
°C error.
Temperature Offset
As CPUs run faster, it is more difficult to avoid high
frequency clocks when routing the D+ and D− tracks around
a system board. Even when the recommended layout
guidelines are followed, there may still be temperature
errors, attributed to noise being coupled onto the D+ and D−
lines. High frequency noise generally has the effect of
producing temperature measurements that are consistently
too high by a specific amount. The ADT7485A has
temperature offset command code of 0xe0 through which a
desired offset can be set. By doing a one−time calibration of
the system, the offset caused by system board noise can be
calculated and nulled by specifying it in the ADT7485A.
The offset is automatically added to every temperature
measurement. The maximum offset is
±128°C with 0.25°C
resolution. The offset format is the same as the temperature
data format; 16−bit, twos complement notation, as shown in
Table 11. The offset should be programmed in little endian
format, that is, LSB before MSB. The offset value is also
returned in little endian format when read.
ORDERING INFORMATION
Device Order Number*
Package Type
Package Option
Shipping
ADT7485AARMZ−R
10−Lead MSOP
RM−10
3000 Tape & Reel
ADT7485AARMZ−R7
1000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*These are Pb−Free packages.


Similar Part No. - ADT7485A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7485A AD-ADT7485A Datasheet
404Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
ADT7485AARMZ-REEL AD-ADT7485AARMZ-REEL Datasheet
404Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
ADT7485AARMZ-REEL7 AD-ADT7485AARMZ-REEL7 Datasheet
404Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
More results

Similar Description - ADT7485A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM75 ONSEMI-LM75 Datasheet
150Kb / 12P
   2-Wire Serial Temperature Sensor and Monitor
February, 2000 ??Rev. 0
logo
Linear Technology
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
logo
TelCom Semiconductor, I...
TCN75 TELCOM-TCN75 Datasheet
259Kb / 10P
   2-WIRE SERIAL TEMPERATURE SENSOR AND THERMAL MONITOR
logo
Microchip Technology
TCN75 MICROCHIP-TCN75 Datasheet
583Kb / 20P
   2-Wire Serial Temperature Sensor and Thermal Monitor
2006
TCN75 MICROCHIP-TCN75_13 Datasheet
447Kb / 20P
   2-Wire Serial Temperature Sensor and Thermal Monitor
11/29/12
logo
Linear Technology
LTC2995 LINER-LTC2995_15 Datasheet
233Kb / 20P
   Temperature Sensor and Dual Voltage Monitor with Alert Outputs
logo
ON Semiconductor
ADT7488A ONSEMI-ADT7488A Datasheet
344Kb / 12P
   SST Digital Temperature Sensor and Voltage Monitor
December, 2009 ??Rev. 4
logo
Analog Devices
ADT7488A AD-ADT7488A Datasheet
470Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
ADT7485A AD-ADT7485A Datasheet
404Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
logo
NXP Semiconductors
NE1619 PHILIPS-NE1619 Datasheet
167Kb / 2P
   Temperature and voltage monitor
August 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com