Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7488A Datasheet(PDF) 3 Page - ON Semiconductor

Part # ADT7488A
Description  SST Digital Temperature Sensor and Voltage Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7488A Datasheet(HTML) 3 Page - ON Semiconductor

  ADT7488A Datasheet HTML 1Page - ON Semiconductor ADT7488A Datasheet HTML 2Page - ON Semiconductor ADT7488A Datasheet HTML 3Page - ON Semiconductor ADT7488A Datasheet HTML 4Page - ON Semiconductor ADT7488A Datasheet HTML 5Page - ON Semiconductor ADT7488A Datasheet HTML 6Page - ON Semiconductor ADT7488A Datasheet HTML 7Page - ON Semiconductor ADT7488A Datasheet HTML 8Page - ON Semiconductor ADT7488A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADT7488A
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS TA = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Power Supply
Supply Voltage, VCC
3.0
3.3
3.6
V
Undervoltage Lockout Threshold
2.8
V
Average Operating Supply Current, IDD
Continuous conversions
3.8
5.0
mA
Temperature−to−Digital Converter
Local Sensor Accuracy
40°C ≤ TA ≤ 70°C; VCC = 3.3 V ±5%
−40°C ≤ TA ≤ +100°C
+1.0
±1.75
±4.0
°C
Remote Sensor Accuracy
−40°C ≤ TD ≤ +125°C; TA = 25°C; VCC = 3.3 V
−40°C ≤ TD ≤ +125°C; −40 ≤ TA ≤ 70°C;
VCC = 3.3 V ±5%
−40°C ≤ TD ≤ +125°C; −40 ≤ TA ≤ +100°C
+1.0
±1.0
±1.75
±4.0
°C
Remote Sensor Source Current
Low level
Mid level
High level
12
80
204
mA
Resolution
0.016
°C
Series Resistance Cancellation
The ADT7488A cancels 1.5 kW in series with
the remote thermal diode
1.5
kW
Digital Input (ADD)
Input High Voltage, VIH
2.3
V
Input Low Voltage, VIL
0.8
V
Input High Current, IIH
VIN = VCC
−1.0
mA
Input Low Current, IIL
VIN = 0
1.0
mA
Pin Capacitance
5.0
pF
Analog−to−Digital Converter (Including Multiplexer and Attenuators)
Total Unadjusted Error (TUE)
±1.5
%
Differential Non−linearity (DNL)
10 bits
±1.0
LSB
Power Supply Sensitivity
±0.1
%/V
Conversion Time (Voltage Input)
(Note 1)
Averaging enabled
11
ms
Conversion Time
(Local Temperature) (Note 1)
Averaging enabled
12
ms
Conversion Time
(Remote Temperature) (Note 1)
Averaging enabled
38
ms
Total Monitoring Cycle Time (Note 1)
Averaging enabled
121
ms
Input Resistances
VCCP and 2.5V Channels
80
110
140
kW
Digital I/O (SST Pin)
Input High Voltage , VIH
1.1
V
Input Low Voltage, VIL
0.4
V
Hysteresis (Note 1)
Between input switching levels
150
mV
Output High Voltage, VOH
ISOURCE = 6 mA (maximum)
1.1
1.9
V
High Impedance State Leakage, ILEAK
Device powered on SST bus;
VSST = 1.1 V, VCC = 3.3 V
±1.0
mA
1. Guaranteed by design, not production tested.
2. Minimum and maximum bit times are relative to tBIT defined in the timing negotiation pulse.
3. Device is compatible with hold time specification as driven by SST originator.


Similar Part No. - ADT7488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7488A AD-ADT7488A Datasheet
470Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
ADT7488AARMZ-REEL AD-ADT7488AARMZ-REEL Datasheet
470Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
ADT7488AARMZ-REEL7 AD-ADT7488AARMZ-REEL7 Datasheet
470Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
More results

Similar Description - ADT7488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7485A AD-ADT7485A Datasheet
404Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
ADT7488A AD-ADT7488A Datasheet
470Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
   Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
logo
Analog Devices
ADT7484A AD-ADT7484A Datasheet
413Kb / 16P
   Digital Temperature Sensor with SST Interface
REV. 0
logo
List of Unclassifed Man...
ASC7531A ETC2-ASC7531A Datasheet
308Kb / 18P
   LOW-VOLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR AND VOLTAGE MONITOR
logo
Linear Technology
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
logo
SMSC Corporation
EMC1152 SMSC-EMC1152 Datasheet
322Kb / 3P
   SST Compliant Hardware Monitor with Two Temperature Channels and Five Voltage Channels
EMC1133 SMSC-EMC1133 Datasheet
211Kb / 3P
   SST Compliant Hardware Monitor with Three Temperature Channels and Three Voltage Channels
logo
NXP Semiconductors
NE1619 PHILIPS-NE1619 Datasheet
167Kb / 2P
   Temperature and voltage monitor
August 2008
logo
SMSC Corporation
EMC1102 SMSC-EMC1102 Datasheet
333Kb / 3P
   SST Compliant Hardware Monitor with Two Temperature Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com