Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAF1562 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SAF1562
Description  Hi-Speed Universal Serial Bus PCI Host Controller
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAF1562 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SAF1562 Datasheet HTML 5Page - NXP Semiconductors SAF1562 Datasheet HTML 6Page - NXP Semiconductors SAF1562 Datasheet HTML 7Page - NXP Semiconductors SAF1562 Datasheet HTML 8Page - NXP Semiconductors SAF1562 Datasheet HTML 9Page - NXP Semiconductors SAF1562 Datasheet HTML 10Page - NXP Semiconductors SAF1562 Datasheet HTML 11Page - NXP Semiconductors SAF1562 Datasheet HTML 12Page - NXP Semiconductors SAF1562 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 97 page
background image
SAF1562_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 7 February 2007
9 of 97
NXP Semiconductors
SAF1562
Hi-Speed Universal Serial Bus PCI Host Controller
[1]
Symbol names ending with # represent active LOW signals for PCI pins, for example: NAME#. Symbol
names ending with underscore N represent active LOW signals for USB pins, for example: NAME_N.
[2]
Connect to ground if I2C-bus is not used.
7.
Functional description
7.1 OHCI Host Controller
An OHCI Host Controller per port transfers data to devices at the Original USB defined bit
rate of 12 Mbit/s or 1.5 Mbit/s.
7.2 EHCI Host Controller
The EHCI Host Controller transfers data to a Hi-Speed USB compliant device at the
Hi-Speed USB defined bit rate of 480 Mbit/s. When the EHCI Host Controller has the
ownership of a port, the OHCI Host Controllers are not allowed to modify the port register.
All additional port bit definitions required for the Enhanced Host Controller are not visible
to the OHCI Host Controller.
7.3 Dynamic port-routing logic
The port-routing feature allows sharing of the same physical downstream ports between
the Original USB Host Controller and the Hi-Speed USB Host Controller. This requirement
of the
Enhanced Host Controller Interface Specification for Universal Serial Bus Rev. 1.0
provides ports that are multiplexed with the ports of the OHCI.
DM2
90
AI/O
D
−; analog connection for the USB downstream port 2; leave this pin
open when not in use
GNDA
91
-
analog ground
DP2
92
AI/O
D+; analog connection for the USB downstream port 2; leave this pin
open when not in use
VDDA_AUX
93
-
auxiliary analog supply voltage; add a 100 nF decoupling capacitor
GNDD
94
-
digital ground
GNDD
95
-
digital ground
SCL
96
I/O
I2C-bus clock; pull-up to 3.3 V through a 10 k
Ω resistor[2]
I2C-bus pad; clock signal
SDA
97
I/O
I2C-bus data; pull-up to 3.3 V through a 10 k
Ω resistor[2]
I2C-bus pad; data signal
VCC(I/O)_AUX 98
-
3.3 V auxiliary supply voltage; used to power pads; add a 100 nF
decoupling capacitor
PME#
99
O
PCI Power Management Event; used by a device to request a
change in the device or system power state
PCI pad; 3.3 V signaling; open-drain
VCC(I/O)_AUX 100
-
3.3 V auxiliary supply voltage; used to power pads; add a 100 nF
decoupling capacitor
Table 2.
Pin description …continued
Symbol[1]
Pin
Type
Description


Similar Part No. - SAF1562

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAF1508BET NXP-SAF1508BET Datasheet
462Kb / 87P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 2-23 July 2012
More results

Similar Description - SAF1562

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1562 PHILIPS-ISP1562 Datasheet
442Kb / 98P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
ISP1563 PHILIPS-ISP1563 Datasheet
481Kb / 107P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
ISP1760 PHILIPS-ISP1760 Datasheet
449Kb / 105P
   Hi-Speed Universal Serial Bus host controller for embedded applications
Rev. 01-8 November 2004
ISP1520BDGA NXP-ISP1520BDGA Datasheet
261Kb / 54P
   Hi-Speed Universal Serial Bus hub controller
Rev. 04-28 April 2006
ISP1583 PHILIPS-ISP1583 Datasheet
420Kb / 87P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
ISP1520 PHILIPS-ISP1520 Datasheet
259Kb / 51P
   Hi-Speed Universal Serial Bus hub controller
Rev. 02-04 May 2004
ISP1521 PHILIPS-ISP1521 Datasheet
270Kb / 53P
   Hi-Speed Universal Serial Bus hub controller
Rev. 03-24 November 2004
ISP1582 PHILIPS-ISP1582 Datasheet
325Kb / 66P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-25 August 2004
ISP1562 NXP-ISP1562 Datasheet
452Kb / 94P
   Hi-Speed USB PCI host controller
Rev. 03-14 November 2008
ISP1563 NXP-ISP1563 Datasheet
486Kb / 103P
   Hi-Speed USB PCI host controller
Rev. 03-18 November 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com