Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMAC-0S2L-0862-A Datasheet(PDF) 1 Page - Schurter Inc.

Part # FMAC-0S2L-0862-A
Description  Sine wave output filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMAC-0S2L-0862-A Datasheet(HTML) 1 Page - Schurter Inc.

  FMAC-0S2L-0862-A Datasheet HTML 1Page - Schurter Inc. FMAC-0S2L-0862-A Datasheet HTML 2Page - Schurter Inc. FMAC-0S2L-0862-A Datasheet HTML 3Page - Schurter Inc. FMAC-0S2L-0862-A Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image

3-Phase Filters
FMAC SINE
www.schurter.com/pg80
EMC Products
Sine wave output filter
Description
-DesigncorrespondingtoUL1283,CSA22.2No.8,IEC/EN60939
-Standardversionsincludeinsulatedsafetyscrewterminals
-Enhancementofthesystemefficiency
Applications
-Optimizedforlongmotorcables(upto200m)andoperationunderfull
load
-Frequencyconvertersinuninterruptiblepowersupplies,elevators,he-
ating-,ventilating-andairconditioning-systems,tractionandconveyer
systems
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,Distributor-Stock-Check
Technical Data
RatedCurrent
4-16A@Ta40°C
Ratedvoltage
500/288VAC;50/60Hz
Approvalfor
4-16A@Ta°C/500/288VAC;50Hz
OverloadCurrent
1.5xIrfor1minute,perhour
DielectricStrengthfor480VAC 2.5kVDCbetweenL-L
1.1kVDCbetweenL-PE
Testvoltage(2sec)
Weight
9-22kg
Material:Housing
Metal
SealingCompound
UL94V-2
Mounting
Screw-onmountingonchassis,from
top
Terminal
ScrewClamp
OperatingTemperature[°C]
-25°Cto100°C
ClimaticCategory
25/100/21acc.toIEC60068-1
DegreeofProtection
IP20acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140


Similar Part No. - FMAC-0S2L-0862-A

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMAC-091C-1610 SCHURTER-FMAC-091C-1610 Datasheet
849Kb / 6P
   Ultra compact and efficient 1-stage filter in ECO design for 3-phase systems
FMAC-091C-2510 SCHURTER-FMAC-091C-2510 Datasheet
849Kb / 6P
   Ultra compact and efficient 1-stage filter in ECO design for 3-phase systems
FMAC-091D-3610 SCHURTER-FMAC-091D-3610 Datasheet
849Kb / 6P
   Ultra compact and efficient 1-stage filter in ECO design for 3-phase systems
FMAC-091D-5010 SCHURTER-FMAC-091D-5010 Datasheet
849Kb / 6P
   Ultra compact and efficient 1-stage filter in ECO design for 3-phase systems
FMAC-091D-5510 SCHURTER-FMAC-091D-5510 Datasheet
849Kb / 6P
   Ultra compact and efficient 1-stage filter in ECO design for 3-phase systems
More results

Similar Description - FMAC-0S2L-0862-A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84143V0004R227 EPCOS-B84143V0004R227 Datasheet
224Kb / 9P
   3-line filters Sine-wave output filter
logo
QUARTZCOM the communica...
TX7-302 QUARTZCOM-TX7-302 Datasheet
231Kb / 1P
   SMD TCXO Clipped sine wave Output signal clipped sine wave
VT7-302 QUARTZCOM-VT7-302 Datasheet
113Kb / 1P
   SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
TX7-252 QUARTZCOM-TX7-252 Datasheet
304Kb / 1P
   Miniature SMD TCXO Clipped sine wave Output signal clipped sine wave
VT7-705-C QUARTZCOM-VT7-705-C Datasheet
101Kb / 1P
   SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
VT7-252 QUARTZCOM-VT7-252 Datasheet
115Kb / 1P
   Miniature SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
logo
Advanced XTAL Products
AXIOM45-23 AXTAL-AXIOM45-23 Datasheet
102Kb / 2P
   OCXO High stability, Sine Wave Output
AXIOM125 AXTAL-AXIOM125 Datasheet
132Kb / 4P
   SMD OCXO with Sine Wave Output
logo
EPCOS
B84143-V6-R27 EPCOS-B84143-V6-R27 Datasheet
183Kb / 5P
   3-Line Filters Sine-Wave Output Filters
logo
QUARTZCOM the communica...
TXU-105S QUARTZCOM-TXU-105S Datasheet
107Kb / 1P
   Through Hole TCXO Output signal Sine wave
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com