Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMBD-B92C-6412 Datasheet(PDF) 5 Page - Schurter Inc.

Part # FMBD-B92C-6412
Description  2-stage filter for 3-phase systems with neutral conductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMBD-B92C-6412 Datasheet(HTML) 5 Page - Schurter Inc.

  FMBD-B92C-6412 Datasheet HTML 1Page - Schurter Inc. FMBD-B92C-6412 Datasheet HTML 2Page - Schurter Inc. FMBD-B92C-6412 Datasheet HTML 3Page - Schurter Inc. FMBD-B92C-6412 Datasheet HTML 4Page - Schurter Inc. FMBD-B92C-6412 Datasheet HTML 5Page - Schurter Inc. FMBD-B92C-6412 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image

3-Phase Filters
FMBD NEO
www.schurter.com/pg80
EMC Products
Technical data to the filter components
Rated Current
@ Ta 0°C (7°C) [A]
L
[mH]
L
[
μH]
C [
μF] C [μF] C3 [μF] R [MΩ] R [MΩ] R3 [MΩ]
8 (5)
2
4
2.2
2.2
3.4
-
1
2
16 (11)
1.3
12
2.2
2.2
3.4
-
1
2
25 (16)
1.6
12
4.7
4.7
3.4
1
1
2
36 (21)
1
12
4.7
4.7
3.4
1
1
2
64 (40)
0.7
7.5
4.7
4.7
3.4
1
1
2
80 (50)
0.6
9
8.2
8.2
3.4
1
1
2
120 (96)
0.6
9
13.6
13.6
3.4
0.5
0.5
2
160 (100)
0.4
9
13.6
13.6
3.4
0.5
0.5
2
200 (140)
0.3
9
13.6
13.6
3.4
0.5
0.5
2
Diagrams
L1
L2
L3
N
PE
L1'
L2'
L3'
N'
PE
C1/R1
C1/R1
C1/R1
C2/R2
C2/R2
C2/R2
L1
L2
C3/R3
1)
2)
1) Line
2) Load
Derating Curves
Permissible Working Current as a Function of Ambient Temperature
100
80
60
40
20
0
0
20
40
60
75
100
UL Listet
Ambient air temperature Ta °C


Similar Part No. - FMBD-B92C-6412

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMBD4148 FCI-FMBD4148 Datasheet
176Kb / 2P
   350mW Switching Diode Peak Repetitive Peak reverse voltage VRRM
FMBD4148A FCI-FMBD4148A Datasheet
176Kb / 2P
   350mW Switching Diode Peak Repetitive Peak reverse voltage VRRM
FMBD4148CA FCI-FMBD4148CA Datasheet
176Kb / 2P
   350mW Switching Diode Peak Repetitive Peak reverse voltage VRRM
FMBD4148CC FCI-FMBD4148CC Datasheet
176Kb / 2P
   350mW Switching Diode Peak Repetitive Peak reverse voltage VRRM
FMBD4148SE FCI-FMBD4148SE Datasheet
176Kb / 2P
   350mW Switching Diode Peak Repetitive Peak reverse voltage VRRM
More results

Similar Description - FMBD-B92C-6412

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMW4-81 SCHURTER-FMW4-81_V01 Datasheet
278Kb / 3P
   Compact 2-stage filter for 3-phase systems with neutral conductor
FMW4-81 SCHURTER-FMW4-81 Datasheet
441Kb / 2P
   Compact 2-stage filter for 3-phase systems with neutral conductor
FMAD SCHURTER-FMAD_V01 Datasheet
545Kb / 6P
   1-stage filter for 3-phase systems with neutral conductor
FMAD SCHURTER-FMAD Datasheet
714Kb / 5P
   1-stage filter for 3-phase systems with neutral conductor
FMADCP SCHURTER-FMADCP Datasheet
442Kb / 4P
    1-stage filter for 3-phase systems with neutral conductor
FMW4-65 SCHURTER-FMW4-65 Datasheet
327Kb / 2P
   Compact 1-stage filter for 3-phase systems with neutral conductor
FMADRAIL SCHURTER-FMADRAIL Datasheet
350Kb / 3P
   1-stage filter for 3-phase systems with neutral conductor, DIN rail mounting
FMADRAIL SCHURTER-FMADRAIL_V01 Datasheet
355Kb / 3P
   1-stage filter for 3-phase systems with neutral conductor, DIN rail mounting
FMBCNEO SCHURTER-FMBCNEO Datasheet
763Kb / 8P
   2-stage filter for 3-phase systems
FMBC SCHURTER-FMBC Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com