Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMBD-B92D-8012 Datasheet(PDF) 3 Page - Schurter Inc.

Part # FMBD-B92D-8012
Description  2-stage filter for 3-phase systems with neutral conductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMBD-B92D-8012 Datasheet(HTML) 3 Page - Schurter Inc.

  FMBD-B92D-8012 Datasheet HTML 1Page - Schurter Inc. FMBD-B92D-8012 Datasheet HTML 2Page - Schurter Inc. FMBD-B92D-8012 Datasheet HTML 3Page - Schurter Inc. FMBD-B92D-8012 Datasheet HTML 4Page - Schurter Inc. FMBD-B92D-8012 Datasheet HTML 5Page - Schurter Inc. FMBD-B92D-8012 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
3-Phase Filters
FMBD NEO
www.schurter.com/pg80
EMC Products
Case 2C
max. 220
(160)
max. 125
3x25=(75)
M10; 10-17 Nm
100 ±0.3
(4x)
±0.3
6.5
25mm2; 2-2.2 Nm
18
1)
2)
1) Line
2) Load
Case 2D
max. 315
(230)
max. 135
3x28=(84)
M10; 10-17 Nm
120±0.3
(4x)
±0.3
6.5
50mm2 ; 2.2-2.5 Nm
24
1)
2)
1) Line
2) Load


Similar Part No. - FMBD-B92D-8012

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMBD4148 FCI-FMBD4148 Datasheet
176Kb / 2P
   350mW Switching Diode Peak Repetitive Peak reverse voltage VRRM
FMBD4148A FCI-FMBD4148A Datasheet
176Kb / 2P
   350mW Switching Diode Peak Repetitive Peak reverse voltage VRRM
FMBD4148CA FCI-FMBD4148CA Datasheet
176Kb / 2P
   350mW Switching Diode Peak Repetitive Peak reverse voltage VRRM
FMBD4148CC FCI-FMBD4148CC Datasheet
176Kb / 2P
   350mW Switching Diode Peak Repetitive Peak reverse voltage VRRM
FMBD4148SE FCI-FMBD4148SE Datasheet
176Kb / 2P
   350mW Switching Diode Peak Repetitive Peak reverse voltage VRRM
More results

Similar Description - FMBD-B92D-8012

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMW4-81 SCHURTER-FMW4-81_V01 Datasheet
278Kb / 3P
   Compact 2-stage filter for 3-phase systems with neutral conductor
FMW4-81 SCHURTER-FMW4-81 Datasheet
441Kb / 2P
   Compact 2-stage filter for 3-phase systems with neutral conductor
FMAD SCHURTER-FMAD_V01 Datasheet
545Kb / 6P
   1-stage filter for 3-phase systems with neutral conductor
FMAD SCHURTER-FMAD Datasheet
714Kb / 5P
   1-stage filter for 3-phase systems with neutral conductor
FMADCP SCHURTER-FMADCP Datasheet
442Kb / 4P
    1-stage filter for 3-phase systems with neutral conductor
FMW4-65 SCHURTER-FMW4-65 Datasheet
327Kb / 2P
   Compact 1-stage filter for 3-phase systems with neutral conductor
FMADRAIL SCHURTER-FMADRAIL Datasheet
350Kb / 3P
   1-stage filter for 3-phase systems with neutral conductor, DIN rail mounting
FMADRAIL SCHURTER-FMADRAIL_V01 Datasheet
355Kb / 3P
   1-stage filter for 3-phase systems with neutral conductor, DIN rail mounting
FMBCNEO SCHURTER-FMBCNEO Datasheet
763Kb / 8P
   2-stage filter for 3-phase systems
FMBC SCHURTER-FMBC Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com