Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2669A Datasheet(PDF) 4 Page - ON Semiconductor

Part # ASM3P2669A
Description  Peak EMI Reducing Solution
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3P2669A Datasheet(HTML) 4 Page - ON Semiconductor

  ASM3P2669A Datasheet HTML 1Page - ON Semiconductor ASM3P2669A Datasheet HTML 2Page - ON Semiconductor ASM3P2669A Datasheet HTML 3Page - ON Semiconductor ASM3P2669A Datasheet HTML 4Page - ON Semiconductor ASM3P2669A Datasheet HTML 5Page - ON Semiconductor ASM3P2669A Datasheet HTML 6Page - ON Semiconductor ASM3P2669A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ASM3P2669A
Rev. 2 | Page 4 of 7 | www.onsemi.com
DC Electrical Characteristics for 3.3V Supply
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS-0.3
0.8
V
VIH
Input high voltage
2.0
VDD+0.3
V
IIL
Input low current
-35
µA
IIH
Input high current
35
µA
VOL
Output low voltage (VDD = 3.3 V, IOL = 8mA)
0.4
V
VOH
Output high voltage (VDD = 3.3 V, IOH = 8mA)
2.5
-
V
IDD
Static supply current
1
10
uA
ICC
Dynamic supply current (Unloaded Output)
2.5
3
mA
VDD
Operating voltage
2.7
3.3
3.6
V
tON
Power-up time (first locked cycle after power-up)
2
5
mS
ZOUT
Output impedance
35
Notes: 1. XIN / CLKIN pin and PD pin are pulled low.
2. VDD and XIN / CLKIN input are stable, PD pin is made high from low.
AC Electrical Characteristics for 3.3V Supply
Symbol
Parameter
Min
Typ
Max
Unit
CLKIN
Input frequency
6
13
MHz
ModOUT
Output frequency
6
13
MHz
fd
Frequency Deviation
CLKIN = 6MHz
±1.25
%
CLKIN = 10MHz
±1
CLKIN = 13MHz
±0.9
tLH
1
Output Rise time (measured from 0.8V to 2.0V)
0.7
1.3
1.7
nS
tHL
1
Output Fall time (measured at 2.0V to 0.8V)
0.6
0.9
1.3
nS
tD
Output Duty Cycle
45
50
55
%
tJC
Cycle - Cycle Jitter
±300
±450
pS
Note: 1. tLH and tHL are measured into a capacitive load of 15pF.
Note: All parameters are at an Extended Industrial temperature range unless otherwise stated.
Modulation Profile


Similar Part No. - ASM3P2669A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2669A ALSC-ASM3P2669A Datasheet
175Kb / 11P
   Low Power Peak EMI Reducing Solution
logo
PulseCore Semiconductor
ASM3P2669A PULSECORE-ASM3P2669A Datasheet
183Kb / 11P
   Low Power Peak EMI Reducing Solution
logo
Alliance Semiconductor ...
ASM3P2669A-06OR ALSC-ASM3P2669A-06OR Datasheet
175Kb / 11P
   Low Power Peak EMI Reducing Solution
ASM3P2669A-08SR ALSC-ASM3P2669A-08SR Datasheet
175Kb / 11P
   Low Power Peak EMI Reducing Solution
ASM3P2669A-08ST ALSC-ASM3P2669A-08ST Datasheet
175Kb / 11P
   Low Power Peak EMI Reducing Solution
More results

Similar Description - ASM3P2669A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
   Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
   Peak EMI Reducing Solution
July, 2015 ??Rev. 3
ASM3P2853 ONSEMI-ASM3P2853_12 Datasheet
142Kb / 7P
   Peak EMI Reducing Solution
FEBRUARY 2012 ??Rev. 3
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
   Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
   Peak EMI Reducing Solution
logo
Cypress Semiconductor
W181-01GT CYPRESS-W181-01GT Datasheet
190Kb / 9P
   Peak-Reducing EMI Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
136Kb / 6P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
logo
Alliance Semiconductor ...
ASM3P2190A ALSC-ASM3P2190A Datasheet
117Kb / 7P
   Peak Reducing EMI Solution
logo
ON Semiconductor
ASM3P2590A ONSEMI-ASM3P2590A Datasheet
132Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com