Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA19978A Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDA19978A
Description  Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA19978A Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDA19978A Datasheet HTML 15Page - NXP Semiconductors TDA19978A Datasheet HTML 16Page - NXP Semiconductors TDA19978A Datasheet HTML 17Page - NXP Semiconductors TDA19978A Datasheet HTML 18Page - NXP Semiconductors TDA19978A Datasheet HTML 19Page - NXP Semiconductors TDA19978A Datasheet HTML 20Page - NXP Semiconductors TDA19978A Datasheet HTML 21Page - NXP Semiconductors TDA19978A Datasheet HTML 22Page - NXP Semiconductors TDA19978A Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
TDA19978A_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 16 April 2010
19 of 38
NXP Semiconductors
TDA19978A
Quad HDMI 1.3a receiver with digital processing
[1]
At 30 % activity on video port output.
[2]
In high-impedance state, the output buffer is set to repeater mode recopying the input logic state with a small current. The output current
changes from most negative to the most positive value at the triggering level which is internally set to VDDO(3V3) / 2 (e.g. the value of a
pull-up or pull-down resistor must be lower than 18 k
Ω to have a stable output value of V
DDO(3V3) or 0 V).
[3]
x = A, B, C or D.
[4]
5 V tolerant.
[5]
Fast-mode, 5 V tolerant.
ILOZ
OFF-state output leakage current
high-impedance state; VO =0 V
[2] -0
-
μA
VO = VDDO(3V3) × 13
10
-
100
μA
VO = VDDO(3V3) × 23
−100 -
−10
μA
VO = VDDO(3V3)
-0
-
μA
Digital inputs: pins RXxC+, RXxC
−[3]
VI(dif)
differential input voltage
RRRX1 =12kΩ ± 1%;
RRRX2 =12kΩ± 1%
150
-
1200
mV
VI(cm)
common-mode input voltage
2.735 -
3.475
V
fclk(max)
maximum clock frequency
205
-
-
MHz
Digital inputs: pins RXx0+, RXx0
−, RXx1+, RXx1−, RXx2+, RXx2−[3]
VI(dif)
differential input voltage
RRRX1 =12kΩ± 1%;
RRRX2 =12kΩ± 1%
150
-
1200
mV
VI(cm)
common-mode input voltage
2.735 -
3.475
V
I2C-bus: pins SCL and SDA[5]
fSCL
SCL clock frequency
-
-
400
kHz
Cb
capacitive load for each bus line
-
-
400
pF
Ci
capacitance for each I/O pin
-
-
10
pF
DDC I2C-bus: pins HSCLx, HSDAx [3][4]
fSCL
SCL clock frequency
Standard-mode
-
-
100
kHz
Fast-mode
-
-
400
kHz
Ci
capacitance for each I/O pin
-
-
10
pF
Table 10.
Characteristics …continued
VDDH(3V3) = 3.135 V to 3.465 V; VDDI(3V3) = 3.135 V to 3.465 V; VDDO(3V3) = 3.135 V to 3.465 V; VDDH(1V8) = 1.71 V to 1.89 V;
VDDC(1V8) = 1.71 V to 1.89 V; Tamb =0 °Cto70 °C; typical values measured at VDDH(3V3), VDDI(3V3) and VDDO(3V3) =3.3 V;
VDDH(1V8) and VDDC(1V8) = 1.8 V and Tamb =25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - TDA19978A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA19978B NXP-TDA19978B Datasheet
283Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 02-10 May 2010
TDA19978BHV NXP-TDA19978BHV Datasheet
283Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 02-10 May 2010
More results

Similar Description - TDA19978A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA19978B NXP-TDA19978B Datasheet
283Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 02-10 May 2010
TDA19977A NXP-TDA19977A Datasheet
1Mb / 40P
   Triple input HDMI 1.4a compliant receiver interface with equalizer
Rev. 3-19 November 2010
logo
Tripp Lite. All Rights ...
P14206NMICRO TRIPPLITE-P14206NMICRO Datasheet
474Kb / 2P
   Micro HDMI to HDMI Adapter for Ultrabook-Laptop-Desktop PC - 1920x1200-1080p,
B126-1P0-MINI TRIPPLITE-B126-1P0-MINI Datasheet
178Kb / 3P
   HDMI over Cat5e/Cat6 Passive Extender, Low-Profile Remote Receiver for Video and Audio, 1080p @60Hz up to 50-ft.
B126-1P0-WP-1 TRIPPLITE-B126-1P0-WP-1 Datasheet
157Kb / 3P
   HDMI over Cat5/Cat6 Passive Extender, Wallplate Remote Receiver for Video and Audio, 1080p @60Hz up to 50-ft., TAA
P13106N TRIPPLITE-P13106N Datasheet
486Kb / 2P
   HDMI to VGA with Audio Converter Adapter for Ultrabook-Laptop-Desktop PC - 1920x1200-1080p
logo
Texas Instruments
LM4308 TI-LM4308 Datasheet
1Mb / 33P
[Old version datasheet]   18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
logo
IOGEAR
GWAVRC IOGEAR-GWAVRC Datasheet
146Kb / 2P
   Wireless Mobile and PC to HDTV Screen Sharing Receiver
logo
Chrontel, Inc.
CH7104B CHRONTEL-CH7104B Datasheet
200Kb / 7P
   CH7104B HDMI to HDTV/VGA Converter
Rev 1.5 2021-5-20
logo
Tripp Lite. All Rights ...
B126-1P0 TRIPPLITE-B126-1P0 Datasheet
166Kb / 3P
   HDMI over Cat5/Cat6 Passive Extender, Box-Style Remote Receiver for Video and Audio, 1080p @60Hz up to 50-ft., TAA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com