Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA19978A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA19978A
Description  Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA19978A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA19978A Datasheet HTML 3Page - NXP Semiconductors TDA19978A Datasheet HTML 4Page - NXP Semiconductors TDA19978A Datasheet HTML 5Page - NXP Semiconductors TDA19978A Datasheet HTML 6Page - NXP Semiconductors TDA19978A Datasheet HTML 7Page - NXP Semiconductors TDA19978A Datasheet HTML 8Page - NXP Semiconductors TDA19978A Datasheet HTML 9Page - NXP Semiconductors TDA19978A Datasheet HTML 10Page - NXP Semiconductors TDA19978A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
TDA19978A_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 16 April 2010
7 of 38
NXP Semiconductors
TDA19978A
Quad HDMI 1.3a receiver with digital processing
VP[20]
62
O
video port output bit 20
VDDO(3V3)
63
P
video port output supply voltage; 3.3 V
VDDC(1V8)
64
P
digital core supply voltage; 1.8 V
VSSO
65
G
video port output ground
VP[21]
66
O
video port output bit 21
VP[22]
67
O
video port output bit 22
VP[23]
68
O
video port output bit 23
VP[24]
69
O
video port output bit 24
VP[25]
70
O
video port output bit 25
VP[26]
71
O
video port output bit 26
VP[27]
72
O
video port output bit 27
VSSC
73
G
digital core ground
VDDO(3V3)
74
P
video port output supply voltage; 3.3 V
VP[28]
75
O
video port output bit 28
VP[29]
76
O
video port output bit 29
VSSO
77
G
video port output ground
ACLK
78
O
audio clock output
AP0
79
O
audio port 0 output
AP1
80
O
audio port 1 output
AP2/CTL0
81
O
audio port 2 output
CTL0 control (DVI mode) output
AP3/CTL1
82
O
audio port 3 output
CTL1 control (DVI mode) output
AP4/WS/CTL2
83
O
audio port 4 output
word select output
CTL2 control (DVI mode) output
VDDO(3V3)
84
P
video port output supply voltage; 3.3 V
AP5/SYSCLK/CTL3
85
O
audio port 5 output
system clock audio output
CTL3 control (DVI mode) output
VSSO
86
G
video port output ground
VDDH(3V3)
87
P
HDMI audio PLL supply voltage; 3.3 V
VDDH(3V3)
88
P
HDMI audio PLL supply voltage; 3.3 V
VSSH
89
G
HDMI audio PLL ground
VDDH(1V8)
90
P
HDMI audio PLL supply voltage; 1.8 V
VSSH
91
G
HDMI audio PLL ground
VDDC(1V8)
92
P
digital core supply voltage; 1.8 V
XTALOUT
93
O
crystal oscillator output
XTALIN/MCLK
94
I
crystal oscillator input
test pattern clock input
VDDI(3V3)
95
P
digital inputs supply voltage; 3.3 V
Table 3.
Pin description …continued
Symbol
Pin
Type[1] Description


Similar Part No. - TDA19978A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA19978B NXP-TDA19978B Datasheet
283Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 02-10 May 2010
TDA19978BHV NXP-TDA19978BHV Datasheet
283Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 02-10 May 2010
More results

Similar Description - TDA19978A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA19978B NXP-TDA19978B Datasheet
283Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 02-10 May 2010
TDA19977A NXP-TDA19977A Datasheet
1Mb / 40P
   Triple input HDMI 1.4a compliant receiver interface with equalizer
Rev. 3-19 November 2010
logo
Tripp Lite. All Rights ...
P14206NMICRO TRIPPLITE-P14206NMICRO Datasheet
474Kb / 2P
   Micro HDMI to HDMI Adapter for Ultrabook-Laptop-Desktop PC - 1920x1200-1080p,
B126-1P0-MINI TRIPPLITE-B126-1P0-MINI Datasheet
178Kb / 3P
   HDMI over Cat5e/Cat6 Passive Extender, Low-Profile Remote Receiver for Video and Audio, 1080p @60Hz up to 50-ft.
B126-1P0-WP-1 TRIPPLITE-B126-1P0-WP-1 Datasheet
157Kb / 3P
   HDMI over Cat5/Cat6 Passive Extender, Wallplate Remote Receiver for Video and Audio, 1080p @60Hz up to 50-ft., TAA
P13106N TRIPPLITE-P13106N Datasheet
486Kb / 2P
   HDMI to VGA with Audio Converter Adapter for Ultrabook-Laptop-Desktop PC - 1920x1200-1080p
logo
Texas Instruments
LM4308 TI-LM4308 Datasheet
1Mb / 33P
[Old version datasheet]   18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
logo
IOGEAR
GWAVRC IOGEAR-GWAVRC Datasheet
146Kb / 2P
   Wireless Mobile and PC to HDTV Screen Sharing Receiver
logo
Chrontel, Inc.
CH7104B CHRONTEL-CH7104B Datasheet
200Kb / 7P
   CH7104B HDMI to HDTV/VGA Converter
Rev 1.5 2021-5-20
logo
Tripp Lite. All Rights ...
B126-1P0 TRIPPLITE-B126-1P0 Datasheet
166Kb / 3P
   HDMI over Cat5/Cat6 Passive Extender, Box-Style Remote Receiver for Video and Audio, 1080p @60Hz up to 50-ft., TAA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com