Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFRY.135 Datasheet(PDF) 3 Page - Schurter Inc.

Part # PFRY.135
Description  Radial Leaded Fuse, PTC, 72 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

PFRY.135 Datasheet(HTML) 3 Page - Schurter Inc.

  PFRY.135 Datasheet HTML 1Page - Schurter Inc. PFRY.135 Datasheet HTML 2Page - Schurter Inc. PFRY.135 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Resettable Fuses
PFRY
www.schurter.com/pg0_
Fuses
Time-Current-Curves
1
0.001
0.01
0.1
10
100
1000
0.1
10
1
100
PFRY.160.2
PFRY.185.2
PFRY.135.2
PFRY.110.2
PFRY.375.2
PFRY.300.2
PFRY.250.2
Fault Current in Amperes
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - PFRY.135

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PFRY SCHURTER-PFRY Datasheet
316Kb / 4P
   Radial Leaded Fuse, PTC, 72 VDC
04.01.2022
PFRY SCHURTER-PFRY_V02 Datasheet
316Kb / 4P
   Radial Leaded Fuse, PTC, 72 VDC
04.01.2022
More results

Similar Description - PFRY.135

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PFRY SCHURTER-PFRY_V02 Datasheet
316Kb / 4P
   Radial Leaded Fuse, PTC, 72 VDC
04.01.2022
PFRA SCHURTER-PFRA Datasheet
491Kb / 4P
   Radial Leaded Fuse, PTC, 60 VDC
PFRA SCHURTER-PFRA_17 Datasheet
338Kb / 5P
   Radial Leaded Fuse, PTC, 60 VDC
PFRA SCHURTER-PFRA_V02 Datasheet
376Kb / 6P
   Radial Leaded Fuse, PTC, 60 VDC
04.01.2022
logo
RFE international
FRVL RFE-FRVL Datasheet
293Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/04/06
logo
List of Unclassifed Man...
MC33158 ETC2-MC33158 Datasheet
275Kb / 3P
   Radial Leaded PTC Resettable Fuse
logo
RFE international
FRU RFE-FRU Datasheet
260Kb / 3P
   Radial Leaded PTC Resettable Fuse
2021/03/23
FHT RFE-FHT Datasheet
326Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/04/06
FRT RFE-FRT Datasheet
259Kb / 3P
   Radial Leaded PTC Resettable Fuse
2021/03/31
FRV RFE-FRV Datasheet
263Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/03/25
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com