Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFC233910682 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # BFC233910682
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233910682 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button BFC233910682 Datasheet HTML 7Page - Vishay Siliconix BFC233910682 Datasheet HTML 8Page - Vishay Siliconix BFC233910682 Datasheet HTML 9Page - Vishay Siliconix BFC233910682 Datasheet HTML 10Page - Vishay Siliconix BFC233910682 Datasheet HTML 11Page - Vishay Siliconix BFC233910682 Datasheet HTML 12Page - Vishay Siliconix BFC233910682 Datasheet HTML 13Page - Vishay Siliconix BFC233910682 Datasheet HTML 14Page - Vishay Siliconix BFC233910682 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
MKP 339 X2
Vishay BCcomponents
Interference Suppression Film Capacitors
MKP Radial Potted Type
www.vishay.com
For technical questions, contact: RFI@vishay.com
Document Number: 28138
314
Revision: 31-Aug-09
Pitch: 15.0 mm; C-tol. = ± 5 %
Notes
(1) H = In-tape height; P0 = Sprocket hole distance; for detailed specifications refer to packaging information
(2) Reel diameter = 356 mm is available on request
(3) Weight for short lead product only
• SPQ = Standard Packing Quantity
Pitch: 22.5 mm; C-tol. = ± 20 %
Notes
(1) H = In-tape height; P0 = Sprocket hole distance; for detailed specifications refer to packaging information
(2) Reel diameter = 356 mm is available on request
(3) Weight for short lead product only
• SPQ = Standard Packing Quantity
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (3)
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING
LOOSE IN BOX
REEL
(500 mm) (1) (2)
Short leads
Long leads
H = 18.5 mm
P0 = 12.7 mm
It = 3.5 mm
± 0.3 mm
It = 5.0 mm
± 1.0 mm
SPQ
It = 25.0 mm
± 2.0 mm
SPQ
SPQ
Pitch = 15 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm
0.01
5.0 x 11.0 x 17.5
1.0
90221
90232
1250
90243
1000
90254
1100
0.012
90222
90233
90244
90255
0.015
90223
90234
90245
90256
0.018
90224
90235
90246
90257
0.022
90225
90236
90247
90258
0.027
90226
90237
90248
90259
0.033
90227
90238
90249
90261
0.039
90228
90239
90251
90262
0.047
90229
90241
90252
90263
0.056
90231
90242
90253
90264
0.068
51683
53683
55683
46683
0.082
51823
53823
55823
46823
0.1
50104
52104
54104
36104
0.12
6.0 x 12.0 x 17.5
1.4
50124
52124
1000
54124
1000
36124
900
0.15
50154
52154
54154
36154
Pitch = 15 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
0.18
7.0 x 13.5 x 17.5
1.8
50184
52184
750
54184
500
36184
800
0.22
8.5 x 15.0 x 17.5
2.4
50224
52224
750
54224
500
36224
650
0.27
50274
52274
54274
36274
0.33
50334
52334
54334
36334
0.39
10.0 x 16.5 x 17.5
3.0
50394
52394
500
54394
450
36394
600
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (3)
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING
LOOSE IN BOX
REEL
(500 mm) (1) (2)
Short leads
Long leads
H = 18.5 mm
P0 = 12.7 mm
It = 3.5 mm
± 0.3 mm
It = 5.0 mm
± 1.0 mm
SPQ
It = 25.0 mm
± 2.0 mm
SPQ
SPQ
Pitch = 22.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
0.15
6.0 x 15.5 x 26.0
2.4
21154
23154
300
25154
250
27154
600
0.22
21224
23224
25224
27224
0.33
21334
23334
25334
27334
0.47
7.0 x 16.5 x 26.0
2.9
21474
23474
200
25474
250
27474
500
0.68
8.5 x 18.0 x 26.0
3.8
20684
22684
200
24684
250
26684
450
1.0
10.0 x 19.5 x 26.0
6.8
20105
22105
200
24105
200
26105
350
1.5
12.5 x 22.5 x 26.5
10
90103
90138
140
90139
400
90141
300


Similar Part No. - BFC233910682

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC233910 VISHAY-BFC233910 Datasheet
240Kb / 21P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Oct-08
BFC233910224 VISHAY-BFC233910224 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
More results

Similar Description - BFC233910682

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com