Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFC233910333 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # BFC233910333
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233910333 Datasheet(HTML) 5 Page - Vishay Siliconix

  BFC233910333 Datasheet HTML 1Page - Vishay Siliconix BFC233910333 Datasheet HTML 2Page - Vishay Siliconix BFC233910333 Datasheet HTML 3Page - Vishay Siliconix BFC233910333 Datasheet HTML 4Page - Vishay Siliconix BFC233910333 Datasheet HTML 5Page - Vishay Siliconix BFC233910333 Datasheet HTML 6Page - Vishay Siliconix BFC233910333 Datasheet HTML 7Page - Vishay Siliconix BFC233910333 Datasheet HTML 8Page - Vishay Siliconix BFC233910333 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
MKP 339 X2
Vishay BCcomponents
Interference Suppression Film Capacitors
MKP Radial Potted Type
www.vishay.com
For technical questions, contact: RFI@vishay.com
Document Number: 28138
308
Revision: 31-Aug-09
Bent back pitch: 7.5 mm (only taped); C-tol. = ± 10 %
Notes
(1) H = In-tape height; P0 = Sprocket hole distance; for detailed specifications refer to packaging information
(2) Weight for short lead product only
• SPQ = Standard Packing Quantity
Pitch: 7.5 mm; C-tol. = ± 5 %
Notes
(1) H = In-tape height; P0 = Sprocket hole distance; for detailed specifications refer to packaging information
(2) Weight for short lead product only
• SPQ = Standard Packing Quantity
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (2)
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING
LOOSE IN BOX
AMMOPACK
REEL (500 mm) (1)
H = 16.0 mm
P0 = 15.0 mm
SPQ
H = 16.0 mm
P0 = 15.0 mm
SPQ
Bent back pitch = 7.5 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm
0.068
5.0 x 13.0 x 12.5
0.9
68683
1300
66683
1900
0.082
6.0 x 14.0 x 12.5
1.1
68823
1000
66823
1500
0.1
68104
66104
Bent back pitch = 7.5 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm
0.12
6.0 x 14.0 x 17.5
1.4
-
-
66124
800
0.15
66154
Bent back pitch = 7.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
0.18
7.0 x 15.5 x 17.5
1.8
-
66184
700
0.22
-
66224
0.27
8.5 x 17.0 x 17.5
2.4
-
-
66274
550
0.33
66334
0.39
10.0 x 18.5 x 17.5
3.0
-
-
66394
0.47
66474
500
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (2)
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING
LOOSE IN BOX
AMMOPACK (1)
Short leads
Long leads
H = 18.5 mm
P0 = 12.7 mm
It = 3.5 mm
+ 1 mm/- 0.5 mm
It = 5.0 mm
± 1.0 mm
SPQ
It = 25.0 mm
± 2.0 mm
SPQ
SPQ
Pitch = 7.5 mm ± 0.4 mm; dt = 0.50 mm ± 0.05 mm
0.001
50102
52102
54102
38102
0.0012
50122
52122
54122
38122
0.0015
50152
52152
54152
38152
0.0018
50182
52182
54182
38182
0.0022
50222
52222
54222
38222
0.0027
50272
52272
54272
38272
0.0033
50332
52332
54332
38332
0.0039
50392
52392
54392
38392
0.0047
4.0 x 9.0 x 10.0
0.45
50472
52472
1500
54472
1000
38472
1250
0.0056
50562
52562
54562
38562
0.0068
50682
52682
54682
38682
0.0082
50822
52822
54822
38822
0.01
50103
52103
54103
38103
0.012
50123
52123
54123
38123
0.015
50153
52153
54153
38153
0.018
50183
52183
54183
38183
0.022
50223
52223
54223
38223
0.027
50273
52273
54273
38273
0.033
5.0 x 10.5 x 10.0
0.6
50333
52333
1000
54333
1250
38333
1000
0.039
50393
52393
54393
38393
0.047
6.0 x 11.5 x 10.0
0.8
50473
52473
750
54473
1000
38473
750
0.056
50563
52563
54563
38563


Similar Part No. - BFC233910333

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC233910 VISHAY-BFC233910 Datasheet
240Kb / 21P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Oct-08
BFC233910224 VISHAY-BFC233910224 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
More results

Similar Description - BFC233910333

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com