Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC487BRL1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BC487BRL1
Description  High Current Transistors NPN Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC487BRL1 Datasheet(HTML) 1 Page - ON Semiconductor

  BC487BRL1 Datasheet HTML 1Page - ON Semiconductor BC487BRL1 Datasheet HTML 2Page - ON Semiconductor BC487BRL1 Datasheet HTML 3Page - ON Semiconductor BC487BRL1 Datasheet HTML 4Page - ON Semiconductor BC487BRL1 Datasheet HTML 5Page - ON Semiconductor BC487BRL1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
September, 2005 − Rev. 1
1
Publication Order Number:
BC487/D
BC487, BC487B
High Current Transistors
NPN Silicon
Features
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector − Emitter Voltage
VCEO
60
Vdc
Collector − Base Voltage
VCBO
60
Vdc
Emitter − Base Voltage
VEBO
5.0
Vdc
Collector Current − Continuous
IC
0.5
Adc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
W
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
− 55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction−to−Ambient
RqJA
200
°C/W
Thermal Resistance,
Junction−to−Case
RqJC
83.3
°C/W
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
BC487
TO−92
5000 Units / Box
BC487B
TO−92
5000 Units / Box
BC487BRL1
TO−92
2000/Tape & Reel
MARKING
DIAGRAM
COLLECTOR
1
2
BASE
3
EMITTER
http://onsemi.com
BC48
7B
AYWW
G
G
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
BC487G
TO−92
(Pb−Free)
5000 Units / Box
BC487B = Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
BC487BG
TO−92
(Pb−Free)
5000 Units / Box
TO−92
CASE 29
STYLE 17
3
2
1


Similar Part No. - BC487BRL1

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BC487B CDIL-BC487B Datasheet
364Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - BC487BRL1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC489 ONSEMI-BC489 Datasheet
235Kb / 6P
   High Current Transistors(NPN Silicon)
logo
Comset Semiconductor
BUR52 COMSET-BUR52_12 Datasheet
77Kb / 3P
   HIGH CURRENT NPN SILICON TRANSISTORS
BUR52 COMSET-BUR52 Datasheet
121Kb / 4P
   HIGH CURRENT NPN SILICON TRANSISTORS
logo
List of Unclassifed Man...
2N6702 ETC1-2N6702 Datasheet
292Kb / 6P
   High-Current silicon NPN Versawatt Transistors
logo
ON Semiconductor
MPSW01 ONSEMI-MPSW01 Datasheet
137Kb / 4P
   One Watt High Current Transistors NPN Silicon
February, 2010 ??Rev. 5
logo
New Jersey Semi-Conduct...
2N2195 NJSEMI-2N2195 Datasheet
125Kb / 1P
   HIGH-SPEED NPN SILICON, HIGH-CURRENT SWITCHING TRANSISTORS
logo
Zetex Semiconductors
FZT851 ZETEX-FZT851 Datasheet
53Kb / 3P
   NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Siemens Semiconductor G...
BC635 SIEMENS-BC635 Datasheet
126Kb / 5P
   NPN Silicon AF Transistors (High current gain High collector current)
BC617 SIEMENS-BC617 Datasheet
142Kb / 5P
   NPN Silicon Darlington Transistors (High current gain High collector current)
logo
Broadcom Corporation.
AT-30511 BOARDCOM-AT-30511 Datasheet
278Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com