Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC549C Datasheet(PDF) 2 Page - ON Semiconductor

Part # BC549C
Description  Low Noise Transistors NPN Silicon
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC549C Datasheet(HTML) 2 Page - ON Semiconductor

  BC549C Datasheet HTML 1Page - ON Semiconductor BC549C Datasheet HTML 2Page - ON Semiconductor BC549C Datasheet HTML 3Page - ON Semiconductor BC549C Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC549C, BC550C
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage
(IC = 10 mAdc, IB = 0)
V(BR)CEO
45
Vdc
Collector − Base Breakdown Voltage
(IC = 10 mAdc, IE = 0)
V(BR)CBO
50
Vdc
Emitter − Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
5.0
Vdc
Collector Cutoff Current
(VCB = 30 V, IE = 0)
(VCB = 30 V, IE = 0, TA = +125°C)
ICBO
15
5.0
nAdc
mAdc
Emitter Cutoff Current
(VEB = 4.0 Vdc, IC = 0)
IEBO
15
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 10 mAdc, VCE = 5.0 Vdc)
(IC = 2.0 mAdc, VCE = 5.0 Vdc)
hFE
100
420
270
500
800
Collector − Emitter Saturation Voltage
(IC = 10 mAdc, IB = 0.5 mAdc)
(IC = 10 mAdc, IB = see note 1)
(IC = 100 mAdc, IB = 5.0 mAdc, see note 2)
VCE(sat)
0.075
0.3
0.25
0.25
0.6
0.6
Vdc
Base−Emitter Saturation Voltage
(IC = 100 mAdc, IB = 5.0 mAdc)
VBE(sat)
1.1
Vdc
Base−Emitter On Voltage
(IC = 10 mAdc, VCE = 5.0 Vdc)
(IC = 100 mAdc, VCE = 5.0 Vdc)
(IC = 2.0 mAdc, VCE = 5.0 Vdc)
VBE(on)
0.55
0.52
0.55
0.62
0.7
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current − Gain — Bandwidth Product
(IC = 10 mAdc, VCE = 5.0 Vdc, f = 100 MHz)
fT
250
MHz
Collector−Base Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Ccbo
2.5
pF
Small−Signal Current Gain
(IC = 2.0 mAdc, VCE = 5.0 V, f = 1.0 kHz)
hfe
450
600
900
Noise Figure
(IC = 200 mAdc, VCE = 5.0 Vdc, RS = 2.0 kW, f = 1.0 kHz)
(IC = 200 mAdc, VCE = 5.0 Vdc, RS = 100 kW, f = 1.0 kHz)
NF1
NF2
0.6
2.5
10
dB
1. IB is value for which IC = 11 mA at VCE = 1.0 V.
2. Pulse test = 300
ms − Duty cycle = 2%.
RS
in
en
IDEAL
TRANSISTOR
Figure 1. Transistor Noise Model


Similar Part No. - BC549C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC549C MOTOROLA-BC549C Datasheet
110Kb / 4P
   Low Noise Transistors
logo
NXP Semiconductors
BC549C PHILIPS-BC549C Datasheet
44Kb / 8P
   NPN general purpose transistors
1999 Apr 22
logo
Siemens Semiconductor G...
BC549C SIEMENS-BC549C Datasheet
210Kb / 6P
   NPN Silicon Transistors
logo
Diotec Semiconductor
BC549C DIOTEC-BC549C Datasheet
148Kb / 2P
   Si-Epitaxial PlanarTransistors
logo
NXP Semiconductors
BC549C NXP-BC549C Datasheet
248Kb / 7P
   NPN general purpose transistors
2004 Oct 11
More results

Similar Description - BC549C

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBT5088LT1 LRC-MMBT5088LT1 Datasheet
211Kb / 4P
   Low Noise Transistors(NPN Silicon)
logo
ON Semiconductor
MMBT5088LT1G ONSEMI-MMBT5088LT1G Datasheet
198Kb / 5P
   Low Noise Transistors NPN Silicon
August, 2009 ??Rev. 3
BC549B ONSEMI-BC549B Datasheet
57Kb / 4P
   Low Noise Transistors NPN Silicon
February, 2001 ??Rev. 1
logo
Micro Electronics
PN2483 MICRO-ELECTRONICS-PN2483 Datasheet
59Kb / 1P
   LOW LEVEL, LOW NOISE NPN SILICON PLANAR TRANSISTORS
logo
New Jersey Semi-Conduct...
2N2509A NJSEMI-2N2509A Datasheet
105Kb / 1P
   LOW LEVEL LOW NOISE NPN SILICON PLANAR TRANSISTORS
logo
Motorola, Inc
MMBR941 MOTOROLA-MMBR941_99 Datasheet
274Kb / 14P
   NPN Silicon Low Noise, High-Frequency Transistors
logo
Siemens Semiconductor G...
BFT66 SIEMENS-BFT66 Datasheet
104Kb / 5P
   EXTREMELY LOW NOISE NPN SILICON BROADBAND TRANSISTORS
logo
Motorola, Inc
MMBR951 MOTOROLA-MMBR951 Datasheet
232Kb / 13P
   NPN Silicon Low Noise, High-Frequency Transistors
MMBR941LT1 MOTOROLA-MMBR941LT1 Datasheet
309Kb / 17P
   NPN Silicon Low Noise, High-Frequency Transistors
MMBR951ALT1 MOTOROLA-MMBR951ALT1 Datasheet
215Kb / 16P
   NPN Silicon Low Noise, High-Frequency Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com