Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC549C Datasheet(PDF) 1 Page - ON Semiconductor

Part # BC549C
Description  Low Noise Transistors NPN Silicon
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC549C Datasheet(HTML) 1 Page - ON Semiconductor

  BC549C Datasheet HTML 1Page - ON Semiconductor BC549C Datasheet HTML 2Page - ON Semiconductor BC549C Datasheet HTML 3Page - ON Semiconductor BC549C Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low Noise Transistors
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
BC549
BC550
Unit
Collector–Emitter Voltage
VCEO
30
45
Vdc
Collector–Base Voltage
VCBO
30
50
Vdc
Emitter–Base Voltage
VEBO
5.0
Vdc
Collector Current — Continuous
IC
100
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
Watt
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
–55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
200
°C/W
Thermal Resistance, Junction to Case
RqJC
83.3
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = 10 mAdc, IB = 0)
BC549B,C
BC550B,C
V(BR)CEO
30
45
Vdc
Collector–Base Breakdown Voltage
(IC = 10 µAdc, IE = 0)
BC549B,C
BC550B,C
V(BR)CBO
30
50
Vdc
Emitter–Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
5.0
Vdc
Collector Cutoff Current
(VCB = 30 V, IE = 0)
(VCB = 30 V, IE = 0, TA = +125°C)
ICBO
15
5.0
nAdc
µAdc
Emitter Cutoff Current
(VEB = 4.0 Vdc, IC = 0)
IEBO
15
nAdc
© Semiconductor Components Industries, LLC, 2001
February, 2001 – Rev. 1
1
Publication Order Number:
BC549B/D
BC549B,C
BC550B,C
CASE 29–04, STYLE 17
TO–92 (TO–226AA)
1
2
3
COLLECTOR
1
2
BASE
3
EMITTER


Similar Part No. - BC549C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC549C MOTOROLA-BC549C Datasheet
110Kb / 4P
   Low Noise Transistors
logo
NXP Semiconductors
BC549C PHILIPS-BC549C Datasheet
44Kb / 8P
   NPN general purpose transistors
1999 Apr 22
logo
Siemens Semiconductor G...
BC549C SIEMENS-BC549C Datasheet
210Kb / 6P
   NPN Silicon Transistors
logo
Diotec Semiconductor
BC549C DIOTEC-BC549C Datasheet
148Kb / 2P
   Si-Epitaxial PlanarTransistors
logo
NXP Semiconductors
BC549C NXP-BC549C Datasheet
248Kb / 7P
   NPN general purpose transistors
2004 Oct 11
More results

Similar Description - BC549C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC549C ONSEMI-BC549C Datasheet
65Kb / 4P
   Low Noise Transistors NPN Silicon
March, 2007 ??Rev. 2
logo
Leshan Radio Company
MMBT5088LT1 LRC-MMBT5088LT1 Datasheet
211Kb / 4P
   Low Noise Transistors(NPN Silicon)
logo
ON Semiconductor
MMBT5088LT1G ONSEMI-MMBT5088LT1G Datasheet
198Kb / 5P
   Low Noise Transistors NPN Silicon
August, 2009 ??Rev. 3
logo
Micro Electronics
PN2483 MICRO-ELECTRONICS-PN2483 Datasheet
59Kb / 1P
   LOW LEVEL, LOW NOISE NPN SILICON PLANAR TRANSISTORS
logo
New Jersey Semi-Conduct...
2N2509A NJSEMI-2N2509A Datasheet
105Kb / 1P
   LOW LEVEL LOW NOISE NPN SILICON PLANAR TRANSISTORS
logo
Motorola, Inc
MMBR941 MOTOROLA-MMBR941_99 Datasheet
274Kb / 14P
   NPN Silicon Low Noise, High-Frequency Transistors
logo
Siemens Semiconductor G...
BFT66 SIEMENS-BFT66 Datasheet
104Kb / 5P
   EXTREMELY LOW NOISE NPN SILICON BROADBAND TRANSISTORS
logo
Motorola, Inc
MMBR951 MOTOROLA-MMBR951 Datasheet
232Kb / 13P
   NPN Silicon Low Noise, High-Frequency Transistors
MMBR941LT1 MOTOROLA-MMBR941LT1 Datasheet
309Kb / 17P
   NPN Silicon Low Noise, High-Frequency Transistors
MMBR951ALT1 MOTOROLA-MMBR951ALT1 Datasheet
215Kb / 16P
   NPN Silicon Low Noise, High-Frequency Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com