Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBC2012T4R7M Datasheet(PDF) 10 Page - Taiyo Yuden (U.S.A.), Inc

Part # CBC2012T4R7M
Description  WOUND CHIP INDUCTORS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CBC2012T4R7M Datasheet(HTML) 10 Page - Taiyo Yuden (U.S.A.), Inc

Back Button CBC2012T4R7M Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc CBC2012T4R7M Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc CBC2012T4R7M Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc CBC2012T4R7M Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc CBC2012T4R7M Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc CBC2012T4R7M Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc CBC2012T4R7M Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc CBC2012T4R7M Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc CBC2012T4R7M Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
51
1
wound02_e-01
PART NUMBERS
*This catalog contains the typical specification only due to the limitation of space. When you consider purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
CBMF1608 TYPE
Ordering code
EHS
(Environmental
Hazardous
Substances)
Inductance
〔μH〕
Inductance
Tolerance
Self-resonant
frequency
〔MHz〕
min.
Resistance
DC
〔Ω〕
(±30%)
Rated current〔mA〕
Measuring
frequency
〔MHz〕
Saturation current
Idc1
Temperature rise
current
Idc2
CBMF1608T1R0M
RoHS
1.0
±20%
100
0.09
290
770
7.96
CBMF1608T2R2M
RoHS
2.2
80
0.17
190
560
CBMF1608T3R3M
RoHS
3.3
60
0.22
170
500
CBMF1608T4R7M
RoHS
4.7
45
0.24
145
470
CBMF1608T100□
RoHS
10.0
±10%
±20%
32
0.36
115
380
2.52
CBMF1608T220□
RoHS
22
16
1.0
70
230
CBMF1608T470□
RoHS
47
11
2.5
50
140
・□Please specify the Inductance tolerance code(Kor M)
※)The saturation current value(Idc1)is the DC current value having inductance decrease down to 30%.(at 20℃)
※)The temperature rise current value(Idc2)is the DC current value having temperature increase up to 40℃.(at 20℃)
※)The maximum rated current is the DC current value that satisfies both of DC saturation current value and temperature rise current value.


Similar Part No. - CBC2012T4R7M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CBC2012T4R7M ETC1-CBC2012T4R7M Datasheet
781Kb / 16P
   WOUND CHIP INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
CBC2012T4R7M TAIYO-YUDEN-CBC2012T4R7M Datasheet
283Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CBC]
CBC2012T4R7M TAIYO-YUDEN-CBC2012T4R7M Datasheet
363Kb / 3P
   Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
logo
Kemet Corporation
CBC2012T4R7M-K KEMET-CBC2012T4R7M-K Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
logo
Taiyo Yuden (U.S.A.), I...
CBC2012T4R7M8 TAIYO-YUDEN-CBC2012T4R7M8 Datasheet
277Kb / 2P
   Wire-wound Chip Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (CB series)[CBC]
More results

Similar Description - CBC2012T4R7M

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
EWL ECE-EWL Datasheet
256Kb / 7P
   WOUND CHIP INDUCTORS
logo
List of Unclassifed Man...
CB2012T2R2M ETC1-CB2012T2R2M Datasheet
781Kb / 16P
   WOUND CHIP INDUCTORS
logo
PCA ELECTRONICS INC.
EPIMSC0402C PCA-EPIMSC0402C Datasheet
37Kb / 3P
   Wound Chip Inductors
logo
Central Technologies
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
   Wire-wound Chip Inductors - Open Wound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com