Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBC2012T470 Datasheet(PDF) 5 Page - Taiyo Yuden (U.S.A.), Inc

Part # CBC2012T470
Description  WOUND CHIP INDUCTORS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CBC2012T470 Datasheet(HTML) 5 Page - Taiyo Yuden (U.S.A.), Inc

  CBC2012T470 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc CBC2012T470 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc CBC2012T470 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc CBC2012T470 Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc CBC2012T470 Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc CBC2012T470 Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc CBC2012T470 Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc CBC2012T470 Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc CBC2012T470 Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
45
1
wound01_e-01
PART NUMBERS
*This catalog contains the typical specification only due to the limitation of space. When you consider purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
LBC2016 TYPE
LBC2012 TYPE
LBR2518 TYPE
LBR2012 TYPE
Ordering code
EHS
(Environmental
Hazardous
Substances)
Inductance
〔μH〕
Inductance
Tolerance
Self-resonant frequency
〔MHz〕min.
DC
Resistance
〔Ω〕
(±30%)
Rated current
〔mA〕max.
Measuring
frequency
〔MHz〕
LB C2016T1R0M
RoHS
1.0
±20%
100
0.10
690
7.96
LB C2016T1R5M
RoHS
1.5
80
0.15
600
LB C2016T2R2M
RoHS
2.2
70
0.20
520
LB C2016T3R3M
RoHS
3.3
55
0.27
410
LB C2016T4R7M
RoHS
4.7
45
0.37
355
LB C2016T6R8M
RoHS
6.8
38
0.59
290
LB C2016T100□
RoHS
10
±10%
±20%
32
0.82
245
2.52
LB C2016T150□
RoHS
15
28
1.2
200
LB C2016T220□
RoHS
22
16
1.8
165
LB C2016T330□
RoHS
33
14
2.8
135
LB C2016T470□
RoHS
47
11
4.3
110
LB C2016T680□
RoHS
68
10
7.0
95
LB C2016T101□
RoHS
100
8
8.0
75
0.796
Ordering code
EHS
(Environmental
Hazardous
Substances)
Inductance
〔μH〕
Inductance
Tolerance
Self-resonant frequency
〔MHz〕min.
DC
Resistance
〔Ω〕
(±30%)
Rated current
〔mA〕max.
Measuring
frequency
〔MHz〕
LB C2012T1R0M
RoHS
1.0
±20%
100
0.19
620
7.96
LB C2012T2R2M
RoHS
2.2
70
0.33
430
LB C2012T4R7M
RoHS
4.7
45
0.50
295
LB C2012T100□
RoHS
10
±10%
±20%
40
1.2
200
2.52
LB C2012T220□
RoHS
22
16
3.7
130
LB C2012T470□
RoHS
47
11
5.8
90
Ordering code
EHS
(Environmental
Hazardous
Substances)
Inductance
〔μH〕
Inductance
Tolerance
Self-resonant frequency
〔MHz〕min.
DC
Resistance
〔Ω〕
(±30%)
Rated current
〔mA〕max.
Measuring
frequency
〔MHz〕
LB R2518T1R0M
RoHS
1.0
±20%
100
0.045
960
7.96
LB R2518T2R2M
RoHS
2.2
68
0.07
480
LB R2518T4R7M
RoHS
4.7
45
0.10
345
LB R2518T100□
RoHS
10
±10%
±20%
30
0.19
235
2.52
LB R2518T220□
RoHS
22
19
0.44
175
LB R2518T470□
RoHS
47
11
0.84
120
LB R2518T101□
RoHS
100
9
1.89
80
0.796
Ordering code
EHS
(Environmental
Hazardous
Substances)
Inductance
〔μH〕
Inductance
Tolerance
Self-resonant frequency
〔MHz〕min.
DC
Resistance
〔Ω〕
(±30%)
Rated current
〔mA〕max.
Measuring
frequency
〔MHz〕
LB R2012T1R0M
RoHS
1.0
±20%
100
0.07
400
7.96
LB R2012T2R2M
RoHS
2.2
80
0.13
260
LB R2012T4R7M
RoHS
4.7
45
0.24
200
LB R2012T100□
RoHS
10
±10%
±20%
32
0.36
150
2.52
LB R2012T220□
RoHS
22
16
1.0
100
LB R2012T470□
RoHS
47
11
1.7
75
LB R2012T101□
RoHS
100
8
4.0
50
0.796
・□Please specify the Inductance tolerance code(K or M)


Similar Part No. - CBC2012T470

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CBC2012T470K TAIYO-YUDEN-CBC2012T470K Datasheet
143Kb / 1P
   Wire-wound Chip Power Inductors
CBC2012T470K TAIYO-YUDEN-CBC2012T470K Datasheet
283Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CBC]
CBC2012T470K TAIYO-YUDEN-CBC2012T470K Datasheet
363Kb / 3P
   Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
CBC2012T470K8 TAIYO-YUDEN-CBC2012T470K8 Datasheet
277Kb / 2P
   Wire-wound Chip Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (CB series)[CBC]
CBC2012T470KV TAIYO-YUDEN-CBC2012T470KV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
More results

Similar Description - CBC2012T470

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
EWL ECE-EWL Datasheet
256Kb / 7P
   WOUND CHIP INDUCTORS
logo
List of Unclassifed Man...
CB2012T2R2M ETC1-CB2012T2R2M Datasheet
781Kb / 16P
   WOUND CHIP INDUCTORS
logo
PCA ELECTRONICS INC.
EPIMSC0402C PCA-EPIMSC0402C Datasheet
37Kb / 3P
   Wound Chip Inductors
logo
Central Technologies
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
   Wire-wound Chip Inductors - Open Wound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com