Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFC233918223 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # BFC233918223
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233918223 Datasheet(HTML) 4 Page - Vishay Siliconix

  BFC233918223 Datasheet HTML 1Page - Vishay Siliconix BFC233918223 Datasheet HTML 2Page - Vishay Siliconix BFC233918223 Datasheet HTML 3Page - Vishay Siliconix BFC233918223 Datasheet HTML 4Page - Vishay Siliconix BFC233918223 Datasheet HTML 5Page - Vishay Siliconix BFC233918223 Datasheet HTML 6Page - Vishay Siliconix BFC233918223 Datasheet HTML 7Page - Vishay Siliconix BFC233918223 Datasheet HTML 8Page - Vishay Siliconix BFC233918223 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Document Number: 28138
For technical questions, contact: RFI@vishay.com
www.vishay.com
Revision: 31-Aug-09
307
MKP 339 X2
Interference Suppression Film Capacitors
MKP Radial Potted Type
Vishay BCcomponents
Pitch: 7.5 mm bent back (only taped); C-tol. = ± 20 %
Notes
(1) H = In-tape height; P0 = Sprocket hole distance; for detailed specifications refer to packaging information
(2) Weight for short lead product only
• SPQ = Standard Packing Quantity
Pitch: 7.5 mm; C-tol. = 10 %
Notes
(1) H = In-tape height; P0 = Sprocket hole distance; for detailed specifications refer to packaging information
(2) Weight for short lead product only
• SPQ = Standard Packing Quantity
C
(µF)
DIMENSIONS
w x h’ x l
(mm)
MASS
(g) (2)
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING
LOOSE IN BOX
AMMOPACK
REEL (500 mm) (1)
H = 16.0 mm
P0 = 15.0 mm
SPQ
H = 16.0 mm
P0 = 15.0 mm
SPQ
Bent back pitch = 7.5 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm
0.1
6.0 x 14.0 x 12.5
1.1
58104
1000
56104
1500
Bent back pitch = 7.5 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm
0.15
6.0 x 14.0 x 17.5
1.4
-
-
56154
800
Bent back pitch = 7.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
0.22
7.0 x 15.5 x 17.5
1.8
-
-
56224
700
0.33
8.5 x 17.0 x 17.5
2.4
-
-
56334
550
0.47
10.0 x 18.5 x 17.5
3.0
-
-
56474
500
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (2)
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING
LOOSE IN BOX
AMMOPACK (1)
Short leads
Long leads
H = 18.5 mm
P0 = 12.7 mm
It = 3.5 mm
+ 1 mm/- 0.5 mm
It = 5.0 mm
± 1.0 mm
SPQ
It = 25.0 mm
± 2.0 mm
SPQ
SPQ
Pitch = 7.5 mm ± 0.4 mm; dt = 0.50 mm ± 0.05 mm
0.001
10102
12102
14102
18102
0.0012
10122
12122
14122
18122
0.0015
10152
12152
14152
18152
0.0018
10182
12182
14182
18182
0.0022
10222
12222
14222
18222
0.0027
10272
12272
14272
18272
0.0033
10332
12332
14332
18332
0.0039
10392
12392
14392
18392
0.0047
10472
12472
14472
18472
0.0056
4.0 x 9.0 x 10.0
0.45
10562
12562
1500
14562
1000
18562
1250
0.0068
10682
12682
14682
18682
0.0082
10822
12822
14822
18822
0.01
10103
12103
14103
18103
0.012
10123
12123
14123
18123
0.015
10153
12153
14153
18153
0.018
10183
12183
14183
18183
0.022
10223
12223
14223
18223
0.027
10273
12273
14273
18273
0.033
10333
12333
14333
18333
0.039
5.0 x 10.5 x 10.0
0.6
10393
12393
1000
14393
1250
18393
1000
0.047
10473
12473
14473
18473
0.056
6.0 x 11.5 x 10.0
0.8
10563
12563
750
14563
1000
18563
750


Similar Part No. - BFC233918223

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC233918 VISHAY-BFC233918 Datasheet
240Kb / 21P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Oct-08
More results

Similar Description - BFC233918223

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com