Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA16-600BW3G Datasheet(PDF) 5 Page - ON Semiconductor

Part # BTA16-600BW3G
Description  Triacs Silicon Bidirectional Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BTA16-600BW3G Datasheet(HTML) 5 Page - ON Semiconductor

  BTA16-600BW3G Datasheet HTML 1Page - ON Semiconductor BTA16-600BW3G Datasheet HTML 2Page - ON Semiconductor BTA16-600BW3G Datasheet HTML 3Page - ON Semiconductor BTA16-600BW3G Datasheet HTML 4Page - ON Semiconductor BTA16-600BW3G Datasheet HTML 5Page - ON Semiconductor BTA16-600BW3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BTA16−600BW3G, BTA16−800BW3G
http://onsemi.com
5
Figure 6. Gate Trigger Current Variation
Figure 7. Gate Trigger Voltage Variation
Figure 8. Critical Rate of Rise of Off-State Voltage
(Exponential Waveform)
RG, GATE TO MAIN TERMINAL 1 RESISTANCE (OHMS)
5000
4K
3K
2K
1K
0
10000
1000
100
10
VD = 800 Vpk
TJ = 125°C
Figure 9. Simplified Test Circuit to Measure the Critical Rate of Rise of Commutating Current (di/dt)c
LL
1N4007
200 V
+
MEASURE
I
-
CHARGE
CONTROL
CHARGE
TRIGGER
NON‐POLAR
CL
51
W
MT2
MT1
1N914
G
200 VRMS
ADJUST FOR
ITM, 60 Hz VAC
Note: Component values are for verification of rated (di/dt)c. See AN1048 for additional information.
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
1
10
100
VD = 12 V
RL = 30 W
Q3
Q1
Q2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
VD = 12 V
RL = 30 W
Q1
Q3
Q2
−40 −25 −10
5
20
125
110
95
80
65
50
35
−40 −25 −10
5
20
125
110
95
80
65
50
35


Similar Part No. - BTA16-600BW3G

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
Inchange Semiconductor ...
BTA16-600BW ISC-BTA16-600BW Datasheet
107Kb / 1P
   With TO-220AB insulated package
logo
STMicroelectronics
BTA16-600BW STMICROELECTRONICS-BTA16-600BW Datasheet
217Kb / 18P
   Snubberless™, logic level and standard 16 A Triacs
DS2114 - Rev 11 - May 2018
logo
HAOPIN MICROELECTRONICS...
BTA16-600BW HAOPIN-BTA16-600BW Datasheet
442Kb / 5P
   Three quadrant triacs
logo
STMicroelectronics
BTA16-600BWRG STMICROELECTRONICS-BTA16-600BWRG Datasheet
99Kb / 9P
   16A TRIACS
More results

Similar Description - BTA16-600BW3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BTB08-600BW3G ONSEMI-BTB08-600BW3G Datasheet
90Kb / 6P
   Triacs Silicon Bidirectional Thyristors
February, 2008 - Rev. 1
BTB16-600BW3G ONSEMI-BTB16-600BW3G Datasheet
157Kb / 6P
   Triacs Silicon Bidirectional Thyristors
May, 2009 ??Rev. 2
MAC4DCM ONSEMI-MAC4DCM_06 Datasheet
83Kb / 8P
   Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
MAC9 ONSEMI-MAC9_05 Datasheet
65Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC12D ONSEMI-MAC12D Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 4
MAC12HCD ONSEMI-MAC12HCD_05 Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
logo
Kersemi Electronic Co.,...
MAC9D KERSEMI-MAC9D Datasheet
399Kb / 6P
   Triacs Silicon Bidirectional Thyristors
MAC12HCD KERSEMI-MAC12HCD Datasheet
415Kb / 6P
   Triacs Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA08-600BW3G ONSEMI-BTA08-600BW3G Datasheet
137Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
BTA12-600BW3G ONSEMI-BTA12-600BW3G Datasheet
146Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com