Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA16-600CW3G Datasheet(PDF) 4 Page - ON Semiconductor

Part # BTA16-600CW3G
Description  Triacs Silicon Bidirectional Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BTA16-600CW3G Datasheet(HTML) 4 Page - ON Semiconductor

  BTA16-600CW3G Datasheet HTML 1Page - ON Semiconductor BTA16-600CW3G Datasheet HTML 2Page - ON Semiconductor BTA16-600CW3G Datasheet HTML 3Page - ON Semiconductor BTA16-600CW3G Datasheet HTML 4Page - ON Semiconductor BTA16-600CW3G Datasheet HTML 5Page - ON Semiconductor BTA16-600CW3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BTA16−600CW3G, BTA16−800CW3G
http://onsemi.com
4
Figure 1. RMS Current Derating
IT(RMS), RMS ON‐STATE CURRENT (AMP)
125
120
115
110
105
100
95
90
85
80
16
14
12
10
8
6
4
2
0
Figure 2. On-State Power Dissipation
IT(RMS), ON‐STATE CURRENT (AMP)
16
14
12
10
8
6
4
2
0
20
18
16
14
12
10
8
6
4
2
0
DC
a = 30 and 60°
a = 90°
a = 120°
a = 180°
DC
180
°
120
°
90
°
60
°
a = 30°
Figure 3. On-State Characteristics
Figure 4. Thermal Response
t, TIME (ms)
1
0.1
0.01
1·104
1000
100
10
1
0.1
Figure 5. Hold Current Variation
VT, INSTANTANEOUS ON-STATE VOLTAGE (V)
0.1
1
10
100
1000
0.5
1
1.5
2
2.5
3
Typical @ TJ = 25°C
Typical @ TJ = 125°C
Typical @
TJ = −40°C
Typical @ TJ = 125°C
Typical @ TJ = 25°C
Typical @
TJ = −40°C
TJ, JUNCTION TEMPERATURE (°C)
5
10
15
20
25
30
35
40
−40
MT2 POSITIVE
MT2 NEGATIVE
−25 −10
5
20
125
110
95
80
65
50
35


Similar Part No. - BTA16-600CW3G

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BTA16-600CW KERSEMI-BTA16-600CW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
BTA16-600CW STMICROELECTRONICS-BTA16-600CW Datasheet
217Kb / 18P
   Snubberless™, logic level and standard 16 A Triacs
DS2114 - Rev 11 - May 2018
logo
HAOPIN MICROELECTRONICS...
BTA16-600CW HAOPIN-BTA16-600CW Datasheet
442Kb / 5P
   Three quadrant triacs
logo
STMicroelectronics
BTA16-600CWRG STMICROELECTRONICS-BTA16-600CWRG Datasheet
99Kb / 9P
   16A TRIACS
logo
Inchange Semiconductor ...
BTA16-600CWRG ISC-BTA16-600CWRG Datasheet
234Kb / 1P
   isc Triacs
More results

Similar Description - BTA16-600CW3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BTA16-600BW3G ONSEMI-BTA16-600BW3G Datasheet
115Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2008 ??Rev. 1
BTB08-600BW3G ONSEMI-BTB08-600BW3G Datasheet
90Kb / 6P
   Triacs Silicon Bidirectional Thyristors
February, 2008 - Rev. 1
BTB16-600BW3G ONSEMI-BTB16-600BW3G Datasheet
157Kb / 6P
   Triacs Silicon Bidirectional Thyristors
May, 2009 ??Rev. 2
MAC4DCM ONSEMI-MAC4DCM_06 Datasheet
83Kb / 8P
   Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
MAC9 ONSEMI-MAC9_05 Datasheet
65Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC12D ONSEMI-MAC12D Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 4
MAC12HCD ONSEMI-MAC12HCD_05 Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
logo
Kersemi Electronic Co.,...
MAC9D KERSEMI-MAC9D Datasheet
399Kb / 6P
   Triacs Silicon Bidirectional Thyristors
MAC12HCD KERSEMI-MAC12HCD Datasheet
415Kb / 6P
   Triacs Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA08-600BW3G ONSEMI-BTA08-600BW3G Datasheet
137Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
BTA12-600BW3G ONSEMI-BTA12-600BW3G Datasheet
146Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com