Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTB16-700BW3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # BTB16-700BW3G
Description  Triacs Silicon Bidirectional Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BTB16-700BW3G Datasheet(HTML) 1 Page - ON Semiconductor

  BTB16-700BW3G Datasheet HTML 1Page - ON Semiconductor BTB16-700BW3G Datasheet HTML 2Page - ON Semiconductor BTB16-700BW3G Datasheet HTML 3Page - ON Semiconductor BTB16-700BW3G Datasheet HTML 4Page - ON Semiconductor BTB16-700BW3G Datasheet HTML 5Page - ON Semiconductor BTB16-700BW3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2009
May, 2009 − Rev. 2
1
Publication Order Number:
BTB16−600BW3/D
BTB16-600BW3G,
BTB16-700BW3G,
BTB16-800BW3G
Triacs
Silicon Bidirectional Thyristors
Designed for high performance full-wave ac control applications
where high noise immunity and high commutating di/dt are required.
Features
Blocking Voltage to 800 V
On-State Current Rating of 16 A RMS at 80°C
Uniform Gate Trigger Currents in Three Quadrants
High Immunity to dV/dt − 1500 V/ms minimum at 125°C
Minimizes Snubber Networks for Protection
Industry Standard TO-220AB Package
High Commutating dI/dt − 7.5 A/ms minimum at 125°C
These are Pb−Free Devices
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off−State Voltage (Note 1)
(TJ = −40 to 125°C, Sine Wave,
50 to 60 Hz, Gate Open)
BTB16−600BW3G
BTB16−700BW3G
BTB16−800BW3G
VDRM,
VRRM
600
700
800
V
On-State RMS Current
(Full Cycle Sine Wave, 60 Hz, TC = 80°C)
IT(RMS)
16
A
Peak Non-Repetitive Surge Current
(One Full Cycle Sine Wave, 60 Hz,
TC = 25°C)
ITSM
170
A
Circuit Fusing Consideration (t = 8.3 ms)
I2t
120
A2sec
Non−Repetitive Surge Peak Off−State
Voltage (TJ = 25°C, t = 8.3 ms)
VDSM/
VRSM
VDSM/VRSM
+100
V
Peak Gate Current (TJ = 125°C, t ≤ 20 ms)
IGM
4.0
A
Average Gate Power (TJ = 125°C)
PG(AV)
1.0
W
Operating Junction Temperature Range
TJ
−40 to +125
°C
Storage Temperature Range
Tstg
−40 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. VDRM and VRRM for all types can be applied on a continuous basis. Blocking
voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
TRIACS
16 AMPERES RMS
600 thru 800 VOLTS
TO−220AB
CASE 221A
STYLE 4
1
http://onsemi.com
BTB16−xBWG
AYWW
MARKING
DIAGRAM
x
= 6, 7 or 8
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
2
3
Device
Package
Shipping
ORDERING INFORMATION
BTB16−600BW3G
TO−220AB
(Pb−Free)
50 Units / Rail
PIN ASSIGNMENT
1
2
3
Gate
Main Terminal 1
Main Terminal 2
4
Main Terminal 2
MT1
G
MT2
BTB16−700BW3G
TO−220AB
(Pb−Free)
50 Units / Rail
*For additional information on our Pb−Free strategy and
soldering details, please download the ON Semicon-
ductor Soldering and Mounting Techniques Reference
Manual, SOLDERRM/D.
4
BTB16−800BW3G
TO−220AB
(Pb−Free)
50 Units / Rail


Similar Part No. - BTB16-700BW3G

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BTB16-700BW KERSEMI-BTB16-700BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
BTB16-700BW STMICROELECTRONICS-BTB16-700BW Datasheet
99Kb / 9P
   16A TRIACS
logo
List of Unclassifed Man...
BTB16-700BW ETC1-BTB16-700BW Datasheet
1Mb / 6P
   16A TRIACs
logo
STMicroelectronics
BTB16-700BWRG STMICROELECTRONICS-BTB16-700BWRG Datasheet
99Kb / 9P
   16A TRIACS
More results

Similar Description - BTB16-700BW3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BTA16-600BW3G ONSEMI-BTA16-600BW3G Datasheet
115Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2008 ??Rev. 1
BTB08-600BW3G ONSEMI-BTB08-600BW3G Datasheet
90Kb / 6P
   Triacs Silicon Bidirectional Thyristors
February, 2008 - Rev. 1
MAC4DCM ONSEMI-MAC4DCM_06 Datasheet
83Kb / 8P
   Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
MAC9 ONSEMI-MAC9_05 Datasheet
65Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC12D ONSEMI-MAC12D Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 4
MAC12HCD ONSEMI-MAC12HCD_05 Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
logo
Kersemi Electronic Co.,...
MAC9D KERSEMI-MAC9D Datasheet
399Kb / 6P
   Triacs Silicon Bidirectional Thyristors
MAC12HCD KERSEMI-MAC12HCD Datasheet
415Kb / 6P
   Triacs Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA08-600BW3G ONSEMI-BTA08-600BW3G Datasheet
137Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
BTA12-600BW3G ONSEMI-BTA12-600BW3G Datasheet
146Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com