Electronic Components Datasheet Search |
|
CAT24C32VP2I-GT2 Datasheet(PDF) 3 Page - ON Semiconductor |
|
CAT24C32VP2I-GT2 Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 14 page CAT24C32 http://onsemi.com 3 Table 5. A.C. CHARACTERISTICS (VCC = 1.8 V to 5.5 V, TA = −40°C to +125°C and VCC = 1.7 V to 5.5 V, TA = −40°C to +85°C.) (Note 6) Symbol Parameter Standard VCC = 1.7 V − 5.5 V Fast VCC = 1.7 V − 5.5 V Fast−Plus (Note 9) VCC = 2.5 V − 5.5 V TA = −405C to +855C Units Min Max Min Max Min Max FSCL Clock Frequency 100 400 1,000 kHz tHD:STA START Condition Hold Time 4 0.6 0.25 ms tLOW Low Period of SCL Clock 4.7 1.3 0.45 ms tHIGH High Period of SCL Clock 4 0.6 0.40 ms tSU:STA START Condition Setup Time 4.7 0.6 0.25 ms tHD:DAT Data In Hold Time 0 0 0 ms tSU:DAT Data In Setup Time 250 100 50 ns tR (Note 7) SDA and SCL Rise Time 1,000 300 100 ns tF (Note 7) SDA and SCL Fall Time 300 300 100 ns tSU:STO STOP Condition Setup Time 4 0.6 0.25 ms tBUF Bus Free Time Between STOP and START 4.7 1.3 0.5 ms tAA SCL Low to Data Out Valid 3.5 0.9 0.40 ms tDH Data Out Hold Time 100 100 50 ns Ti (Note 7) Noise Pulse Filtered at SCL and SDA Inputs 100 100 100 ns tSU:WP WP Setup Time 0 0 0 ms tHD:WP WP Hold Time 2.5 2.5 1 ms tWR Write Cycle Time 5 5 5 ms tPU (Notes 7, 8) Power-up to Ready Mode 1 1 0.1 1 ms 6. Test conditions according to “A.C. Test Conditions” table. 7. Tested initially and after a design or process change that affects this parameter. 8. tPU is the delay between the time VCC is stable and the device is ready to accept commands. 9. Fast−Plus (1 MHz) speed class available for product revision “F”. The die revision “F” is identified by letter “F” or a dedicated marking code on top of the package. Table 6. A.C. TEST CONDITIONS Input Drive Levels 0.2 x VCC to 0.8 x VCC Input Rise and Fall Time ≤ 50 ns Input Reference Levels 0.3 x VCC, 0.7 x VCC Output Reference Level 0.5 x VCC Output Test Load Current Source IOL = 3 mA (VCC ≥ 2.5 V); IOL = 1 mA (VCC < 2.5 V); CL = 100 pF |
Similar Part No. - CAT24C32VP2I-GT2 |
|
Similar Description - CAT24C32VP2I-GT2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |