Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24C64LI-GT2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT24C64LI-GT2
Description  64 kb I2C CMOS Serial EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C64LI-GT2 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT24C64LI-GT2 Datasheet HTML 1Page - ON Semiconductor CAT24C64LI-GT2 Datasheet HTML 2Page - ON Semiconductor CAT24C64LI-GT2 Datasheet HTML 3Page - ON Semiconductor CAT24C64LI-GT2 Datasheet HTML 4Page - ON Semiconductor CAT24C64LI-GT2 Datasheet HTML 5Page - ON Semiconductor CAT24C64LI-GT2 Datasheet HTML 6Page - ON Semiconductor CAT24C64LI-GT2 Datasheet HTML 7Page - ON Semiconductor CAT24C64LI-GT2 Datasheet HTML 8Page - ON Semiconductor CAT24C64LI-GT2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2010
July, 2010 − Rev. 14
1
Publication Order Number:
CAT24C64/D
CAT24C64
64 kb I2C CMOS Serial
EEPROM
Description
The CAT24C64 is a 64 kb CMOS Serial EEPROM device,
internally organized as 8192 words of 8 bits each.
It features a 32−byte page write buffer and supports both the
Standard (100 kHz) as well as Fast (400 kHz) I2C protocol.
External address pins make it possible to address up to eight
CAT24C64 devices on the same bus.
Features
Supports Standard, Fast and Fast−Plus I2C Protocol
1.7 V to 5.5 V Supply Voltage Range
32−Byte Page Write Buffer
Hardware Write Protection for Entire Memory
Schmitt Triggers and Noise Suppression Filters on I2C Bus Inputs
(SCL and SDA)
Low Power CMOS Technology
1,000,000 Program/Erase Cycles
100 Year Data Retention
Industrial and Extended Temperature Range
PDIP, SOIC, TSSOP, MSOP 8−lead and TDFN/UDFN 8−pad
Packages
This Device is Pb−Free, Halogen Free/BFR Free, and RoHS
Compliant
Figure 1. Functional Symbol
SDA
SCL
WP
CAT24C64
VCC
VSS
A2, A1, A0
http://onsemi.com
PIN CONFIGURATION
SDA
WP
VCC
VSS
A2
A1
A0
1
See detailed ordering and shipping information in the package
dimensions section on page 15 of this data sheet.
ORDERING INFORMATION
SOIC−8
W SUFFIX
CASE 751BD
TDFN−8
VP2 SUFFIX
CASE 511AK
SCL
PDIP (L), SOIC (W, X), TSSOP (Y),
MSOP (Z), TDFN (VP2), UDFN (HU4)
PDIP−8
L SUFFIX
CASE 646AA
TSSOP−8
Y SUFFIX
CASE 948AL
Device Address
A0, A1, A2
Serial Data
SDA
Serial Clock
SCL
Write Protect
WP
Power Supply
VCC
Ground
VSS
Function
Pin Name
PIN FUNCTION
For the location of Pin 1, please consult the
corresponding package drawing.
UDFN−8
HU4 SUFFIX
CASE 517AZ
MSOP−8
Z SUFFIX
CASE 846AD
SOIC−8
X SUFFIX
CASE 751BE


Similar Part No. - CAT24C64LI-GT2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C64LI-GT2 CATALYST-CAT24C64LI-GT2 Datasheet
552Kb / 18P
   64-Kb I2C CMOS Serial EEPROM
More results

Similar Description - CAT24C64LI-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C64LI ONSEMI-CAT24C64LI Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
logo
Catalyst Semiconductor
CAT24C64 CATALYST-CAT24C64 Datasheet
552Kb / 18P
   64-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
LE2464DXA ONSEMI-LE2464DXA Datasheet
305Kb / 17P
   64 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
LE2464RDXA ONSEMI-LE2464RDXA Datasheet
353Kb / 17P
   64 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAT24C64 ONSEMI-CAT24C64_16 Datasheet
146Kb / 16P
   64 Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 25
CAV24C64 ONSEMI-CAV24C64_16 Datasheet
106Kb / 11P
   64-Kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAT24C64LI-G ONSEMI-CAT24C64LI-G Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
CAV24C64 ONSEMI-CAV24C64 Datasheet
143Kb / 10P
   64-Kb I2C CMOS Serial EEPROM
March, 2011 ??Rev. 0
N24S64B ONSEMI-N24S64B Datasheet
104Kb / 11P
   64 Kb I2C CMOS Serial EEPROM
August, 2018 ??Rev. 0
CAT24C64 ONSEMI-CAT24C64_18 Datasheet
123Kb / 13P
   64 Kb I2C CMOS Serial EEPROM
April, 2018 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com