Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24C21ZE-GT3 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT24C21ZE-GT3
Description  1 kb Dual Mode Serial EEPROM for VESA ?쏱lug-and-Play?
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C21ZE-GT3 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT24C21ZE-GT3 Datasheet HTML 3Page - ON Semiconductor CAT24C21ZE-GT3 Datasheet HTML 4Page - ON Semiconductor CAT24C21ZE-GT3 Datasheet HTML 5Page - ON Semiconductor CAT24C21ZE-GT3 Datasheet HTML 6Page - ON Semiconductor CAT24C21ZE-GT3 Datasheet HTML 7Page - ON Semiconductor CAT24C21ZE-GT3 Datasheet HTML 8Page - ON Semiconductor CAT24C21ZE-GT3 Datasheet HTML 9Page - ON Semiconductor CAT24C21ZE-GT3 Datasheet HTML 10Page - ON Semiconductor CAT24C21ZE-GT3 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CAT24C21
http://onsemi.com
7
Write Protection
When the VCLK pin is connected to GND and the
CAT24C21 is in the bi−directional mode, the entire memory
is protected and becomes “read only”.
Read Operations
The READ operation for the CAT24C21 is initiated in the
same manner as the write operation with the one exception
that the R/W bit is set to a one. Three different READ
operations are possible: Immediate Address READ,
Selective READ and Sequential READ.
Immediate Address Read
The CAT24C21’s address counter contains the address of
the last byte accessed, incremented by one. In other words,
if the last READ or WRITE access was to address N, the
READ immediately following would access data from
address N + 1 (Figure 12). If N = 127, then the counter will
‘wrap around’ to address 0 and continue to clock out data.
Selective Read
Selective READ operations allow the Master device to
select at random any memory location for a READ operation
(Figure 13). The Master device first performs a ‘dummy’
write operation by sending the START condition, slave
address and byte address of the location it wishes to read.
After the CAT24C21 acknowledges the word address, the
Master device resends the START condition and the slave
address, this time with the R/
W bit set to one. The
CAT24C21 then responds with its ACK and sends the 8−bit
byte requested. The master device does not send an ACK but
will generate a STOP condition.
Sequential Read
The Sequential READ operation (Figure 14) can be
initiated by either the Immediate Address READ or the
Selective READ operation. After the CAT24C21 sends the
first 8−bit byte, the Master responds with an ACK, which
tells the Slave that more data is being requested. The
CAT24C21 will continue to output an 8−bit byte for each
ACK sent by the Master. The entire memory content can thus
be read out sequentially. If the end of memory is reached in
the process, then addressing will ‘wrap−around’ to the
beginning of memory. Data output will stop when the Master
fails to acknowledge and sends a STOP condition.
Figure 10. Byte Write Timing
BYTE
ADDRESS
SLAVE
ADDRESS
S
A
C
K
A
C
K
DATA
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
** *
*
nMAX = 7FH
P = 15 for CAT24WC21
* = Don−t care
Figure 11. Page Write Timing
BUS ACTIVITY:
MASTER
SDA LINE
DATA n+P
BYTE
ADDRESS (n)
A
C
K
A
C
K
DATA n
A
C
K
S
T
O
P
S
A
C
K
DATA n+1
A
C
K
S
T
A
R
T
P
SLAVE
ADDRESS
*
** *


Similar Part No. - CAT24C21ZE-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C21ZE ONSEMI-CAT24C21ZE Datasheet
140Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA Plug-and-Play
September, 2009 ??Rev. 16
logo
Catalyst Semiconductor
CAT24C21ZETE13 CATALYST-CAT24C21ZETE13 Datasheet
66Kb / 12P
   1-kb Dual Mode Serial EEPROM for VESA??Plug-and-Play
More results

Similar Description - CAT24C21ZE-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C21WI ONSEMI-CAT24C21WI Datasheet
140Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA Plug-and-Play
September, 2009 ??Rev. 16
logo
Catalyst Semiconductor
CAT24C21 CATALYST-CAT24C21 Datasheet
66Kb / 12P
   1-kb Dual Mode Serial EEPROM for VESA??Plug-and-Play
logo
STMicroelectronics
ST24LC21B STMICROELECTRONICS-ST24LC21B Datasheet
159Kb / 22P
   1 Kbit x8 Dual Mode Serial EEPROM for VESA PLUG & PLAY
ST24LC21 STMICROELECTRONICS-ST24LC21 Datasheet
149Kb / 18P
   1Kb x8 DUAL MODE SERIAL EEPROM for VESA Plug&Play
logo
ON Semiconductor
CAT24AA01 ONSEMI-CAT24AA01_15 Datasheet
91Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
May, 2015 ??Rev. 5
CAT24AA01 ONSEMI-CAT24AA01 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24AA01 CATALYST-CAT24AA01 Datasheet
206Kb / 13P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT93C46R ONSEMI-CAT93C46R Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
CAT93C46WI-G ONSEMI-CAT93C46WI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com