Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24C32LE-GT2 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT24C32LE-GT2
Description  32-Kb I2C CMOS Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C32LE-GT2 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT24C32LE-GT2 Datasheet HTML 3Page - ON Semiconductor CAT24C32LE-GT2 Datasheet HTML 4Page - ON Semiconductor CAT24C32LE-GT2 Datasheet HTML 5Page - ON Semiconductor CAT24C32LE-GT2 Datasheet HTML 6Page - ON Semiconductor CAT24C32LE-GT2 Datasheet HTML 7Page - ON Semiconductor CAT24C32LE-GT2 Datasheet HTML 8Page - ON Semiconductor CAT24C32LE-GT2 Datasheet HTML 9Page - ON Semiconductor CAT24C32LE-GT2 Datasheet HTML 10Page - ON Semiconductor CAT24C32LE-GT2 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CAT24C32
http://onsemi.com
7
READ OPERATIONS
Immediate Read
To read data from memory, the Master creates a START
condition on the bus and then broadcasts a Slave address
with the R/W bit set to ‘1’. The Slave responds with ACK
and starts shifting out data residing at the current address.
After receiving the data, the Master responds with NoACK
and terminates the session by creating a STOP condition on
the bus (Figure 10). The Slave then returns to Standby mode.
Selective Read
To read data residing at a specific address, the selected
address must first be loaded into the internal address register.
This is done by starting a Byte Write sequence, whereby the
Master creates a START condition, then broadcasts a Slave
address with the R/W bit set to ‘0’ and then sends two
address bytes to the Slave. Rather than completing the Byte
Write sequence by sending data, the Master then creates a
START condition and broadcasts a Slave address with the
R/W bit set to ‘1’. The Slave responds with ACK after every
byte sent by the Master and then sends out data residing at
the selected address. After receiving the data, the Master
responds with NoACK and then terminates the session by
creating a STOP condition on the bus (Figure 11).
Sequential Read
If, after receiving data sent by the Slave, the Master
responds with ACK, then the Slave will continue
transmitting until the Master responds with NoACK
followed by STOP (Figure 12). During Sequential Read the
internal byte address is automatically incremented up to the
end of memory, where it then wraps around to the beginning
of memory.
Figure 10. Immediate Read Sequence and Timing
SCL
SDA
8th Bit
STOP
NO ACK
DATA OUT
89
SLAVE
ADDRESS
S
A
C
K
DATA
BYTE
N
O
A
C
K
S
T
O
P
P
S
T
A
R
T
BUS ACTIVITY
MASTER
SLAVE
Figure 11. Selective Read Sequence
SLAVE
ADDRESS
S
A
C
K
A
C
K
A
C
K
S
T
A
R
T
SLAVE
S
A
C
K
S
T
A
R
T
P
S
T
O
P
ADDRESS
BYTE
ADDRESS
BYTE
ADDRESS
N
O
A
C
K
DATA
BYTE
BUS ACTIVITY:
MASTER
SLAVE
Figure 12. Sequential Read Sequence
S
T
O
P
P
SLAVE
ADDRESS
A
C
K
A
C
K
A
C
K
N
O
A
C
K
A
C
K
DATA
BYTE
n
DATA
BYTE
n+1
DATA
BYTE
n+2
DATA
BYTE
n+x
BUS ACTIVITY:
MASTER
SLAVE


Similar Part No. - CAT24C32LE-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C32LE.G ONSEMI-CAT24C32LE.G Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
More results

Similar Description - CAT24C32LE-GT2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C32 CATALYST-CAT24C32 Datasheet
527Kb / 18P
   32-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
LE2432RDXA ONSEMI-LE2432RDXA Datasheet
353Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAT24C32 ONSEMI-CAT24C32_15 Datasheet
144Kb / 16P
   32-Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 24
N24C32 ONSEMI-N24C32 Datasheet
89Kb / 10P
   32 Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
CAT24C32WI-G ONSEMI-CAT24C32WI-G Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
LE2432DXA ONSEMI-LE2432DXA Datasheet
310Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAV24C32 ONSEMI-CAV24C32_16 Datasheet
113Kb / 12P
   32-Kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAT24C32 ONSEMI-CAT24C32_12 Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
CAT24C32 ONSEMI-CAT24C32_18 Datasheet
405Kb / 22P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 26
CAV24C32 ONSEMI-CAV24C32_18 Datasheet
319Kb / 17P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com