Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24C32LE-GT2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT24C32LE-GT2
Description  32-Kb I2C CMOS Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C32LE-GT2 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT24C32LE-GT2 Datasheet HTML 1Page - ON Semiconductor CAT24C32LE-GT2 Datasheet HTML 2Page - ON Semiconductor CAT24C32LE-GT2 Datasheet HTML 3Page - ON Semiconductor CAT24C32LE-GT2 Datasheet HTML 4Page - ON Semiconductor CAT24C32LE-GT2 Datasheet HTML 5Page - ON Semiconductor CAT24C32LE-GT2 Datasheet HTML 6Page - ON Semiconductor CAT24C32LE-GT2 Datasheet HTML 7Page - ON Semiconductor CAT24C32LE-GT2 Datasheet HTML 8Page - ON Semiconductor CAT24C32LE-GT2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CAT24C32
http://onsemi.com
4
Power-On Reset (POR)
Each CAT24C32 incorporates Power-On Reset (POR)
circuitry which protects the internal logic against powering
up in the wrong state. The device will power up into Standby
mode after VCC exceeds the POR trigger level and will
power down into Reset mode when VCC drops below the
POR trigger level. This bi-directional POR behavior
protects the device against ‘brown-out’ failure following a
temporary loss of power.
Pin Description
SCL: The Serial Clock input pin accepts the clock signal
generated by the Master.
SDA: The Serial Data I/O pin accepts input data and delivers
output data. In transmit mode, this pin is open drain. Data is
acquired on the positive edge, and is delivered on the
negative edge of SCL.
A0, A1 and A2: The Address inputs set the device address
that must be matched by the corresponding Slave address
bits. The Address inputs are hard-wired HIGH or LOW
allowing for up to eight devices to be used (cascaded) on the
same bus. When left floating, these pins are pulled LOW
internally.
WP: When pulled HIGH, the Write Protect input pin
inhibits all write operations. When left floating, this pin is
pulled LOW internally.
Functional Description
The CAT24C32 supports the Inter-Integrated Circuit
(I2C) Bus protocol. The protocol relies on the use of a Master
device, which provides the clock and directs bus traffic, and
Slave devices which execute requests. The CAT24C32
operates as a Slave device. Both Master and Slave can
transmit or receive, but only the Master can assign those
roles.
I2C Bus Protocol
The 2-wire I2C bus consists of two lines, SCL and SDA,
connected to the VCC supply via pull-up resistors. The
Master provides the clock to the SCL line, and either the
Master or the Slaves drive the SDA line. A ‘0’ is transmitted
by pulling a line LOW and a ‘1’ by letting it stay HIGH. Data
transfer may be initiated only when the bus is not busy (see
A.C. Characteristics). During data transfer, SDA must
remain stable while SCL is HIGH.
START/STOP Condition
An SDA transition while SCL is HIGH creates a START
or STOP condition (Figure 2). The START consists of a
HIGH to LOW SDA transition, while SCL is HIGH. Absent
the START, a Slave will not respond to the Master. The
STOP completes all commands, and consists of a LOW to
HIGH SDA transition, while SCL is HIGH.
Device Addressing
The Master addresses a Slave by creating a START
condition and then broadcasting an 8-bit Slave address. For
the CAT24C32, the first four bits of the Slave address are set
to 1010 (Ah); the next three bits, A2, A1 and A0, must match
the logic state of the similarly named input pins. The R/W
bit tells the Slave whether the Master intends to read (1) or
write (0) data (Figure 3).
Acknowledge
During the 9th clock cycle following every byte sent to the
bus, the transmitter releases the SDA line, allowing the
receiver to respond. The receiver then either acknowledges
(ACK) by pulling SDA LOW, or does not acknowledge
(NoACK) by letting SDA stay HIGH (Figure 4). Bus timing
is illustrated in Figure 5.
START
CONDITION
STOP
CONDITION
SDA
SCL
Figure 2. Start/Stop Timing
Figure 3. Slave Address Bits
10
1
0
DEVICE ADDRESS
A2
A1
A0 R/W


Similar Part No. - CAT24C32LE-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C32LE.G ONSEMI-CAT24C32LE.G Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
More results

Similar Description - CAT24C32LE-GT2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C32 CATALYST-CAT24C32 Datasheet
527Kb / 18P
   32-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
LE2432RDXA ONSEMI-LE2432RDXA Datasheet
353Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAT24C32 ONSEMI-CAT24C32_15 Datasheet
144Kb / 16P
   32-Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 24
N24C32 ONSEMI-N24C32 Datasheet
89Kb / 10P
   32 Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
CAT24C32WI-G ONSEMI-CAT24C32WI-G Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
LE2432DXA ONSEMI-LE2432DXA Datasheet
310Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAV24C32 ONSEMI-CAV24C32_16 Datasheet
113Kb / 12P
   32-Kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAT24C32 ONSEMI-CAT24C32_12 Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
CAT24C32 ONSEMI-CAT24C32_18 Datasheet
405Kb / 22P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 26
CAV24C32 ONSEMI-CAV24C32_18 Datasheet
319Kb / 17P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com