Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24C128YI-GT3 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT24C128YI-GT3
Description  128 kb I2C CMOS Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C128YI-GT3 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT24C128YI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT24C128YI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT24C128YI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT24C128YI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT24C128YI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT24C128YI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT24C128YI-GT3 Datasheet HTML 9Page - ON Semiconductor CAT24C128YI-GT3 Datasheet HTML 10Page - ON Semiconductor CAT24C128YI-GT3 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CAT24C128
http://onsemi.com
7
SLAVE
ADDRESS
S
A
C
K
A
C
K
A
C
K
BUS ACTIVITY:
MASTER
SLAVE
S
T
A
R
T
ADDRESS
BYTE
ADDRESS
BYTE
DATA
BYTE
n
DATA
BYTE
n+1
DATA
BYTE
n+P
A
C
K
S
T
O
P
A
C
K
A
C
K
P
A
C
K
* = Don’t Care Bit
P v 63
Figure 8. Page Write Sequence
**
a13−a8
a7−a0
18
9
1
8
ADDRESS
BYTE
DATA
BYTE
SCL
SDA
WP
Figure 9. WP Timing
d0
d7
a7
a0
tHD:WP
tSU:WP
Read Operations
Immediate Read
Upon receiving a Slave address with the R/W bit set to ‘1’,
the CAT24C128 will interpret this as a request for data
residing at the current byte address in memory. The
CAT24C128 will acknowledge the Slave address, will
immediately shift out the data residing at the current address,
and will then wait for the Master to respond. If the Master
does not acknowledge the data (NoACK) and then follows
up with a STOP condition (Figure 10), the CAT24C128
returns to Standby mode.
Selective Read
To read data residing at a specific location, the internal
address counter must first be initialized as described under
Byte Write. If rather than following up the two address bytes
with data, the Master instead follows up with an Immediate
Read sequence, then the CAT24C128 will use the 14 active
address bits to initialize the internal address counter and will
shift out data residing at the corresponding location. If the
Master does not acknowledge the data (NoACK) and then
follows up with a STOP condition (Figure 11), the
CAT24C128 returns to Standby mode.
Sequential Read
If during a Read session the Master acknowledges the 1st
data byte, then the CAT24C128 will continue transmitting
data residing at subsequent locations until the Master
responds with a NoACK, followed by a STOP (Figure 12).
In contrast to Page Write, during Sequential Read the
address count will automatically increment to and then
wrap−around at end of memory (rather than end of page).


Similar Part No. - CAT24C128YI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C128YI-GT3 CATALYST-CAT24C128YI-GT3 Datasheet
520Kb / 17P
   128-Kb I2C CMOS Serial EEPROM
CAT24C128YI-GT3 CATALYST-CAT24C128YI-GT3 Datasheet
433Kb / 18P
   128-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C128YI-GT3 ONSEMI-CAT24C128YI-GT3 Datasheet
181Kb / 16P
   128 kb I2C CMOS Serial
August, 2013 ??Rev. 15
More results

Similar Description - CAT24C128YI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C128 CATALYST-CAT24C128 Datasheet
520Kb / 17P
   128-Kb I2C CMOS Serial EEPROM
CAT24C128 CATALYST-CAT24C128_07 Datasheet
433Kb / 18P
   128-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAV24C128 ONSEMI-CAV24C128_18 Datasheet
269Kb / 16P
   EEPROM Serial 128-Kb I2C
May, 2018 ??Rev. 1
CAT24C128HU4IGT3 ONSEMI-CAT24C128HU4IGT3 Datasheet
181Kb / 16P
   128 kb I2C CMOS Serial
August, 2013 ??Rev. 15
CAT25128 ONSEMI-CAT25128 Datasheet
186Kb / 16P
   128-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 2
CAT25128LI-G ONSEMI-CAT25128LI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128VI-G ONSEMI-CAT25128VI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_12 Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_14 Datasheet
220Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
February, 2014 ??Rev. 8
CAT24S128 ONSEMI-CAT24S128 Datasheet
96Kb / 12P
   128 Kb I2C CMOS Serial EEPROM with Software Write Protect
September, 2018 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com