Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24WC66XI-1.8-GT2C Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT24WC66XI-1.8-GT2C
Description  64-Kb I2C Serial EEPROM with Partial Array Write Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24WC66XI-1.8-GT2C Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT24WC66XI-1.8-GT2C Datasheet HTML 3Page - ON Semiconductor CAT24WC66XI-1.8-GT2C Datasheet HTML 4Page - ON Semiconductor CAT24WC66XI-1.8-GT2C Datasheet HTML 5Page - ON Semiconductor CAT24WC66XI-1.8-GT2C Datasheet HTML 6Page - ON Semiconductor CAT24WC66XI-1.8-GT2C Datasheet HTML 7Page - ON Semiconductor CAT24WC66XI-1.8-GT2C Datasheet HTML 8Page - ON Semiconductor CAT24WC66XI-1.8-GT2C Datasheet HTML 9Page - ON Semiconductor CAT24WC66XI-1.8-GT2C Datasheet HTML 10Page - ON Semiconductor CAT24WC66XI-1.8-GT2C Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CAT24WC66
http://onsemi.com
7
address N+1. If N=E (where E=8191), then the counter will
‘wrap around’ to address 0 and continue to clock out data.
After the CAT24WC66 receives its slave address
information (with the R/W bit set to one), it issues an
acknowledge, then transmits the 8 bit byte requested. The
master device does not send an acknowledge, but will
generate a STOP condition.
Selective/Random Read
Selective/Random READ operations allow the Master
device to select at random any memory location for a READ
operation. The Master device first performs a ‘dummy’
write operation by sending the START condition, slave
address and byte addresses of the location it wishes to read.
After CAT24WC66 acknowledges, the Master device sends
the START condition and the slave address again, this time
with the R/W bit set to one. The CAT24WC66 then responds
with its acknowledge and sends the 8−bit byte requested.
The master device does not send an acknowledge but will
generate a STOP condition.
Sequential Read
The Sequential READ operation can be initiated by either
the Immediate Address READ or Selective READ
operations. After the CAT24WC66 sends the initial 8−bit
byte requested, the Master will respond with an
acknowledge which tells the device it requires more data.
The CAT24WC66 will continue to output an 8−bit byte for
each acknowledge sent by the Master. The operation will
terminate when the Master fails to respond with an
acknowledge, thus sending the STOP condition.
The data being transmitted from CAT24WC66 is
outputted sequentially with data from address N followed by
data from address N+1. The READ operation address
counter increments all of the CAT24WC66 address bits so
that the entire memory array can be read during one
operation. If more than E (where E=8191) bytes are read out,
the counter will ‘wrap around’ and continue to clock out data
bytes.
Figure 9. Immediate Address Read Timing
SCL
SDA
8TH BIT
STOP
NO ACK
DATA OUT
89
SLAVE
ADDRESS
S
A
C
K
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
N
O
A
C
K
DATA
S
T
O
P
P
Figure 10. Selective Read Timing
SLAVE
ADDRESS
S
A
C
K
A
C
K
A
C
K
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
BYTE ADDRESS
SLAVE
ADDRESS
S
A
C
K
N
O
A
C
K
S
T
A
R
T
DATA
P
S
T
O
P
XX
X
A15−A8
A7−A0
Figure 11. Sequential Read Timing
BUS ACTIVITY:
MASTER
SDA LINE
DATA n
A
C
K
A
C
K
DATA n+1
A
C
K
S
T
O
P
N
O
A
C
K
A
C
K
P
SLAVE
ADDRESS
DATA n+2
DATA n+x


Similar Part No. - CAT24WC66XI-1.8-GT2C

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC66XI-1.8TE13 CATALYST-CAT24WC66XI-1.8TE13 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
More results

Similar Description - CAT24WC66XI-1.8-GT2C

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C03 CATALYST-CAT24C03 Datasheet
401Kb / 20P
   2-Kb I2C CMOS Serial EEPROM with Partial Array Write Protection
CAT24C03 CATALYST-CAT24C03_06 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24C03 ONSEMI-CAT24C03 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24C05 CATALYST-CAT24C05 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
CAT24WC66 CATALYST-CAT24WC66_06 Datasheet
155Kb / 13P
   64K-bit I2C Serial EEPROM with Partial Array Write Protection
CAT24FC65 CATALYST-CAT24FC65 Datasheet
446Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24S64 ONSEMI-CAT24S64 Datasheet
124Kb / 12P
   EEPROM Serial 64-Kb I2C with Software Write Protect
September, 2018 ??Rev. 2
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03_05 Datasheet
362Kb / 14P
   2K/4K-Bit Serial EEPROM with Partial Array Write Protection
logo
ON Semiconductor
N24C64 ONSEMI-N24C64_18 Datasheet
213Kb / 14P
   EEPROM Serial 64-Kb I2C
May, 2018 ??Rev. 2
CAV24C64 ONSEMI-CAV24C64_18 Datasheet
339Kb / 17P
   EEPROM Serial 64-Kb I2C
April, 2018 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com