Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24WC66XI-1.8-GT2C Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT24WC66XI-1.8-GT2C
Description  64-Kb I2C Serial EEPROM with Partial Array Write Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24WC66XI-1.8-GT2C Datasheet(HTML) 4 Page - ON Semiconductor

  CAT24WC66XI-1.8-GT2C Datasheet HTML 1Page - ON Semiconductor CAT24WC66XI-1.8-GT2C Datasheet HTML 2Page - ON Semiconductor CAT24WC66XI-1.8-GT2C Datasheet HTML 3Page - ON Semiconductor CAT24WC66XI-1.8-GT2C Datasheet HTML 4Page - ON Semiconductor CAT24WC66XI-1.8-GT2C Datasheet HTML 5Page - ON Semiconductor CAT24WC66XI-1.8-GT2C Datasheet HTML 6Page - ON Semiconductor CAT24WC66XI-1.8-GT2C Datasheet HTML 7Page - ON Semiconductor CAT24WC66XI-1.8-GT2C Datasheet HTML 8Page - ON Semiconductor CAT24WC66XI-1.8-GT2C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CAT24WC66
http://onsemi.com
4
Functional Description
The CAT24WC66 supports the I2C Bus data transmission
protocol. This Inter−Integrated Circuit Bus protocol defines
any device that sends data to the bus to be a transmitter and
any device receiving data to be a receiver. The transfer is
controlled by the Master device which generates the serial
clock and all START and STOP conditions for bus access.
The CAT24WC66 operates as a Slave device. Both the
Master device and Slave device can operate as either
transmitter or receiver, but the Master device controls which
mode is activated.
Pin Description
SCL: Serial Clock
The serial clock input clocks all data transferred into or out
of the device.
SDA: Serial Data/Address
The bidirectional serial data/address pin is used to transfer
all data into and out of the device. The SDA pin is an open
drain output and can be wire−ORed with other open drain or
open collector outputs.
A0, A1, A2: Device Address Inputs
These pins are hardwired or left unconnected (for
hardware compatibility with CAT24WC16). When
hardwired, up to eight CAT24WC66 devices may be
addressed on a single bus system (refer to Device
Addressing). When the pins are left unconnected, the default
values are zeros.
WP: Write Protect
This input, when tied to GND, allows write operations to
the entire memory. When this pin is tied to VCC, the top 1/4
array of memory is write protected. When left floating,
memory is unprotected.
SCL
SDA IN
SDA OUT
Figure 2. Bus Timing
tSU:STA
tF
tSU:STO
tBUF
tR
tDH
tSU:DAT
tLOW
tLOW
tHIGH
tAA
tHD:DAT
tHD:STA
Figure 3. Write Cycle Timing
STOP
CONDITION
START
CONDITION
ADDRESS
ACK
8TH BIT
BYTE n
SCL
SDA
tWR
Figure 4. Start/Stop Timing
START BIT
SDA
STOP BIT
SCL


Similar Part No. - CAT24WC66XI-1.8-GT2C

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC66XI-1.8TE13 CATALYST-CAT24WC66XI-1.8TE13 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
More results

Similar Description - CAT24WC66XI-1.8-GT2C

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C03 CATALYST-CAT24C03 Datasheet
401Kb / 20P
   2-Kb I2C CMOS Serial EEPROM with Partial Array Write Protection
CAT24C03 CATALYST-CAT24C03_06 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24C03 ONSEMI-CAT24C03 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24C05 CATALYST-CAT24C05 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
CAT24WC66 CATALYST-CAT24WC66_06 Datasheet
155Kb / 13P
   64K-bit I2C Serial EEPROM with Partial Array Write Protection
CAT24FC65 CATALYST-CAT24FC65 Datasheet
446Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24S64 ONSEMI-CAT24S64 Datasheet
124Kb / 12P
   EEPROM Serial 64-Kb I2C with Software Write Protect
September, 2018 ??Rev. 2
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03_05 Datasheet
362Kb / 14P
   2K/4K-Bit Serial EEPROM with Partial Array Write Protection
logo
ON Semiconductor
N24C64 ONSEMI-N24C64_18 Datasheet
213Kb / 14P
   EEPROM Serial 64-Kb I2C
May, 2018 ??Rev. 2
CAV24C64 ONSEMI-CAV24C64_18 Datasheet
339Kb / 17P
   EEPROM Serial 64-Kb I2C
April, 2018 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com