Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24WC66XA-T2C Datasheet(PDF) 11 Page - ON Semiconductor

Part # CAT24WC66XA-T2C
Description  64-Kb I2C Serial EEPROM with Partial Array Write Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24WC66XA-T2C Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CAT24WC66XA-T2C Datasheet HTML 3Page - ON Semiconductor CAT24WC66XA-T2C Datasheet HTML 4Page - ON Semiconductor CAT24WC66XA-T2C Datasheet HTML 5Page - ON Semiconductor CAT24WC66XA-T2C Datasheet HTML 6Page - ON Semiconductor CAT24WC66XA-T2C Datasheet HTML 7Page - ON Semiconductor CAT24WC66XA-T2C Datasheet HTML 8Page - ON Semiconductor CAT24WC66XA-T2C Datasheet HTML 9Page - ON Semiconductor CAT24WC66XA-T2C Datasheet HTML 10Page - ON Semiconductor CAT24WC66XA-T2C Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
CAT24WC66
http://onsemi.com
11
Example of Ordering Information
Prefix
Device #
Suffix
Company ID
CAT
24WC66
W
Product Number
24WC66
I
−1.8
GT3
Rev C (Note 11)
Package
I = Industrial (−40°C to 85°C)
A = Automotive (−40°C to 105°C)
E = Extended (−40°C to 125°C)
Temperature Range
L: PDIP
W: SOIC, JEDEC
X: SOIC, EIAJ (Note 12)
Operating Voltage
Blank: VCC = 2.5 V to 5.5 V
1.8: VCC = 1.8 V to 5.5 V
T: Tape & Reel
2: 2000 / Reel (Note 12)
3: 3000 / Reel
Lead Finish
Blank: Matte−Tin
G: NiPdAu
Die Revision
24WC66: C
Tape & Reel (Note 14)
8. All packages are RoHS-compliant (Lead-free, Halogen-free).
9. The standard lead finish is NiPdAu.
10.The device used in the above example is a CAT24W66WI−1.8−GT3 (SOIC, Industrial Temperature, 1.8 to 5.5 V Operating Voltage, NiPdAu,
Tape & Reel).
11. Product die revision letter is marked on top of the package as a suffix to the production date code (e.g. AYWWC). For additional information,
please contact your ON Semiconductor sales office.
12.For SOIC, EIAJ (X) package the standard lead finish is Matte-Tin. This package is available in 2000 pcs/reel, i.e. CAT24WC66XI-T2.
13.For additional package and temperature options, please contact your nearest ON Semiconductor sales office.
14.For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
CAT24WC66/D
ON Semiconductor is licensed by Philips Corporation to carry the I2C Bus Protocol.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - CAT24WC66XA-T2C

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC66XA-TE13 CATALYST-CAT24WC66XA-TE13 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
More results

Similar Description - CAT24WC66XA-T2C

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C03 CATALYST-CAT24C03 Datasheet
401Kb / 20P
   2-Kb I2C CMOS Serial EEPROM with Partial Array Write Protection
CAT24C03 CATALYST-CAT24C03_06 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24C03 ONSEMI-CAT24C03 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24C05 CATALYST-CAT24C05 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
CAT24WC66 CATALYST-CAT24WC66_06 Datasheet
155Kb / 13P
   64K-bit I2C Serial EEPROM with Partial Array Write Protection
CAT24FC65 CATALYST-CAT24FC65 Datasheet
446Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24S64 ONSEMI-CAT24S64 Datasheet
124Kb / 12P
   EEPROM Serial 64-Kb I2C with Software Write Protect
September, 2018 ??Rev. 2
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03_05 Datasheet
362Kb / 14P
   2K/4K-Bit Serial EEPROM with Partial Array Write Protection
logo
ON Semiconductor
N24C64 ONSEMI-N24C64_18 Datasheet
213Kb / 14P
   EEPROM Serial 64-Kb I2C
May, 2018 ??Rev. 2
CAV24C64 ONSEMI-CAV24C64_18 Datasheet
339Kb / 17P
   EEPROM Serial 64-Kb I2C
April, 2018 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com