Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24WC66LE-T2C Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT24WC66LE-T2C
Description  64-Kb I2C Serial EEPROM with Partial Array Write Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24WC66LE-T2C Datasheet(HTML) 1 Page - ON Semiconductor

  CAT24WC66LE-T2C Datasheet HTML 1Page - ON Semiconductor CAT24WC66LE-T2C Datasheet HTML 2Page - ON Semiconductor CAT24WC66LE-T2C Datasheet HTML 3Page - ON Semiconductor CAT24WC66LE-T2C Datasheet HTML 4Page - ON Semiconductor CAT24WC66LE-T2C Datasheet HTML 5Page - ON Semiconductor CAT24WC66LE-T2C Datasheet HTML 6Page - ON Semiconductor CAT24WC66LE-T2C Datasheet HTML 7Page - ON Semiconductor CAT24WC66LE-T2C Datasheet HTML 8Page - ON Semiconductor CAT24WC66LE-T2C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2009
August, 2009 − Rev. 10
1
Publication Order Number:
CAT24WC66/D
CAT24WC66
64-Kb I2C Serial EEPROM
with Partial Array Write
Protection
Description
The CAT24WC66 is a 64−Kb Serial CMOS EEPROM internally
organized as 8192 words of 8 bits each. ON Semiconductor’s
advanced CMOS technology substantially reduces device power
requirements. The CAT24WC66 features a 32−byte page write buffer.
The device operates via the I2C bus serial interface and is available in
8−pin PDIP or 8−pin SOIC packages.
Features
400 kHz I2C Bus
1.8 V to 5.5 V Supply Voltage Range
Cascadable for up to Eight Devices
32−byte Page Write Buffer
Self−timed Write Cycle with Auto−clear
Schmitt Trigger Inputs for Noise Protection
Write Protection
− Top 1/4 Array Protected when WP at VIH
1,000,000 Program/Erase Cycles
100 Year Data Retention
Industrial and Automotive Temperature Ranges
This Device is Pb−Free, Halogen Free/BFR Free, and RoHS
Compliant
Figure 1. Functional Symbol
SDA
SCL
WP
CAT24CW66
VSS
VCC
A2, A1, A0
http://onsemi.com
PIN CONFIGURATIONS
SDA
WP
VCC
VSS
A2
A1
A0
1
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION
SOIC−8
W or X SUFFIX
CASE 751BD
SCL
DIP Package (L)
PDIP−8
L SUFFIX
CASE 646AA
Device Address Inputs
A0, A1, A2
Serial Data/Address
SDA
Serial Clock
SCL
Write Protect
WP
Power Supply
VCC
Ground
VSS
Function
Pin Name
PIN FUNCTION
SDA
WP
VCC
VSS
A2
A1
A0
1
SCL
SOIC Package (W, X)


Similar Part No. - CAT24WC66LE-T2C

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC66LE-TE13 CATALYST-CAT24WC66LE-TE13 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
More results

Similar Description - CAT24WC66LE-T2C

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C03 CATALYST-CAT24C03 Datasheet
401Kb / 20P
   2-Kb I2C CMOS Serial EEPROM with Partial Array Write Protection
CAT24C03 CATALYST-CAT24C03_06 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24C03 ONSEMI-CAT24C03 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24C05 CATALYST-CAT24C05 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
CAT24WC66 CATALYST-CAT24WC66_06 Datasheet
155Kb / 13P
   64K-bit I2C Serial EEPROM with Partial Array Write Protection
CAT24FC65 CATALYST-CAT24FC65 Datasheet
446Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24S64 ONSEMI-CAT24S64 Datasheet
124Kb / 12P
   EEPROM Serial 64-Kb I2C with Software Write Protect
September, 2018 ??Rev. 2
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03_05 Datasheet
362Kb / 14P
   2K/4K-Bit Serial EEPROM with Partial Array Write Protection
logo
ON Semiconductor
N24C64 ONSEMI-N24C64_18 Datasheet
213Kb / 14P
   EEPROM Serial 64-Kb I2C
May, 2018 ??Rev. 2
CAV24C64 ONSEMI-CAV24C64_18 Datasheet
339Kb / 17P
   EEPROM Serial 64-Kb I2C
April, 2018 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com