Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28C65BWI-15T Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT28C65BWI-15T
Description  64K-Bit CMOS PARALLEL EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C65BWI-15T Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT28C65BWI-15T Datasheet HTML 2Page - ON Semiconductor CAT28C65BWI-15T Datasheet HTML 3Page - ON Semiconductor CAT28C65BWI-15T Datasheet HTML 4Page - ON Semiconductor CAT28C65BWI-15T Datasheet HTML 5Page - ON Semiconductor CAT28C65BWI-15T Datasheet HTML 6Page - ON Semiconductor CAT28C65BWI-15T Datasheet HTML 7Page - ON Semiconductor CAT28C65BWI-15T Datasheet HTML 8Page - ON Semiconductor CAT28C65BWI-15T Datasheet HTML 9Page - ON Semiconductor CAT28C65BWI-15T Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CAT28C65B
6
Doc. No. MD-1009, Rev. H
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
A.C. CHARACTERISTICS, Write Cycle
VCC = 5V
±10%, unless otherwise specified.
28C65B-90
28C65B-12
28C65B-15
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Units
tWC
Write Cycle Time
5
5
5
ms
tAS
Address Setup Time
0
0
0
ns
tAH
Address Hold Time
100
100
100
ns
tCS
CE Setup Time
0
0
0
ns
tCH
CE Hold Time
0
0
0
ns
tCW(2)
CE Pulse Time
110
110
110
ns
tOES
OE Setup Time
0
0
0
ns
tOEH
OE Hold Time
0
0
0
ns
tWP(2)
OE Pulse Width
110
110
110
ns
tRB
WE Low to RDY/BUSY Low
120
120
120
ns
tDS
Data Setup Time
60
60
60
ns
tDH
Data Hold Time
0
0
0
ns
tINIT(1)
Write Inhibit Period After Power-up
5
10
5
10
5
10
ms
tBLC(1)(3)
Byte Load Cycle Time
.05
100
.05
100
.05
100
µs
Note:
(1)
This parameter is tested initially and after a design or process change that affects the parameter.
(2)
A write pulse of less than 20ns duration will not initiate a write cycle.
(3)
A timer of duration tBLC max. begins with every LOW to HIGH transition of WE. If allowed to time out, a page or byte write will begin;
however a transition from HIGH to LOW within tBLC max. stops the timer.


Similar Part No. - CAT28C65BWI-15T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C65BWI-15T CATALYST-CAT28C65BWI-15T Datasheet
418Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
More results

Similar Description - CAT28C65BWI-15T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C64BL12 ONSEMI-CAT28C64BL12 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64B ONSEMI-CAT28C64B Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BN-20 ONSEMI-CAT28C64BN-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BP-20 ONSEMI-CAT28C64BP-20 Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C65BP12 ONSEMI-CAT28C65BP12 Datasheet
81Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
logo
Catalyst Semiconductor
CAT28LV65 CATALYST-CAT28LV65_05 Datasheet
74Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
CAT28C64B CATALYST-CAT28C64B_05 Datasheet
415Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
Seiko Instruments Inc
S-2860B SII-S-2860B Datasheet
971Kb / 18P
   CMOS 64K-bit PARALLEL EEPROM
logo
Catalyst Semiconductor
28LV64 CATALYST-28LV64 Datasheet
527Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
CAT28C65B CATALYST-CAT28C65B_05 Datasheet
418Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C64BJ-20 ONSEMI-CAT28C64BJ-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com