Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24WC66WA-1.8-GT3C Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT24WC66WA-1.8-GT3C
Description  64-Kb I2C Serial EEPROM with Partial Array Write Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24WC66WA-1.8-GT3C Datasheet(HTML) 5 Page - ON Semiconductor

  CAT24WC66WA-1.8-GT3C Datasheet HTML 1Page - ON Semiconductor CAT24WC66WA-1.8-GT3C Datasheet HTML 2Page - ON Semiconductor CAT24WC66WA-1.8-GT3C Datasheet HTML 3Page - ON Semiconductor CAT24WC66WA-1.8-GT3C Datasheet HTML 4Page - ON Semiconductor CAT24WC66WA-1.8-GT3C Datasheet HTML 5Page - ON Semiconductor CAT24WC66WA-1.8-GT3C Datasheet HTML 6Page - ON Semiconductor CAT24WC66WA-1.8-GT3C Datasheet HTML 7Page - ON Semiconductor CAT24WC66WA-1.8-GT3C Datasheet HTML 8Page - ON Semiconductor CAT24WC66WA-1.8-GT3C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CAT24WC66
http://onsemi.com
5
I2C Bus Protocol
The features of the I2C bus protocol are defined as
follows:
1. Data transfer may be initiated only when the bus is
not busy.
2. During a data transfer, the data line must remain
stable whenever the clock line is high. Any
changes in the data line while the clock line is high
will be interpreted as a START or STOP condition.
START Condition
The START Condition precedes all commands to the
device, and is defined as a HIGH to LOW transition of SDA
when SCL is HIGH. The CAT24WC66 monitors the SDA
and SCL lines and will not respond until this condition is
met.
STOP Condition
A LOW to HIGH transition of SDA when SCL is HIGH
determines the STOP condition. All operations must end
with a STOP condition.
Device Addressing
The bus Master begins a transmission by sending a
START condition. The Master sends the address of the
particular slave device it is requesting. The four most
significant bits of the 8−bit slave address are fixed as 1010
(Figure 6). The next three bits (A2, A1, A0) are the device
address bits; up to eight 64K devices may to be connected to
the same bus. These bits must compare to the hardwired
input pins, A2, A1 and A0. The last bit of the slave address
specifies whether a Read or Write operation is to be
performed. When this bit is set to 1, a Read operation is
selected, and when set to 0, a Write operation is selected.
After the Master sends a START condition and the slave
address byte, the CAT24WC66 monitors the bus and
responds with an acknowledge (on the SDA line) when its
address matches the transmitted slave address. The
CAT24WC66 then performs a Read or Write operation
depending on the state of the R/W bit.
Acknowledge
After a successful data transfer, each receiving device is
required to generate an acknowledge. The Acknowledging
device pulls down the SDA line during the ninth clock cycle,
signaling that it received the 8 bits of data.
The CAT24WC66 responds with an acknowledge after
receiving a START condition and its slave address. If the
device has been selected along with a write operation, it
responds with an acknowledge after receiving each 8−bit
byte.
When the CAT24WC66 begins a READ mode it transmits
8 bits of data, releases the SDA line, and monitors the line
for an acknowledge. Once it receives this acknowledge, the
CAT24WC66 will continue to transmit data. If no
acknowledge is sent by the Master, the device terminates
data transmission and waits for a STOP condition. The
master must then issue a stop condition to return the
CAT24WC66 to the standby power mode and place the
device in a known state.
Figure 5. Acknowledge Timing
ACKNOWLEDGE
1
START
SCL FROM
MASTER
89
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER
Figure 6. Slave Address Bits
1
01
0
A2
A1
A0
DEVICE ADDRESS
R/W


Similar Part No. - CAT24WC66WA-1.8-GT3C

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC66WA-1.8TE13 CATALYST-CAT24WC66WA-1.8TE13 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
More results

Similar Description - CAT24WC66WA-1.8-GT3C

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C03 CATALYST-CAT24C03 Datasheet
401Kb / 20P
   2-Kb I2C CMOS Serial EEPROM with Partial Array Write Protection
CAT24C03 CATALYST-CAT24C03_06 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24C03 ONSEMI-CAT24C03 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24C05 CATALYST-CAT24C05 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
CAT24WC66 CATALYST-CAT24WC66_06 Datasheet
155Kb / 13P
   64K-bit I2C Serial EEPROM with Partial Array Write Protection
CAT24FC65 CATALYST-CAT24FC65 Datasheet
446Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24S64 ONSEMI-CAT24S64 Datasheet
124Kb / 12P
   EEPROM Serial 64-Kb I2C with Software Write Protect
September, 2018 ??Rev. 2
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03_05 Datasheet
362Kb / 14P
   2K/4K-Bit Serial EEPROM with Partial Array Write Protection
logo
ON Semiconductor
N24C64 ONSEMI-N24C64_18 Datasheet
213Kb / 14P
   EEPROM Serial 64-Kb I2C
May, 2018 ??Rev. 2
CAV24C64 ONSEMI-CAV24C64_18 Datasheet
339Kb / 17P
   EEPROM Serial 64-Kb I2C
April, 2018 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com