Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM78700 Datasheet(PDF) 1 Page - Tyco Electronics

Part # TM78700
Description  Accessories Miniature Power Relay PCLH and similar design
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TM78700 Datasheet(HTML) 1 Page - Tyco Electronics

  TM78700 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Accessories Miniature Power Relay PCLH
and similar design
TM 78 700
Socket with screw-type terminals
Technical data
Rated current
10 A
Rated voltage
300 Vac
Protection category
IP 20
Packaging unit
100 pcs.
F0236-A
F0129-A
S0310-B
Socket with screw-type terminals
Type
Part Number
TM 78 700
Socket with screw-type terminals
0-1393164-2
Accessories for TM 78 700
Type
Part Number
TM 28 800
Metal retaining clip for PCLH
0-1393164-1
Dimensions in mm
PCLH socket with screw-type terminals


Similar Part No. - TM78700

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM78AAA6 ETC1-TM78AAA6 Datasheet
77Kb / 1P
   TM78AAA6
More results

Similar Description - TM78700

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PT7872P MACOM-PT7872P Datasheet
530Kb / 7P
   Accessories Miniature Relay PT
PT78722 MACOM-PT78722 Datasheet
265Kb / 5P
   Accessories Miniature Relay PT
RY78626 MACOM-RY78626 Datasheet
114Kb / 2P
   Accessories Miniature PCB Relay RYII
RM78704 MACOM-RM78704 Datasheet
160Kb / 4P
   Accessories Power Relay RM
2-1393844-3 MACOM-2-1393844-3 Datasheet
206Kb / 3P
   Accessories Power Relay RM
2-1393844-5 MACOM-2-1393844-5 Datasheet
206Kb / 3P
   Accessories Power Relay RM
2-1393844-4 MACOM-2-1393844-4 Datasheet
206Kb / 3P
   Accessories Power Relay RM
V23154 MACOM-V23154 Datasheet
357Kb / 9P
   Cradle Relay Accessories and Mounting
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com