Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28F512LA12 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT28F512LA12
Description  512K-Bit CMOS Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28F512LA12 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT28F512LA12 Datasheet HTML 3Page - ON Semiconductor CAT28F512LA12 Datasheet HTML 4Page - ON Semiconductor CAT28F512LA12 Datasheet HTML 5Page - ON Semiconductor CAT28F512LA12 Datasheet HTML 6Page - ON Semiconductor CAT28F512LA12 Datasheet HTML 7Page - ON Semiconductor CAT28F512LA12 Datasheet HTML 8Page - ON Semiconductor CAT28F512LA12 Datasheet HTML 9Page - ON Semiconductor CAT28F512LA12 Datasheet HTML 10Page - ON Semiconductor CAT28F512LA12 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CAT28F512
7
Doc. No. MD-1084, Rev. K
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
FUNCTION TABLE(1)
Pins
Mode
CE
OE
WE
VPP
I/O
Notes
Read
VIL
VIL
VIH
VPPL
DOUT
Output Disable
VIL
VIH
VIH
X
High-Z
Standby
VIH
XX
VPPL
High-Z
Signature (MFG)
VIL
VIL
VIH
X
31H
A0 = VIL, A9 = 12V
Signature (Device)
VIL
VIL
VIH
X
B8H
A0 = VIH, A9 = 12V
Program/Erase
VIL
VIH
VIL
VPPH
DIN
See Command Table
Write Cycle
VIL
VIH
VIL
VPPH
DIN
During Write Cycle
Read Cycle
VIL
VIL
VIH
VPPH
DOUT
During Write Cycle
WRITE COMMAND TABLE
Commands are written into the command register in one or two write cycles. The command register can be altered
only when VPP is high and the instruction byte is latched on the rising edge of WE. Write cycles also internally latch
addresses and data required for programming and erase operations.
Pins
First Bus Cycle
Second Bus Cycle
Mode
Operation
Address
DIN
Operation
Address
DIN
DOUT
Set Read
Write
X
00H
Read
AIN
DOUT
Read Sig. (MFG)
Write
X
90H
Read
00
31H
Read Sig. (Device)
Write
X
90H
Read
01
B8H
Erase
Write
X
20H
Write
X
20H
Erase Verify
Write
AIN
A0H
Read
X
DOUT
Program
Write
X
40H
Write
AIN
DIN
Program Verify
Write
X
C0H
Read
X
DOUT
Reset
Write
X
FFH
Write
X
FFH
Note:
(1) Logic Levels: X = Logic ‘Do not care’ (VIH, VIL, VPPL, VPPH)


Similar Part No. - CAT28F512LA12

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F512LA-12T CATALYST-CAT28F512LA-12T Datasheet
428Kb / 15P
   512K-Bit CMOS Flash Memory
CAT28F512LA-15T CATALYST-CAT28F512LA-15T Datasheet
428Kb / 15P
   512K-Bit CMOS Flash Memory
CAT28F512LA-90T CATALYST-CAT28F512LA-90T Datasheet
428Kb / 15P
   512K-Bit CMOS Flash Memory
More results

Similar Description - CAT28F512LA12

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F512 CATALYST-CAT28F512 Datasheet
97Kb / 14P
   512K-Bit CMOS Flash Memory
CAT28F512 CATALYST-CAT28F512_04 Datasheet
428Kb / 15P
   512K-Bit CMOS Flash Memory
logo
Fujitsu Component Limit...
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
   FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
Intel Corporation
28F512 INTEL-28F512 Datasheet
1Mb / 30P
   512K(64Kx8)CMOS FLASH MEMORY
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
   4M (512K x 8) BIT CMOS FLASH MEMORY
logo
Macronix International
MX28F4100 MCNIX-MX28F4100 Datasheet
175Kb / 2P
   4M-BIT (512K X 8) CMOS FLASH MEMORY
logo
ACE Technology Co., LTD...
ACE25C512 ACE-ACE25C512 Datasheet
1Mb / 34P
   512K-BIT Serial Flash Memory
VER 1.2
logo
Winbond
W29C040 WINBOND-W29C040 Datasheet
261Kb / 20P
   512K X 8 CMOS FLASH MEMORY
W39L040A WINBOND-W39L040A Datasheet
298Kb / 26P
   512K 횞 8 CMOS FLASH MEMORY
logo
Sanyo Semicon Device
LE25U40CQE SANYO-LE25U40CQE Datasheet
139Kb / 22P
   4M-bit (512K??) Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com