Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-4502 Datasheet(PDF) 7 Page - QT Optoelectronics

Part # HCPL-4502
Description  HIGH SPEED TRANSISTOR OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

HCPL-4502 Datasheet(HTML) 7 Page - QT Optoelectronics

  HCPL-4502 Datasheet HTML 1Page - QT Optoelectronics HCPL-4502 Datasheet HTML 2Page - QT Optoelectronics HCPL-4502 Datasheet HTML 3Page - QT Optoelectronics HCPL-4502 Datasheet HTML 4Page - QT Optoelectronics HCPL-4502 Datasheet HTML 5Page - QT Optoelectronics HCPL-4502 Datasheet HTML 6Page - QT Optoelectronics HCPL-4502 Datasheet HTML 7Page - QT Optoelectronics HCPL-4502 Datasheet HTML 8Page - QT Optoelectronics HCPL-4502 Datasheet HTML 9Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Pulse Gen
CM
V
V
FF
B
A
+-
+5 V
O
V
-
I
F
3
4
+
F
V
-
2
1
Shield
Noise
6
O
5
GND
7
8
V
B
V
CC
V
L
R
PLH
OL
V
VO
0
5 V
1.5 V
F
I
1.5 V
T
PHL
T
Switch at A : I = 0 mA
F
Switch at A : I = 16 mA
F
tr
VO
O
V
OL
V
5 V
0 V
10%
10%
90%
CM
V
10 V
4
5
Noise
1
2
3
Shield
8
7
6
+5 V
O
V
VCC
V01
V02
GND
VF1
-
+
F2
V
-
F
I
+
10% DUTY CYCLE
I/f < 100 µS
F
I
MONITOR
L
R
C = 1.5 µF
L
Pulse
Generator
tr = 5ns
Z = 50
O
$
GND
+
4
5
1
3
2
-
F2
V
VF1
-
Shield
Noise
+5 V
CC
8
V
L
V
6
02
V
7
R
01
VO
V
CM
A
B
Pulse Gen
F
I
+-
+
3
I Monitor
F
4
I/ < 100 s
10% D.C.
tr = 5ns
Generator
Pulse
Z = 50
f
O
+
V
F
I
'
$
F
-
2
1
Shield
Noise
V
O
O
6
5
GND
7
8
V
B
V
L
R
CC
V
+5 V
0.1 µF
L
C = 1.5 µF
Test Circuit for 6N135, 6N136, HCPL-2503 and HCPL- 4502
0.1 µF
Test Circuit for HCPL-2530 and HCPL-2531
Test Circuit for 6N135, 6N136, HCPL-2503 and HCPL-4502
Test Circuit for HCPL-2530 and HCPL-2531
f
t
0.1 µF
0.1 µF
FF
V
m
R
m
R
90%
Fig. 8 Common Mode Immunity Test Circuit
Fig. 7 Switching Time Test Circuit
200004A
HIGH SPEED
TRANSISTOR OPTOCOUPLERS
SINGLE-CHANNEL
DUAL-CHANNEL
6N135, 6N136
HCPL-2530
HCPL-2503
HCPL-2531
HCPL-4502


Similar Part No. - HCPL-4502

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL-4502 FAIRCHILD-HCPL-4502 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-4502 HP-HCPL-4502 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Fairchild Semiconductor
HCPL-4502 FAIRCHILD-HCPL-4502 Datasheet
577Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL-4502 FAIRCHILD-HCPL-4502 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-4502 HP-HCPL-4502 Datasheet
89Kb / 8P
   Small Outline, 5 Lead, High Speed Optocouplers
More results

Similar Description - HCPL-4502

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com