Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28F001LI-90TT Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT28F001LI-90TT
Description  1 Megabit CMOS Boot Block Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28F001LI-90TT Datasheet(HTML) 5 Page - ON Semiconductor

  CAT28F001LI-90TT Datasheet HTML 1Page - ON Semiconductor CAT28F001LI-90TT Datasheet HTML 2Page - ON Semiconductor CAT28F001LI-90TT Datasheet HTML 3Page - ON Semiconductor CAT28F001LI-90TT Datasheet HTML 4Page - ON Semiconductor CAT28F001LI-90TT Datasheet HTML 5Page - ON Semiconductor CAT28F001LI-90TT Datasheet HTML 6Page - ON Semiconductor CAT28F001LI-90TT Datasheet HTML 7Page - ON Semiconductor CAT28F001LI-90TT Datasheet HTML 8Page - ON Semiconductor CAT28F001LI-90TT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
CAT28F001
5
Doc. No. MD-1078, Rev. K
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
SUPPLY CHARACTERISTICS
Limits
Symbol
Parameter
Min
Max.
Unit
VLKO
VCC Erase/Write Lock Voltage
2.5
V
VCC
VCC Supply Voltage
4.5
5.5
V
VPPL
VPP During Read Operations
0
6.5
V
VPPH
VPP During Erase/Program
11.4
12.6
V
VHH
RP, OE Unlock Voltage
11.4
12.6
V
A.C. CHARACTERISTICS, Read Operation
VCC = +5V ±10%, unless otherwise specified
Note:
(1)
This parameter is tested initially and after a design or process change that affects the parameter.
(2)
Output floating (High-Z) is defined as the state where the external data line is no longer driven by the output buffer.
(3)
Input Rise and Fall Times (10% to 90%) < 10 ns.
(4)
Input Pulse Levels = 0.45V and 2.4V. For High Speed Input Pulse Levels 0.0V and 3.0V.
(5)
Input and Output Timing Reference = 0.8V and 2.0V. For High Speed Input and Output Timing Reference = 1.5V.
(6)
Low-Z is defined as the state where the external data may be driven by the output buffer but may not be valid.
(7)
For load and reference points, see Fig. 1
1.3V
DEVICE
UNDER
TEST
1N914
3.3K
CL = 100 pF
OUT
CL INCLUDES JIG CAPACITANCE
INPUT PULSE LEVELS
REFERENCE POINTS
2.0 V
0.8 V
VCC - 0.3V
0.0 V
Figure 1. A.C. Testing Input/Output Waveform(3)(4)(5)
Testing Load Circuit (example)
1.3V
DEVICE
UNDER
TEST
1N914
3.3K
CL = 30 pF
OUT
CL INCLUDES JIG CAPACITANCE
INPUT PULSE LEVELS
REFERENCE POINTS
3.0 V
0.0 V
1.5 V
Figure 2. Highspeed A.C. Testing Input/Output
Waveform(3)(4)(5)
Testing Load Circuit (example)
C
E
D
E
J
l
o
b
m
y
S
d
r
a
d
n
a
t
S
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
0
9
-
1
0
0
F
8
2
)
7
(
2
1
-
1
0
0
F
8
2
)
7
(
s
t
i
n
U
n
i
Mx
a
Mn
i
Mx
a
M
t
V
A
V
A
t C
R
e
m
i
T
e
l
c
y
C
d
a
e
R0
90
2
1s
n
t
V
Q
L
E
t E
C
E
C
e
m
i
T
s
s
e
c
c
A
0
90
2
1s
n
t
V
Q
V
A
t
C
C
A
e
m
i
T
s
s
e
c
c
A
s
s
e
r
d
d
A0
90
2
1s
n
t
V
Q
L
G
t E
O
E
O
e
m
i
T
s
s
e
c
c
A
5
30
5s
n
-t H
O
s
s
e
r
d
d
A
m
o
r
f
d
l
o
H
t
u
p
t
u
O
E
O / E
C
e
g
n
a
h
C0
0
s
n
t
X
Q
L
G
t
Z
L
O
)
6
(
)
1
(
E
O
Z
-
w
o
L
n
i
t
u
p
t
u
O
o
t
00
s
n
t
X
Q
L
E
t Z
L
)
6
(
)
1
(
E
C
Z
-
w
o
L
n
i
t
u
p
t
u
O
o
t
00
s
n
t
Z
Q
H
G
t F
D
)
2
(
)
1
(
E
O
Z
-
h
g
i
H
t
u
p
t
u
O
o
t
h
g
i
H
0
30
3s
n
t
Z
Q
H
E
t Z
H
)
2
(
)
1
(
E
C
Z
-
h
g
i
H
t
u
p
t
u
O
o
t
h
g
i
H
5
35
5s
n
t
V
Q
H
P
t
H
W
P
P
R
y
a
l
e
D
t
u
p
t
u
O
o
t
h
g
i
H
0
0
60
0
6s
n


Similar Part No. - CAT28F001LI-90TT

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F001LI-90TT CATALYST-CAT28F001LI-90TT Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
More results

Similar Description - CAT28F001LI-90TT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F102 CATALYST-CAT28F102 Datasheet
159Kb / 14P
   1 Megabit CMOS Flash Memory
CAT28F010 CATALYST-CAT28F010 Datasheet
100Kb / 14P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010GI12 ONSEMI-CAT28F010GI12 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010L90 ONSEMI-CAT28F010L90 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010P-15 ONSEMI-CAT28F010P-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com