Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28LV64NI-20T Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT28LV64NI-20T
Description  64 kb CMOS Parallel EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28LV64NI-20T Datasheet(HTML) 1 Page - ON Semiconductor

  CAT28LV64NI-20T Datasheet HTML 1Page - ON Semiconductor CAT28LV64NI-20T Datasheet HTML 2Page - ON Semiconductor CAT28LV64NI-20T Datasheet HTML 3Page - ON Semiconductor CAT28LV64NI-20T Datasheet HTML 4Page - ON Semiconductor CAT28LV64NI-20T Datasheet HTML 5Page - ON Semiconductor CAT28LV64NI-20T Datasheet HTML 6Page - ON Semiconductor CAT28LV64NI-20T Datasheet HTML 7Page - ON Semiconductor CAT28LV64NI-20T Datasheet HTML 8Page - ON Semiconductor CAT28LV64NI-20T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2009
October, 2009 − Rev. 7
1
Publication Order Number:
CAT28LV64/D
CAT28LV64
64 kb CMOS Parallel
EEPROM
Description
The CAT28LV64 is a low voltage, low power, CMOS Parallel
EEPROM organized as 8K x 8−bits. It requires a simple interface for
in−system programming. On−chip address and data latches,
self−timed write cycle with auto−clear and VCC power up/down write
protection eliminate additional timing and protection hardware. DATA
Polling and Toggle status bit signal the start and end of the self−timed
write cycle. Additionally, the CAT28LV64 features hardware and
software write protection.
The CAT28LV64 is manufactured using ON Semiconductor’s
advanced CMOS floating gate technology. It is designed to endure
100,000 program/erase cycles and has a data retention of 100 years.
The device is available in JEDEC approved 28−pin DIP, 28−pin TSOP,
28−pin SOIC or 32−pin PLCC packages.
Features
3.0 V to 3.6 V Supply
Read Access Times:
– 150/200/250 ns
Low Power CMOS Dissipation:
– Active: 8 mA Max.
– Standby: 100
mA Max.
Simple Write Operation:
– On−chip Address and Data Latches
– Self−timed Write Cycle with Auto−clear
Fast Write Cycle Time:
– 5 ms Max.
Commercial, Industrial and Automotive Temperature Ranges
CMOS and TTL Compatible I/O
Automatic Page Write Operation:
– 1 to 32 bytes in 5 ms
– Page Load Timer
End of Write Detection:
– Toggle bit
– DATA Polling
Hardware and Software Write Protection
100,000 Program/Erase Cycles
100 Year Data Retention
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 15 of this data sheet.
ORDERING INFORMATION
PDIP−28
P, L SUFFIX
CASE 646AE
PLCC−32
N, G SUFFIX
CASE 776AK
Address Inputs
A0−A12
Data Inputs/Outputs
I/O0−I/O7
Chip Enable
CE
Output Enable
OE
Write Enable
WE
3.0 V to 3.6 V Supply
VCC
Function
Pin Name
PIN FUNCTION
SOIC−28
J, K, W, X SUFFIX
CASE 751BM
Ground
VSS
No Connect
NC
TSOP−28
H13 SUFFIX
CASE 318AE


Similar Part No. - CAT28LV64NI-20T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28LV64NI-20T CATALYST-CAT28LV64NI-20T Datasheet
527Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
More results

Similar Description - CAT28LV64NI-20T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28LV64T13I-15 ONSEMI-CAT28LV64T13I-15 Datasheet
144Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV65 ONSEMI-CAT28LV65 Datasheet
159Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28C16AXI90 ONSEMI-CAT28C16AXI90 Datasheet
118Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C17A ONSEMI-CAT28C17A Datasheet
140Kb / 12P
   16 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 4
CAT28C257 ONSEMI-CAT28C257 Datasheet
143Kb / 13P
   256 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C16ALI12 ONSEMI-CAT28C16ALI12 Datasheet
143Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16AL20 ONSEMI-CAT28C16AL20 Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16A ONSEMI-CAT28C16A Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT24C64LI ONSEMI-CAT24C64LI Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
CAT25640VI ONSEMI-CAT25640VI Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com