Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNW82 Datasheet(PDF) 2 Page - QT Optoelectronics

Part # CNW82
Description  WIDE BODY, HIGH ISOLATION OPTOCOUPLERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

CNW82 Datasheet(HTML) 2 Page - QT Optoelectronics

  CNW82 Datasheet HTML 1Page - QT Optoelectronics CNW82 Datasheet HTML 2Page - QT Optoelectronics CNW82 Datasheet HTML 3Page - QT Optoelectronics CNW82 Datasheet HTML 4Page - QT Optoelectronics CNW82 Datasheet HTML 5Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NOTE:
1. Every product is tested with pins 1, 2 and 3 shorted together, and pins 4, 5 and 6 shorted together.
1/18/00
200015A
CNW82, CNW83, CNW84, CNW85
WIDE BODY, HIGH ISOLATION
OPTOCOUPLERS
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
EMITTER
(IF = 10 mA)
VF
1.20
1.50
V
Input Forward Voltage
Reverse Leakage Current
(VR = 5.0 V)
IR
——
10
µA
DETECTOR
(CNW82/83)
(IC = 1.0 mA)
BVCEO
50
100
V
Collector-Emitter Breakdown Voltage (CNW84/85)
80
100
Emitter-Collector Breakdown Voltage
(IE = 0.1 mA)
BVECO
7
10
V
Collector-Base Breakdown Voltage
(CNW83)
(IC = 0.1 mA)
BVCBO
70
100
V
(CNW85)
120
140
Collector-Emitter Dark Current
(TA = 25°C)
(VCE = 10 V, IF = 0)
ICEO
1
50
nA
(TA = 70°C)
0.1
10
µA
Collector-Base Cut-off Current
(CNW83/85)
(VCB = 10 V, IF = 0)
ICBO
——
20
nA
COUPLED
(IC = 4 mA, IF = 10 mA)
VCE(sat)
0.15
0.4
V
Collector-Emitter Saturation Voltage
Isolation Voltage
(DC Value)
(t = 1.0 min.)(1)
VISO
8.34
——
kV
(RMS Value)
(t = 1.0 min.)(1)
5.9
——
Isolation Resistance
(V
I-O = 500 V)
R
ISO
110
T
!
Isolation Capacitance
(V
I-O = 0, f = 1.0 MHz)
C
ISO
0.4
1
pF
Current Transfer Ratio
(CNW82/83)
(I
F = 10 mA, VCE = 0.4 V)
CTR
0.4
0.8
%
(CNW84/85)
(I
F = 10 mA, VCE = 5 V)
0.63
1.5
3.2
Capacitance
(CNW83/85)
(VCB = 10 V, f = 1 MHz)
C
CB
4.5
pF
Turn-on Time
(IC = 2 mA, VCC = 5 V, RL = 100 !)
TON
3
µs
(IC = 2 mA, VCC = 5 V, RL = 1 k!)
12
Turn-off Time
(IC = 2 mA, VCC = 5 V, RL = 100 !)
TOFF
3
µs
(IC = 2 mA, VCC = 5 V, RL = 1 k!)
12
ELECTRICAL CHARACTERISTICS (TA =25°C Unless otherwise specified)


Similar Part No. - CNW82

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNW11AV1 ETC-CNW11AV1 Datasheet
28Kb / 2P
   TRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
CNW135 HP-CNW135 Datasheet
664Kb / 7P
   High Speed Optocouplers
CNW135A HP-CNW135A Datasheet
755Kb / 7P
   High Speed Optocouplers
CNW136 HP-CNW136 Datasheet
664Kb / 7P
   High Speed Optocouplers
CNW136A HP-CNW136A Datasheet
755Kb / 7P
   High Speed Optocouplers
More results

Similar Description - CNW82

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNW138 FAIRCHILD-CNW138 Datasheet
126Kb / 8P
   8-PIN WIDE BODY, HIGH-GAIN OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCNW2211-500E AVAGO-HCNW2211-500E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2211-300 AVAGO-HCPL-2211-300 Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2201 HP-HCPL-2201 Datasheet
239Kb / 15P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0201-000E AVAGO-HCPL-0201-000E Datasheet
321Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2201-560E AVAGO-HCPL-2201-560E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2231-300E AVAGO-HCPL-2231-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL2201 HP-HCPL2201 Datasheet
260Kb / 16P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2232-300E AVAGO-HCPL-2232-300E Datasheet
321Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com