Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C86WIT2C Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT93C86WIT2C
Description  16K-Bit Microwire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C86WIT2C Datasheet(HTML) 1 Page - ON Semiconductor

  CAT93C86WIT2C Datasheet HTML 1Page - ON Semiconductor CAT93C86WIT2C Datasheet HTML 2Page - ON Semiconductor CAT93C86WIT2C Datasheet HTML 3Page - ON Semiconductor CAT93C86WIT2C Datasheet HTML 4Page - ON Semiconductor CAT93C86WIT2C Datasheet HTML 5Page - ON Semiconductor CAT93C86WIT2C Datasheet HTML 6Page - ON Semiconductor CAT93C86WIT2C Datasheet HTML 7Page - ON Semiconductor CAT93C86WIT2C Datasheet HTML 8Page - ON Semiconductor CAT93C86WIT2C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CAT93C86 (Rev. C)
© 2008 SCILLC. All rights reserved
1
Doc. No. MD-1091 Rev. R
Characteristics subject to change without notice
16K-Bit Microwire Serial EEPROM
FEATURES
High speed operation: 3MHz
Low power CMOS technology
1.8 to 5.5 volt operation
Selectable x8 or x16 memory organization
Self-timed write cycle with auto-clear
Hardware and software write protection
Power-up inadvertant write protection
Sequential read
Program enable (PE) pin
1,000,000 Program/erase cycles
100 year data retention
Commercial, industrial and automotive
temperature ranges
RoHS-compliant packages
PIN CONFIGURATION
PDIP (L)
SOIC (V, X)
TDFN (ZD4)
CS
1
8 VCC
SK
2
7 PE
DI
3
6 ORG
DO
4
5 GND
SOIC (W)
PE
1
8 ORG
VCC
2
7 GND
CS
3
6 DO
SK
4
5DI
PIN FUNCTION
(1)
Pin Name
Function
CS
Chip Select
SK
Clock Input
DI
Serial Data Input
DO
Serial Data Output
VCC
Power Supply
GND
Ground
ORG
Memory Organization
PE
Program Enable
Notes:
(1)
When the ORG pin is connected to VCC, x16 organization is
selected. When it is connected to ground, x8 pin is selected.
If the ORG pin is left unconnected, then an internal pull-up
device will select the x16 organization.
DESCRIPTION
The CAT93C86 is a 16K-bit Serial EEPROM memory
device which is configured as either registers of 16
bits (ORG pin at VCC) or 8 bits (ORG pin at GND).
Each register can be written (or read) serially by using
the DI (or DO) pin. The CAT93C86 is manufactured
using Catalyst’s advanced CMOS EEPROM floating
gate technology. The device is designed to endure
1,000,000 program/erase cycles and has a data
retention of 100 years. The device is available in 8-pin
DIP, 8-pin SOIC and 8-pad TDFN packages.
FUNCTIONAL SYMBOL
For Ordering Information details, see page 12.
CS
SK
PE
ORG
DO
DI
VCC
GND


Similar Part No. - CAT93C86WIT2C

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86WIT2 CATALYST-CAT93C86WIT2 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
More results

Similar Description - CAT93C86WIT2C

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86_06 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
CAT93C86 CATALYST-CAT93C86 Datasheet
409Kb / 9P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86-C ONSEMI-CAT93C86-C Datasheet
620Kb / 13P
   16K-Bit Microwire Serial EEPROM
Rev. S
logo
Microchip Technology
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
   16K Microwire Compatible Serial EEPROM
01/26/04
93AA86A MICROCHIP-93AA86A Datasheet
494Kb / 28P
   16K Microwire Compatible Serial EEPROM
2005
93AA86A MICROCHIP-93AA86A_12 Datasheet
776Kb / 38P
   16K Microwire Compatible Serial EEPROM
11/29/11
logo
Fairchild Semiconductor
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C86A FAIRCHILD-FM93C86A Datasheet
111Kb / 12P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com