Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17F-1 Datasheet(PDF) 5 Page - QT Optoelectronics

Part # CNY17F-1
Description  6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

CNY17F-1 Datasheet(HTML) 5 Page - QT Optoelectronics

  CNY17F-1 Datasheet HTML 1Page - QT Optoelectronics CNY17F-1 Datasheet HTML 2Page - QT Optoelectronics CNY17F-1 Datasheet HTML 3Page - QT Optoelectronics CNY17F-1 Datasheet HTML 4Page - QT Optoelectronics CNY17F-1 Datasheet HTML 5Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Package Dimensions (Surface Mount)
0.350 (8.89)
0.330 (8.38)
0.270 (6.86)
0.240 (6.10)
0.070 (1.78)
0.045 (1.14)
0.020 (0.51)
0.100 (2.54)
0.200 (5.08)
0.115 (2.92)
0.405 (10.30)
MAX
0.016 (0.40)
0.300 (7.62)
TYP
0.016 (0.40)
0.008 (0.20)
MIN
TYP
0.022 (0.56)
0.016 (0.41)
MIN
L
d C
l
it 0 004 (0 10)
Package Dimensions (Through Hole)
0.350 (8.89)
0.330 (8.38)
0.070 (1.78)
0.045 (1.14)
0.200 (5.08)
0.115 (2.92)
0.020 (0.51)
MIN
0.300 (7.62)
15° MAX
0.100 (2.54)
TYP
0.270 (6.86)
0.240 (6.10)
0.022 (0.56)
0.016 (0.41)
0.016 (0.40)
0.008 (0.20)
TYP
0.154 (3.90)
0.100 (2.54)
Package Dimensions (0.4”Lead Spacing)
0.350 (8.89)
0.330 (8.38)
0.070 (1.78)
0.045 (1.14)
0.200 (5.08)
0.115 (2.92)
0.004 (0.10)
MIN
0.100 (2.54)
TYP
0.270 (6.86)
0.240 (6.10)
0.022 (0.56)
0.016 (0.41)
TYP.
0.400 (10.16)
0.154 (3.90)
0.100 (2.54)
15° MAX
0.016 (0.40)
0.008 (0.20)
NOTE
All dimensions are in inches (millimeters)
Call QT Optoelectronics for more information or the phone number of your nearest distributor.
United States 800-533-6786 • France 33 [0] 1.45.18.78.78 • Germany 49 [0] 89/96.30.51 • United Kingdom 44 [0] 1296 394499 • Asia/Pacific 603-7352417
www.qtopto.com
7/17/00
200027B
CNY17F-1, CNY17F-2, CNY17F-3, CNY17F-4


Similar Part No. - CNY17F-1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17F-1 FAIRCHILD-CNY17F-1 Datasheet
177Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
logo
List of Unclassifed Man...
CNY17F-1 ETC1-CNY17F-1 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
CNY17F-1 FAIRCHILD-CNY17F-1 Datasheet
566Kb / 12P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
logo
CT Micro International ...
CNY17F-1 CTMICRO-CNY17F-1 Datasheet
1Mb / 14P
   DC Input 6-Pin Phototransistor Optocoupler
logo
Vishay Siliconix
CNY17F-1 VISHAY-CNY17F-1 Datasheet
1Mb / 9P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 26-Oct-04
More results

Similar Description - CNY17F-1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17F23S FAIRCHILD-CNY17F23S Datasheet
566Kb / 12P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
MOC8111 FAIRCHILD-MOC8111_04 Datasheet
188Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8101 FAIRCHILD-MOC8101 Datasheet
177Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8112M_0810 FAIRCHILD-MOC8112M_0810 Datasheet
254Kb / 9P
   6-Pin DIP Optocoupler for Power Supply Applications
logo
ON Semiconductor
H11AV1M ONSEMI-H11AV1M Datasheet
415Kb / 11P
   6-Pin DIP Phototransistor Optocouplers
March, 2020 ??Rev. 2
logo
Motorola, Inc
MOC8101 MOTOROLA-MOC8101 Datasheet
188Kb / 4P
   6-Pin DIP Optoisolators for Power Supply Applications(No Base Connection)
logo
Fairchild Semiconductor
MOC8111M FAIRCHILD-MOC8111M Datasheet
250Kb / 9P
   6-Pin DIP Optocoupler for Power Supply Applications (No Base Connection)
logo
Motorola, Inc
MOC8106 MOTOROLA-MOC8106 Datasheet
198Kb / 6P
   6-Pin DIP Optoisolators for Power Supply Applications(No Base Connection)
logo
Fairchild Semiconductor
H11N2M FAIRCHILD-H11N2M Datasheet
248Kb / 10P
   6-Pin DIP High Speed Logic Optocouplers
H11N1-M FAIRCHILD-H11N1-M_05 Datasheet
522Kb / 9P
   6-PIN DIP HIGH SPEED LOGIC OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com