Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT811LTBI-GT3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT811LTBI-GT3
Description  4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT811LTBI-GT3 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT811LTBI-GT3 Datasheet HTML 1Page - ON Semiconductor CAT811LTBI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT811LTBI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT811LTBI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT811LTBI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT811LTBI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT811LTBI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT811LTBI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT811LTBI-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CAT811, CAT812
(1)
ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
Any pin with respect to ground
-0.3 to + 6.0
V
Input Current, V
20
mA
CC
Output Current RESET, RESET
¯¯¯¯¯¯
20
mA
Rate of Raise, V
100
V/µs
CC
Continuous Power Dissipations
320
mW
Derate 4mW/ºC above +70ºC (SOT-143)
Storage Temperature
-65 to +105
ºC
Operating Ambient Temperature
-40 to +85
ºC
Lead Soldering (10 seconds)
+300
ºC
ELECTRICAL OPERATING CHARACTERISTICS
VCC = Full range, TA = -40°C to +85°C unless otherwise noted. Typical values at TA = +25°C and VCC = 5V for the
L/M/J versions, V
= 3.3V for the T/S versions, V
= 3V for the R version and V
CC
CC
CC = 2.5V for the Z version.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
TA = 0°C to +70°C
1.0
5.5
VCC Range
V
TA = -40°C to +85°C
1.2
5.5
VCC < 5.5V, J/L/M
8
20
Supply Current
ICC
TA = -40˚C to +85˚C
µA
VCC < 3.6V, R/S/T/Z
6
15
TA = +25°C
4.56
4.63
4.70
L Threshold
TA = -40°C to +85°C
4.50
4.75
TA = +25°C
4.31
4.38
4.45
M Threshold
TA = -40°C to +85°C
4.25
4.50
TA = +25°C
3.93
4.00
4.06
J Threshold
TA = -40°C to +85°C
3.89
4.10
TA = +25°C
3.04
3.08
3.11
Reset
T Threshold
TA = -40°C to +85°C
3.00
3.15
TA = +25°C
2.89
2.93
2.96
S Threshold
TA = -40°C to +85°C
2.85
3.00
TA = +25°C
2.59
2.63
2.66
R Threshold
TA = -40°C to +85°C
2.55
2.70
TA = +25°C
2.28
2.32
2.35
Threshold
Voltage
VTH
V
Z Threshold
TA = -40°C to +85°C
2.25
2.38
Notes:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
© 2010 SCILLC. All rights reserved.
3
Doc. No. MD-3005 Rev. U
Characteristics subject to change without notice


Similar Part No. - CAT811LTBI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT811LTBI-GT3 CATALYST-CAT811LTBI-GT3 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811LTBI-GT3 ONSEMI-CAT811LTBI-GT3 Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
CAT811LTBI-GT3 ONSEMI-CAT811LTBI-GT3 Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
CAT811LTBI-GT3 ONSEMI-CAT811LTBI-GT3 Datasheet
78Kb / 9P
   4-Pin Microprocessor Power Supply Supervisor
July, 2015 ??Rev. 3
More results

Similar Description - CAT811LTBI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_05 Datasheet
92Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811LTBI ONSEMI-CAT811LTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
CAT811RTBI ONSEMI-CAT811RTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_08 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
Diodes Incorporated
APX811 DIODES-APX811 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811 Datasheet
59Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors
logo
Diodes Incorporated
APX811 DIODES-APX811_09 Datasheet
175Kb / 10P
   4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com