Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3200TDI-T3 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT3200TDI-T3
Description  Low Noise Regulated Charge Pump DC-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3200TDI-T3 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT3200TDI-T3 Datasheet HTML 4Page - ON Semiconductor CAT3200TDI-T3 Datasheet HTML 5Page - ON Semiconductor CAT3200TDI-T3 Datasheet HTML 6Page - ON Semiconductor CAT3200TDI-T3 Datasheet HTML 7Page - ON Semiconductor CAT3200TDI-T3 Datasheet HTML 8Page - ON Semiconductor CAT3200TDI-T3 Datasheet HTML 9Page - ON Semiconductor CAT3200TDI-T3 Datasheet HTML 10Page - ON Semiconductor CAT3200TDI-T3 Datasheet HTML 11Page - ON Semiconductor CAT3200TDI-T3 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CAT3200, CAT3200−5
http://onsemi.com
8
Application Information
Ceramic Capacitors
Ceramic capacitors of different dielectric materials lose
their capacitance with higher temperature and voltage at
different rates. For example, a capacitor made of X5R or
X7R material will retain most of its capacitance from – 40
°C
to 85
°C whereas a Z5U or Y5V style capacitor will lose
considerable capacitance over that range.
Z5U and Y5V capacitors may also have voltage
coefficient causing them to lose 60% or more of their
capacitance when the rated voltage is applied. When
comparing different capacitors it is often useful consider the
amount of achievable capacitance for a given case size rather
than discussing the specified capacitance value. For
example, over rated voltage and temperature conditions, a
1
mF, 10 V, Y5V ceramic capacitor in an 0603 case may not
provide any more capacitance than a 0.22
mF, 10 V, X7R
available in the same 0603 case. For many CAT3200/
CAT3200−5 applications these capacitors can be considered
roughly equivalent.
The capacitor manufacturer’s data sheet should be
consulted to determine what value of capacitor is needed to
ensure the desired capacitance at all temperatures and
voltages. Below is a list of ceramic capacitor
manufacturers and how to contact them:
Table 5. CERAMIC CAPACITOR MANUFACTURERS
Capacitor
Manufacturer
Web
Phone
Murata
www.murata.com
814.237.1431
AVX/Kemet
www.avxcorp.com
843.448.9411
Vishay
www.vishay.com
Kemet
www.kemet.com
408.986.0424
Taiyo Yuden
www.t−yuden.com
408.573.4150
Thermal Management
For higher input voltages and maximum output current
there can be substantial power dissipation in the CAT3200/
CAT3200−5. If the junction temperature increases to 160
°C,
the thermal shutdown circuitry will automatically turn off
the output.
A good thermal connection to the PC board is
recommended to reduce the chip temperature. Connecting
the GND pin (Pins 4/5 for CAT3200, Pin 2 for CAT3200−5)
to a ground plane, and maintaining a solid ground plane
under the device reduces the overall thermal resistance.
The overall junction to ambient thermal resistance (
qJA)
for device power dissipation (PD) consists primarily of two
paths in series. The first path is the junction to the case (
qJC)
which is defined by the package style, and the second path
is case to ambient (
qCA) thermal resistance which is
dependent on board layout. The final operating junction
temperature for any set of conditions can be estimated by the
following thermal equation:
TJUNC = TAMB + PD (QJC) + PD (QCA)
TJUNC = TAMB + PD (QJA)
The CAT3200 in SOT23 package, when mounted on
printed circuit board with two square inches of copper
allocated for “heat spreading”, will result with an overall
θJA
of less than 150
°C/W.
For a typical application operating from a 3.8 V input
supply, the maximum power dissipation is 260 mW
(100 mA x 3 V). This would result if a maximum junction
temperature of:
TJUNC = TAMB + PD (qJA)
TJUNC = 85°C + 0.26 W (150°C/W)
TJUNC = 85°C + 39°C = 124°C
The use of multi−layer board construction with power
planes will further enhance the overall thermal performance.
In the event of no dedicated copper area being used for heat
spreading, a multi−layer board will typically provide the
CAT3200 with an overall
qJA of 200°C/W. This level of
thermal conduction would allow up to 200 mW be safely
dissipated within the device.


Similar Part No. - CAT3200TDI-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3200TDI-T3 CATALYST-CAT3200TDI-T3 Datasheet
228Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
logo
ON Semiconductor
CAT3200TDI-T3 ONSEMI-CAT3200TDI-T3 Datasheet
190Kb / 13P
   Low Noise Regulated Charge Pump DC-DC Converter
Doc. No. MD-5002, Rev. N
CAT3200TDI-T3 ONSEMI-CAT3200TDI-T3 Datasheet
189Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
October, 2013 ??Rev. 15
More results

Similar Description - CAT3200TDI-T3

ManufacturerPart #DatasheetDescription
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
   Low Noise, Regulated Charge Pump DC/DC Converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
   Low Noise Regulated Charge Pump DC/DC Converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2 Datasheet
187Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
April, 2010 ??Rev. 0
CAT3200TDI-T3 ONSEMI-CAT3200TDI-T3 Datasheet
190Kb / 13P
   Low Noise Regulated Charge Pump DC-DC Converter
Doc. No. MD-5002, Rev. N
logo
Catalyst Semiconductor
CAT3200 CATALYST-CAT3200 Datasheet
148Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
logo
ON Semiconductor
CAT3200ES6-5 ONSEMI-CAT3200ES6-5 Datasheet
189Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
October, 2013 ??Rev. 15
CAT3200 ONSEMI-CAT3200_14 Datasheet
134Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
April, 2014 ??Rev. 16
logo
SHOUDING Shouding Semic...
SD6214A SHOUDING-SD6214A Datasheet
840Kb / 7P
   Low Noise,Regulated Charge Pump DC/DC Converter
logo
AiT Semiconductor Inc.
A7801 AITSEMI-A7801 Datasheet
399Kb / 10P
   DC-DC CONVERTER LOW NOISE, REGULATED CHARGE PUMP
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com