Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3614HV2-GT2 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT3614HV2-GT2
Description  4-Channel 1-Wire LED Driver in 3 x 3 mm Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3614HV2-GT2 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT3614HV2-GT2 Datasheet HTML 4Page - ON Semiconductor CAT3614HV2-GT2 Datasheet HTML 5Page - ON Semiconductor CAT3614HV2-GT2 Datasheet HTML 6Page - ON Semiconductor CAT3614HV2-GT2 Datasheet HTML 7Page - ON Semiconductor CAT3614HV2-GT2 Datasheet HTML 8Page - ON Semiconductor CAT3614HV2-GT2 Datasheet HTML 9Page - ON Semiconductor CAT3614HV2-GT2 Datasheet HTML 10Page - ON Semiconductor CAT3614HV2-GT2 Datasheet HTML 11Page - ON Semiconductor CAT3614HV2-GT2 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CAT3614
http://onsemi.com
10
LED Current Setting
Figure 2 shows the timing diagram necessary at the
EN/DIM input for setting the LED currents.
The EN/DIM set up time requires the signal to be held
high for 10
ms or longer to ensure the initialization of the
driver at power−up. Each subsequent pulse on the EN/DIM
(300 ns to 200
ms pulse duration) steps down the LED
current from full scale of 31 mA to zero with a 1 mA
resolution. Consecutive pulses should be separated by
300 ns or longer. Pulsing beyond the 0 mA level restores the
current level back to full scale and the cycle repeats. Pulsing
frequencies from 5 kHz up to 1 MHz can be supported
during dimming operations. When the EN/DIM is held low
for 1.5 ms or more, the CAT3614 enters the shutdown mode
and draws “zero” current.
For applications with three LEDs or less, any unused LED
pins should be tied to VOUT, as shown on Figure 28.
Protection Mode
If an LED becomes open−circuit, the output voltage
VOUT is internally limited to about 5.5 V. This is to prevent
the output pin from exceeding its absolute maximum rating.
The driver enters a thermal shutdown mode as soon as the
die temperature exceeds about +165
°C. When the device
temperature drops down by about 20
°C, the device resumes
normal operation.
External Components
The driver requires a total of four external 1
mF ceramic
capacitors: two for decoupling input and output, and two for
the charge pump. Both capacitor types X5R and X7R are
recommended for the LED driver application. In the 1.5x
charge pump mode, the input current ripple is kept very low
by design, and an input bypass capacitor of 1
mF is sufficient.
In 1x mode, the device operating in linear mode does not
introduce switching noise back onto the supply.
Recommended Layout
In 1.5x charge pump mode, the driver switches internally
at a high frequency of 1 MHz. It is recommended to
minimize trace length to all four capacitors. A ground plane
should cover the area under the driver IC as well as the
bypass capacitors. Short connection to ground on capacitors
Cin and Cout can be implemented with the use of multiple
vias. A copper area matching the TDFN exposed pad (GND)
must be connected to the ground plane underneath. The use
of multiple vias improves the package heat dissipation.
Figure 28. Three LED Application
Figure 29. Single Flash LED Application
GND
LED4
EN/DIM
CAT3614
VIN
VOUT
3 V to
5.5 V
C1+
ENABLE/
DIMMING
GND
LED2
LED3
LED1
LED4
EN/DIM
CAT3614
VIN
VOUT
1 mF
1 mF
3 V to
5.5 V
C1−
C1+
C2−
C2+
1 mF
1 mF
Flash
LED
ENABLE/
DIMMING
120 mA
COUT
1 mF
1 mF
1 mF
LED3
LED2
LED1
VIN
1 mF
CIN
C1− C2+
C2−
COUT
CIN
VIN


Similar Part No. - CAT3614HV2-GT2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3614HV2-GT2 CATALYST-CAT3614HV2-GT2 Datasheet
217Kb / 13P
   4-Channel 1-Wire LED Driver in 3 x 3mm Package
More results

Similar Description - CAT3614HV2-GT2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3614 CATALYST-CAT3614_08 Datasheet
217Kb / 13P
   4-Channel 1-Wire LED Driver in 3 x 3mm Package
logo
ON Semiconductor
CAT3614HV2-T2 ONSEMI-CAT3614HV2-T2 Datasheet
197Kb / 13P
   4-Channel 1-Wire LED Driver in 3 x 3mm Package
Doc. No. MD-5035, Rev.C
CAT3603 ONSEMI-CAT3603 Datasheet
168Kb / 11P
   3-Channel LED Driver in 3 x 3 mm Package
January, 2010 ??Rev. 5
CAT3603HV2 ONSEMI-CAT3603HV2 Datasheet
381Kb / 12P
   3-Channel LED Driver in 3 x 3mm Package
Doc. No. MD-5017 Rev. F
logo
Catalyst Semiconductor
CAT3614 CATALYST-CAT3614 Datasheet
452Kb / 12P
   4-Channel 1-Wire LED Driver in 3x3mm Package
CAT3603 CATALYST-CAT3603 Datasheet
510Kb / 12P
   3-Channel LED Driver in 3x3mm Package
logo
List of Unclassifed Man...
AND124G ETC-AND124G Datasheet
51Kb / 2P
   Standard LED T-1 Package (3 mm)
logo
Everlight Electronics C...
484-10UTC-S400-A6 EVERLIGHT-484-10UTC-S400-A6 Datasheet
208Kb / 6P
   3 mm Round LED (T-1 3/4 )
logo
Vishay Siliconix
TLHW5100 VISHAY-TLHW5100 Datasheet
175Kb / 5P
   White LED in 5mm (T 1 3/4) Waterclear Package
Rev. 1.5, 31-Aug-04
TLDR4900 VISHAY-TLDR4900 Datasheet
74Kb / 5P
   High Intensity LED in 3 mm Clear Package
Rev. A1, 04-Feb-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com