Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3636 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT3636
Description  6-Channel Quad-Mode Fractional LED Driver in TQFN 3x3
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3636 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT3636 Datasheet HTML 1Page - ON Semiconductor CAT3636 Datasheet HTML 2Page - ON Semiconductor CAT3636 Datasheet HTML 3Page - ON Semiconductor CAT3636 Datasheet HTML 4Page - ON Semiconductor CAT3636 Datasheet HTML 5Page - ON Semiconductor CAT3636 Datasheet HTML 6Page - ON Semiconductor CAT3636 Datasheet HTML 7Page - ON Semiconductor CAT3636 Datasheet HTML 8Page - ON Semiconductor CAT3636 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CAT3636
http://onsemi.com
4
TYPICAL PERFORMANCE CHARACTERISTICS
(VIN = 3.6 V, IOUT = 120 mA (6 LEDs at 20 mA), CIN = COUT = C1 = C2 = 1 mF, TAMB = 25°C unless otherwise specified.)
40
50
60
70
80
90
100
2.0
2.5
3.0
3.5
4.0
4.5
INPUT VOLTAGE (V)
1x
1.33x
1.5x
2x
IOUT = 40 mA
Figure 3. Efficiency vs. Input Voltage
40
50
60
70
80
90
100
3.0
3.2
3.4
3.6
3.8
4.0
4.2
INPUT VOLTAGE (V)
Traditional 1.5x
Charge Pump
Figure 4. Efficiency vs. Li−Ion Voltage
−10
−8
−6
−4
−2
0
2
4
6
8
10
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
Figure 5. LED Current Change vs. Input
Voltage
−10
−8
−6
−4
−2
0
2
4
6
8
10
−40
−20
0
20
40
60
80
TEMPERATURE (°C)
0
1
2
3
4
5
6
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
Figure 6. LED Current Change vs.
Temperature
Figure 7. Quiescent Current vs. Input Voltage
VF = 3.3 V
VF = 3.0 V
VF = 3.3 V
VF = 3.3 V
VF = 3.3 V


Similar Part No. - CAT3636

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3636 CATALYST-CAT3636 Datasheet
436Kb / 15P
   6-Channel Quad-ModeTM Fractional LED Driver in TQFN3x3
CAT3636 CATALYST-CAT3636 Datasheet
344Kb / 16P
   6-Channel Quad-ModeTM Fractional LED Driver in TQFN3x3
CAT3636HV3-T2 CATALYST-CAT3636HV3-T2 Datasheet
398Kb / 16P
   6-Channel Quad-ModeTM Fractional LED Driver in TQFN3x3
logo
ON Semiconductor
CAT3636HV3-T2 ONSEMI-CAT3636HV3-T2 Datasheet
328Kb / 16P
   6-Channel Quad-Mode Fractional LED Driver in TQFN3x3
Doc. No. MD-5020 Rev. F
logo
Catalyst Semiconductor
CAT3636HV32 CATALYST-CAT3636HV32 Datasheet
436Kb / 15P
   6-Channel Quad-ModeTM Fractional LED Driver in TQFN3x3
More results

Similar Description - CAT3636

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3636HV3-T2 ONSEMI-CAT3636HV3-T2 Datasheet
328Kb / 16P
   6-Channel Quad-Mode Fractional LED Driver in TQFN3x3
Doc. No. MD-5020 Rev. F
logo
Catalyst Semiconductor
CAT3636 CATALYST-CAT3636_08 Datasheet
344Kb / 16P
   6-Channel Quad-ModeTM Fractional LED Driver in TQFN3x3
CAT3636 CATALYST-CAT3636 Datasheet
436Kb / 15P
   6-Channel Quad-ModeTM Fractional LED Driver in TQFN3x3
CAT3636 CATALYST-CAT3636_07 Datasheet
398Kb / 16P
   6-Channel Quad-ModeTM Fractional LED Driver in TQFN3x3
logo
ON Semiconductor
CAT3637HV3-GT2 ONSEMI-CAT3637HV3-GT2 Datasheet
270Kb / 14P
   6-Channel Programmable High Efficiency Quad-Mode LED Driver
Doc. No. MD-5033 Rev. C
CAT3637 ONSEMI-CAT3637 Datasheet
227Kb / 14P
   6-Channel Programmable High Efficiency Quad-Mode LED Driver
April, 2010 ??Rev. 3
logo
Catalyst Semiconductor
CAT3637 CATALYST-CAT3637 Datasheet
283Kb / 14P
   6-Channel Programmable High Efficiency Quad-Mode??LED Driver
logo
ON Semiconductor
CAT3649 ONSEMI-CAT3649 Datasheet
304Kb / 14P
   6-Channel Quad-Mode LED Driver with 32 Dimming Levels & PWM
November, 2010 ??Rev. 2
CAT4106 ONSEMI-CAT4106_14 Datasheet
219Kb / 15P
   6 W Quad Channel DC/DC LED Driver
June, 2014 ??Rev. 4
CAT3643 ONSEMI-CAT3643 Datasheet
214Kb / 15P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver
May, 2010 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com