Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT4137TD-T3 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT4137TD-T3
Description  CMOS Boost Converter - White LED Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4137TD-T3 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT4137TD-T3 Datasheet HTML 3Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 4Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 5Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 6Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 7Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 8Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 9Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 10Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CAT4137
http://onsemi.com
7
TYPICAL CHARACTERISTICS
(VIN = 3.6 V, CIN = 1.0 mF, COUT = 0.22 mF, L = 22 mH with 3 LEDs at 20 mA, TAMB = 25°C, unless otherwise specified.)
Figure 20. Power−up with 3 LEDs at 20 mA
Figure 21. Line Transient Response
(3 V − 5.5 V)
Figure 22. Maximum Output Current vs. Input
Voltage
INPUT VOLTAGE (V)
5.5
4.0
3.5
3.0
2.0
0
20
40
60
80
120
140
2.5
4.5
5.0
100
VOUT = 10 V
VOUT = 17 V


Similar Part No. - CAT4137TD-T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4137TD-T3 ONSEMI-CAT4137TD-T3 Datasheet
251Kb / 16P
   CMOS Boost Converter - White LED Driver
Doc. No. MD-5012 Rev. C
CAT4137TD-T3 ONSEMI-CAT4137TD-T3 Datasheet
170Kb / 15P
   CMOS Boost Converter - White LED Driver
November, 2011 ??Rev. 3
More results

Similar Description - CAT4137TD-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37 Datasheet
168Kb / 13P
   CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT37 ONSEMI-CAT37 Datasheet
149Kb / 11P
   CMOS White LED Driver Boost Converter
February, 2010 ??Rev. 21
logo
Catalyst Semiconductor
CAT4137 CATALYST-CAT4137 Datasheet
302Kb / 14P
   CMOS Boost Converter - White LED Driver
logo
ON Semiconductor
CAT37TDI-T3 ONSEMI-CAT37TDI-T3 Datasheet
187Kb / 13P
   CMOS White LED Driver Boost Converter
Doc. No. MD-5005 Rev. V
CAT4137TD-T3 ONSEMI-CAT4137TD-T3 Datasheet
251Kb / 16P
   CMOS Boost Converter - White LED Driver
Doc. No. MD-5012 Rev. C
CAT4137 ONSEMI-CAT4137_11 Datasheet
170Kb / 15P
   CMOS Boost Converter - White LED Driver
November, 2011 ??Rev. 3
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37_05 Datasheet
557Kb / 12P
   CMOS White LED Driver Boost Converter
logo
Texas Instruments
CAT37 TI-CAT37_08 Datasheet
248Kb / 13P
[Old version datasheet]   CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT4237 ONSEMI-CAT4237 Datasheet
279Kb / 13P
   High Voltage CMOS Boost White LED Driver
February, 2010 ??Rev. 2
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237 Datasheet
533Kb / 13P
   High Voltage CMOS Boost White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com