Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT4139TD-GT3 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT4139TD-GT3
Description  22 V High Current Boost White LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4139TD-GT3 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT4139TD-GT3 Datasheet HTML 3Page - ON Semiconductor CAT4139TD-GT3 Datasheet HTML 4Page - ON Semiconductor CAT4139TD-GT3 Datasheet HTML 5Page - ON Semiconductor CAT4139TD-GT3 Datasheet HTML 6Page - ON Semiconductor CAT4139TD-GT3 Datasheet HTML 7Page - ON Semiconductor CAT4139TD-GT3 Datasheet HTML 8Page - ON Semiconductor CAT4139TD-GT3 Datasheet HTML 9Page - ON Semiconductor CAT4139TD-GT3 Datasheet HTML 10Page - ON Semiconductor CAT4139TD-GT3 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CAT4139
http://onsemi.com
7
Pin Description
VIN is the supply input for the internal logic. The device is
compatible with supply voltages down to 2.8 V and up to
5.5 V. It is recommended that a small bypass ceramic
capacitor (4.7
mF) be placed between the VIN and GND pins
near the device. If the supply voltage drops below 1.9 V, the
device stops switching.
SHDN is the shutdown logic input. When the pin is tied to
a voltage lower than 0.4 V, the device is in shutdown mode,
drawing nearly zero current. When the pin is connected to a
voltage higher than 1.5 V, the device is enabled.
GND is the ground reference pin. This pin should be
connected directly to the ground plane on the PCB.
SW pin is connected to the drain of the internal CMOS
power switch of the boost converter. The inductor and the
Schottky diode anode should be connected to the SW pin.
Traces going to the SW pin should be as short as possible
with minimum loop area. An over−voltage detection circuit
is connected to the SW pin. When the voltage reaches 24 V,
the device enters a low power operating mode preventing the
SW voltage from exceeding the maximum rating.
FB feedback pin is regulated at 0.3 V. A resistor connected
between the FB pin and ground sets the LED current
according to the formula:
ILED +
0.3 V
R1
The lower LED cathode is connected to the FB pin.
Table 4. PIN DESCRIPTIONS
Pin #
Name
Function
1
SW
Switch pin. This is the drain of the internal power switch.
2
GND
Ground pin. Connect the pin to the ground plane.
3
FB
Feedback pin. Connect to the last LED cathode.
4
SHDN
Shutdown pin (Logic Low). Set high to enable the driver.
5
VIN
Power Supply input.
Figure 17. Simplified Block Diagram
VOUT
Current
Sense
Ref
300 mV
C1
Thermal
Shutdown
& UVLO
1 MHz
Oscillator
Over Voltage
Protection
PWM
&
Logic
Driver
C2
GND
SW
FB
+
+
VIN
VIN
SHDN
ILED
RS


Similar Part No. - CAT4139TD-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4139TD-GT3 CATALYST-CAT4139TD-GT3 Datasheet
274Kb / 13P
   22V High Current Boost White LED Driver
logo
ON Semiconductor
CAT4139TD-GT3 ONSEMI-CAT4139TD-GT3 Datasheet
266Kb / 13P
   22V High Current Boost White LED Driver
Doc. No. MD-5032 Rev. B
CAT4139TD-GT3 ONSEMI-CAT4139TD-GT3 Datasheet
133Kb / 13P
   22V High Current Boost White LED Driver
April, 2016 ??Rev. 2
More results

Similar Description - CAT4139TD-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4139TD-GT3 ONSEMI-CAT4139TD-GT3 Datasheet
266Kb / 13P
   22V High Current Boost White LED Driver
Doc. No. MD-5032 Rev. B
logo
Catalyst Semiconductor
CAT4139 CATALYST-CAT4139 Datasheet
274Kb / 13P
   22V High Current Boost White LED Driver
logo
ON Semiconductor
CAT4139 ONSEMI-CAT4139_16 Datasheet
133Kb / 13P
   22V High Current Boost White LED Driver
April, 2016 ??Rev. 2
logo
Copal Electronics
W-6139 COPAL-W-6139 Datasheet
304Kb / 13P
   22 V High Current Boost
logo
Kingbor Technology Co
KB4314 KINGBOR-KB4314 Datasheet
150Kb / 9P
   High Efficiency, Constant Current 1 Watt Boost White-LED Driver
KB4317 KINGBOR-KB4317 Datasheet
146Kb / 9P
   High Efficiency, Constant Current 2 Watt Boost White-LED Driver
logo
Eutech Microelectronics...
EUP2588 EUTECH-EUP2588 Datasheet
134Kb / 1P
   4 Strings High Current White LED Driver with Boost Controller
logo
Kingbor Technology Co
KB4313 KINGBOR-KB4313 Datasheet
210Kb / 10P
   High Efficiency, Constant Current 12 Watt Boost White-LED Driver
logo
Alpha & Omega Semicondu...
AOZ1950 AOSMD-AOZ1950 Datasheet
1Mb / 14P
   Boost Regulator White LED Driver
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237 Datasheet
533Kb / 13P
   High Voltage CMOS Boost White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com